Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TD62081AFG Datasheet(PDF) 6 Page - Toshiba Semiconductor

No. de pieza TD62081AFG
Descripción Electrónicos  8ch Darlington Sink Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TD62081AFG Datasheet(HTML) 6 Page - Toshiba Semiconductor

Back Button TD62081AFG Datasheet HTML 2Page - Toshiba Semiconductor TD62081AFG Datasheet HTML 3Page - Toshiba Semiconductor TD62081AFG Datasheet HTML 4Page - Toshiba Semiconductor TD62081AFG Datasheet HTML 5Page - Toshiba Semiconductor TD62081AFG Datasheet HTML 6Page - Toshiba Semiconductor TD62081AFG Datasheet HTML 7Page - Toshiba Semiconductor TD62081AFG Datasheet HTML 8Page - Toshiba Semiconductor TD62081AFG Datasheet HTML 9Page - Toshiba Semiconductor TD62081AFG Datasheet HTML 10Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
TD62081~084APG/AFG
2006-06-13
6
8.
tON, tOFF
Note 1: Pulse width 50 µs, duty cycle 10%
Output impedance 50
Ω, tr ≤ 5 ns, tf ≤ 10 ns
Note 2: See below.
Input condition
Type Number
R1
VIH
TD62081APG/AFG
2.7 k
3 V
TD62082APG/AFG
0
13 V
TD62083APG/AFG
0
3 V
TD62084APG/AFG
0
8 V
Note 3: CL includes probe and jig capacitance
Precautions for Using
This IC does not include built-in protection circuits for excess current or overvoltage.
If this IC is subjected to excess current or overvoltage, it may be destroyed.
Hence, the utmost care must be taken when systems which incorporate this IC are designed.
Utmost care is necessary in the design of the output line, COMMON and GND line since IC may be destroyed
due to short-circuit between outputs, air contamination fault, or fault by improper grounding.
10%
10%
50%
tON
tOFF
tf
tr
VIH
0
VOH
VOL
Input
50%
90%
90%
50
µs
Output
Input
CL = 15 pF
(Note 3)
(Note 1)
Open VOUT
Output
Pulse
generator
RL
(Note 2)
Input
condition


Número de pieza similar - TD62081AFG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TD62081AF TOSHIBA-TD62081AF Datasheet
366Kb / 10P
   8CH DARLINGTON SINK DRIVER
More results

Descripción similar - TD62081AFG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ARTSCHIP ELECTRONICS CO...
ULN2803 ARTSCHIP-ULN2803 Datasheet
343Kb / 8P
   8CH DARLINGTON SINK DRIVER
logo
Toshiba Semiconductor
TD62081AP TOSHIBA-TD62081AP Datasheet
366Kb / 10P
   8CH DARLINGTON SINK DRIVER
ULN2803APG TOSHIBA-ULN2803APG Datasheet
460Kb / 12P
   8ch Darlington Sink Driver
logo
IK Semicon Co., Ltd
IK62083 IKSEMICON-IK62083_13 Datasheet
336Kb / 9P
   8CH Darlington Sink Driver
IK62083 IKSEMICON-IK62083 Datasheet
450Kb / 8P
   8CH Darlington Sink Driver
logo
Toshiba Semiconductor
ULN2803AFW TOSHIBA-ULN2803AFW Datasheet
320Kb / 10P
   8CH DARLINGTON SINK DRIVER
TD62083AFNG TOSHIBA-TD62083AFNG Datasheet
362Kb / 11P
   8CH DARLINGTON SINK DRIVER
TD62083AFN TOSHIBA-TD62083AFN Datasheet
266Kb / 8P
   8CH DARLINGTON SINK DRIVER
logo
KODENSHI_AUK CORP.
S37701 KODENSHI-S37701 Datasheet
410Kb / 11P
   8CH Darlington TR Sink Driver
logo
Toshiba Semiconductor
TD62380P TOSHIBA-TD62380P Datasheet
169Kb / 5P
   8CH LOW SATURATION DARLINGTON SINK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com