Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TD62084APG Datasheet(PDF) 3 Page - Toshiba Semiconductor

No. de pieza TD62084APG
Descripción Electrónicos  8ch Darlington Sink Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TD62084APG Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TD62084APG Datasheet HTML 1Page - Toshiba Semiconductor TD62084APG Datasheet HTML 2Page - Toshiba Semiconductor TD62084APG Datasheet HTML 3Page - Toshiba Semiconductor TD62084APG Datasheet HTML 4Page - Toshiba Semiconductor TD62084APG Datasheet HTML 5Page - Toshiba Semiconductor TD62084APG Datasheet HTML 6Page - Toshiba Semiconductor TD62084APG Datasheet HTML 7Page - Toshiba Semiconductor TD62084APG Datasheet HTML 8Page - Toshiba Semiconductor TD62084APG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
TD62081~084APG/AFG
2006-06-13
3
Recommended Operating Conditions (Ta
= −40 to 85°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Output sustaining voltage
VCE (SUS)
0
50
V
Tpw = 25 ms, Duty = 10%
8 circuits
0
347
APG
Tpw = 25 ms, Duty = 50%
8 circuits
0
123
Tpw = 25 ms, Duty = 10%
8 circuits
0
268
Output current
AFG
IOUT
Tpw = 25 ms, Duty = 50%
8 circuits
0
90
mA/ch
Input voltage
Except
TD62081APG/AFG
VIN
0
30
V
TD62082APG/AFG
14
30
TD62083APG/AFG
2.5
30
Input voltage
(Output on)
TD62084APG/AFG
VIN (ON)
8
30
V
TD62082APG/AFG
0
7.4
TD62083APG/AFG
0
0.5
Input voltage
(Output off)
TD62084APG/AFG
VIN (OFF)
0
1.0
V
Input current
Only
TD62081APG/AFG
IIN
0
5
mA
Clamp diode reverse voltage
VR
50
V
Clamp diode forward current
IF
400
mA
APG
0.52
Power
dissipation
AFG
PD
0.4
W


Número de pieza similar - TD62084APG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TD62084AP TOSHIBA-TD62084AP Datasheet
366Kb / 10P
   8CH DARLINGTON SINK DRIVER
More results

Descripción similar - TD62084APG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ARTSCHIP ELECTRONICS CO...
ULN2803 ARTSCHIP-ULN2803 Datasheet
343Kb / 8P
   8CH DARLINGTON SINK DRIVER
logo
Toshiba Semiconductor
TD62081AP TOSHIBA-TD62081AP Datasheet
366Kb / 10P
   8CH DARLINGTON SINK DRIVER
ULN2803APG TOSHIBA-ULN2803APG Datasheet
460Kb / 12P
   8ch Darlington Sink Driver
logo
IK Semicon Co., Ltd
IK62083 IKSEMICON-IK62083_13 Datasheet
336Kb / 9P
   8CH Darlington Sink Driver
IK62083 IKSEMICON-IK62083 Datasheet
450Kb / 8P
   8CH Darlington Sink Driver
logo
Toshiba Semiconductor
ULN2803AFW TOSHIBA-ULN2803AFW Datasheet
320Kb / 10P
   8CH DARLINGTON SINK DRIVER
TD62083AFNG TOSHIBA-TD62083AFNG Datasheet
362Kb / 11P
   8CH DARLINGTON SINK DRIVER
TD62083AFN TOSHIBA-TD62083AFN Datasheet
266Kb / 8P
   8CH DARLINGTON SINK DRIVER
logo
KODENSHI_AUK CORP.
S37701 KODENSHI-S37701 Datasheet
410Kb / 11P
   8CH Darlington TR Sink Driver
logo
Toshiba Semiconductor
TD62380P TOSHIBA-TD62380P Datasheet
169Kb / 5P
   8CH LOW SATURATION DARLINGTON SINK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com