Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TD62506PG Datasheet(PDF) 2 Page - Toshiba Semiconductor

No. de pieza TD62506PG
Descripción Electrónicos  7ch Single Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TD62506PG Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TD62506PG Datasheet HTML 1Page - Toshiba Semiconductor TD62506PG Datasheet HTML 2Page - Toshiba Semiconductor TD62506PG Datasheet HTML 3Page - Toshiba Semiconductor TD62506PG Datasheet HTML 4Page - Toshiba Semiconductor TD62506PG Datasheet HTML 5Page - Toshiba Semiconductor TD62506PG Datasheet HTML 6Page - Toshiba Semiconductor TD62506PG Datasheet HTML 7Page - Toshiba Semiconductor TD62506PG Datasheet HTML 8Page - Toshiba Semiconductor TD62506PG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
TD62501~507PG/FG
2006-06-14
2
Pin Assignment (top view)
TD62501PG/FG, TD62502PG/FG
TD62503PG/FG, TD62504PG/FG
TD62505PG/FG, TD62506PG/FG
TD62507PG/FG
*: NC pin assignment
The NC pin is not assigned to an internal chip of
these products; hence, no need to assign
necessarily. If it is needed, Toshiba recommends
that you connect the NC pin to the common emitter
(GND).
Schematics (each driver)
TD62501PG/FG
TD62502PG/FG
TD62503PG/FG
TD62504PG/FG
TD62503PG/FG R1 = 2.7 kΩ,
TD62504PG/FG R1 = 10.5 kΩ
∗: Parasitic diodes
Note: The input and output parasitic diodes cannot be used as clamp diodes.
Input
Output
Common
emitter
7 V
10.5 k
(*)
(*)
(*)
(*)
(*)
(*)
Input
Output
Common
emitter
(*)
(*)
(*)
(*)
(*)
(*)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
O1
O2
O3
O4
O5
O6
O7
I1
I2
I3
I4
I5
I6
I7 SUB
10
9
COM-C
1
2
3
4
5
6
7
8
16
15
14
13
12
11
O1
O2
O3
O4
O5
O6
O7 NC
I1
I2
I3
I4
I5
I6
I7 COM-E
10
9
Input
Output
Common
emitter
R1
(*)
(*)
(*)
(*)
(*)
(*)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
E5
B5
C4
E4
B4
B3
E3
C5
C1
E1
B1 SUB C2
E2
10
9
C3
B2


Número de pieza similar - TD62506PG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TD62506P TOSHIBA-TD62506P Datasheet
339Kb / 9P
   7 SINGLE DRIVER
More results

Descripción similar - TD62506PG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TD62502FN TOSHIBA-TD62502FN Datasheet
211Kb / 5P
   7ch SINGLE DRIVER(COMMON EMITTER)
TD62503PA TOSHIBA-TD62503PA Datasheet
192Kb / 5P
   7CH SINGLE DRIVER : COMMON EMITTER
TD62504P-H TOSHIBA-TD62504P-H Datasheet
200Kb / 5P
   7CH SINGLE DRIVER : COMMON DMITTRER
TD62502FNG TOSHIBA-TD62502FNG Datasheet
144Kb / 8P
   7ch Single Driver: Common Emitter
TD62503FB TOSHIBA-TD62503FB Datasheet
194Kb / 5P
   7CH SINGLE DRIVER : COMMON EMITTER
TD62003FB TOSHIBA-TD62003FB Datasheet
293Kb / 7P
   7CH DARLINGTON SINK DRIVER
logo
Unisonic Technologies
ULN2004 UTC-ULN2004_10 Datasheet
212Kb / 8P
   7CH DARLINGTON SINK DRIVER
logo
Toshiba Semiconductor
TD62003PA TOSHIBA-TD62003PA Datasheet
334Kb / 9P
   7CH DARLINGTON SINK DRIVER
logo
Rohm
BD6757KN ROHM-BD6757KN Datasheet
232Kb / 6P
   7ch Stepping Motor Driver
logo
Toshiba Semiconductor
TD62008APG TOSHIBA-TD62008APG Datasheet
472Kb / 10P
   7CH DARLINGTON SINK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com