Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TD62505PG Datasheet(PDF) 3 Page - Toshiba Semiconductor

No. de pieza TD62505PG
Descripción Electrónicos  7ch Single Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TD62505PG Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TD62505PG Datasheet HTML 1Page - Toshiba Semiconductor TD62505PG Datasheet HTML 2Page - Toshiba Semiconductor TD62505PG Datasheet HTML 3Page - Toshiba Semiconductor TD62505PG Datasheet HTML 4Page - Toshiba Semiconductor TD62505PG Datasheet HTML 5Page - Toshiba Semiconductor TD62505PG Datasheet HTML 6Page - Toshiba Semiconductor TD62505PG Datasheet HTML 7Page - Toshiba Semiconductor TD62505PG Datasheet HTML 8Page - Toshiba Semiconductor TD62505PG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
TD62501~507PG/FG
2006-06-14
3
Schematics (Each driver)
TD62505PG/FG
TD62506PG/FG
TD62507PG/FG
∗: Parasitic diodes
Note: The input and output parasitic diodes cannot be used as clamp diodes.
Absolute Maximum Ratings (Ta
= 25°C)
Characteristics
Symbol
Rating
Unit
Collector-emitter voltage
VCEO
35
V
Collector-base voltage
VCBO
50
V
Collector current
IC
200
mA/ch
VIN (Note 1)
−0.5 to 45
Input voltage
VIN (Note 2)
−0.5 to 30
V
Input current
IIN (Note 3)
25
mA
Isolation voltage
VSUB
35
V
PG
1.0
Power dissipation
FG
PD
0.625 (Note 4)
W
Operating temperature
Topr
−40 to 85
°C
Storage temperature
Tstg
−55 to 150
°C
Note 1: TD62506PG/FG
Note 2: TD62502PG/FG, TD62503PG/FG, TD62504PG/FG
Note 3: TD62501PG/FG, TD62505PG/FG, TD62507PG/FG
Note 4: On Glass Epoxy PCB (30
× 30 × 1.6 mm Cu 50%)
(*)
(*)
(*)
(*)
(*)
(*)
Input
Common
collector
SUB
Output
2.7 k
(*)
(*)
GND (SUB)
(*)
(*)
(*)
(*)
(*)
(*)
(*)
(*)
Common
collector
SUB
Output
(*)
(*)
(*)
(*)
(*)
(*)


Número de pieza similar - TD62505PG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TD62505P TOSHIBA-TD62505P Datasheet
339Kb / 9P
   7 SINGLE DRIVER
More results

Descripción similar - TD62505PG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TD62502FN TOSHIBA-TD62502FN Datasheet
211Kb / 5P
   7ch SINGLE DRIVER(COMMON EMITTER)
TD62503PA TOSHIBA-TD62503PA Datasheet
192Kb / 5P
   7CH SINGLE DRIVER : COMMON EMITTER
TD62504P-H TOSHIBA-TD62504P-H Datasheet
200Kb / 5P
   7CH SINGLE DRIVER : COMMON DMITTRER
TD62502FNG TOSHIBA-TD62502FNG Datasheet
144Kb / 8P
   7ch Single Driver: Common Emitter
TD62503FB TOSHIBA-TD62503FB Datasheet
194Kb / 5P
   7CH SINGLE DRIVER : COMMON EMITTER
TD62003FB TOSHIBA-TD62003FB Datasheet
293Kb / 7P
   7CH DARLINGTON SINK DRIVER
logo
Unisonic Technologies
ULN2004 UTC-ULN2004_10 Datasheet
212Kb / 8P
   7CH DARLINGTON SINK DRIVER
logo
Toshiba Semiconductor
TD62003PA TOSHIBA-TD62003PA Datasheet
334Kb / 9P
   7CH DARLINGTON SINK DRIVER
logo
Rohm
BD6757KN ROHM-BD6757KN Datasheet
232Kb / 6P
   7ch Stepping Motor Driver
logo
Toshiba Semiconductor
TD62008APG TOSHIBA-TD62008APG Datasheet
472Kb / 10P
   7CH DARLINGTON SINK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com