Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TD62783APG Datasheet(PDF) 2 Page - Toshiba Semiconductor

No. de pieza TD62783APG
Descripción Electrónicos  8CH HIGH−VOLTAGE SOURCE DRIVER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TD62783APG Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TD62783APG_06 Datasheet HTML 1Page - Toshiba Semiconductor TD62783APG_06 Datasheet HTML 2Page - Toshiba Semiconductor TD62783APG_06 Datasheet HTML 3Page - Toshiba Semiconductor TD62783APG_06 Datasheet HTML 4Page - Toshiba Semiconductor TD62783APG_06 Datasheet HTML 5Page - Toshiba Semiconductor TD62783APG_06 Datasheet HTML 6Page - Toshiba Semiconductor TD62783APG_06 Datasheet HTML 7Page - Toshiba Semiconductor TD62783APG_06 Datasheet HTML 8Page - Toshiba Semiconductor TD62783APG_06 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
TD62783,784APG/AFWG
2006-09-21
2
ABSOLUTE MAXIMUM RATINGS (Ta
= 25°C)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Supply Voltage
VCC
50
V
Output Current
IOUT
−500
mA / ch
VIN (Note 1)
15
Input Voltage
VIN (Note 2)
30
V
Clamp Diode Reverse Voltage
VR
50
V
Clamp Diode Forward Current
IF
500
mA
APG
1.47
Power Dissipation
AFWG
PD
0.92 / 1.31 (Note 3)
W
Operating Temperature
Topr
−40~85
°C
Storage Temperature
Tstg
−55~150
°C
Note 1: Only TD62783APG / AFWG
Note 2: Only TD62784APG / AFWG
Note 3: On Glass Epoxy PCB (75
× 114 × 1.6 mm Cu 20%)
RECOMMENDED OPERATING CONDITIONS (Ta = −40~85°C)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN
TYP.
MAX
UNIT
Supply Voltage
VCC
50
V
Duty
= 10% 8Circuits
−260
TD62783,784APG
Duty
= 50% 8Circuits
−59
Duty
= 10% 8Circuits
−180
Output Current
TD62783,784AFWG
IOUT
Ta = 85°C
Tj = 120°C
Tpw = 25ms
Duty
= 50% 8Circuits
−38
mA /
ch
TD62783APG / AFWG
12
Input Voltage
TD62784APG / AFWG
VIN
24
V
TD62783APG / AFWG
2.0
5.0
15
Output
On
TD62784APG / AFWG
VIN (ON)
4.5
12.0
30
TD62783APG / AFWG
0
0.8
Input
Voltage
Output
Off
TD62784APG / AFWG
VIN (OFF)
0
2.0
V
Clamp Diode Reverse Voltage
VR
50
V
Clamp Diode Forward Current
IF
400
mA
APG
Ta
= 85°C
0.76
Power Dissipation
AFWG
PD
Ta
= 85°C
(Note)
0.68
W
Note: On Glass Epoxy PCB (75 × 114 × 1.6 mm Cu 20%)


Número de pieza similar - TD62783APG_06

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TD62783APG TOSHIBA-TD62783APG Datasheet
182Kb / 11P
   8 ch High-Voltage Source Driver
More results

Descripción similar - TD62783APG_06

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Unisonic Technologies
62784 UTC-62784 Datasheet
173Kb / 5P
   8CH HIGH−VOLTAGE SOURCE DRIVER
logo
Toshiba Semiconductor
TD62781AP TOSHIBA-TD62781AP_06 Datasheet
496Kb / 10P
   8CH HIGH−VOLTAGE SOURCE DRIVER
logo
Unisonic Technologies
62783 UTC-62783 Datasheet
173Kb / 5P
   8CH HIGH−VOLTAGE SOURCE DRIVER
logo
Toshiba Semiconductor
TD62783AFNG TOSHIBA-TD62783AFNG Datasheet
331Kb / 10P
   8CH HIGH−VOLTAGE HIGH SOURCE−CURRENT DRIVER
TD62783AP TOSHIBA-TD62783AP Datasheet
277Kb / 8P
   8CH HIGH-VOLTAGE SOURCE DRIVER
TD62781AP TOSHIBA-TD62781AP Datasheet
228Kb / 6P
   8CH HIGH-VOLTAGE SOURCE DRIVER
TD62786AP TOSHIBA-TD62786AP Datasheet
262Kb / 7P
   8CH HIGH-VOLTAGE SOURCE DRIVER
TD62783 TOSHIBA-TD62783 Datasheet
272Kb / 8P
   8CH HIGH-VOLTAGE SOURCE DRIVER
TD62783784AP TOSHIBA-TD62783784AP Datasheet
206Kb / 9P
   8CH HIGH-VOLTAGE SOURCE DRIVER
TD62783APA TOSHIBA-TD62783APA Datasheet
203Kb / 6P
   8CH HIGH-VOLTAGE SOURCE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com