Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TLAU1002A Datasheet(PDF) 1 Page - Toshiba Semiconductor

No. de pieza TLAU1002A
Descripción Electrónicos  Panel Circuit Indicator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLAU1002A Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLAU1002A Datasheet HTML 1Page - Toshiba Semiconductor TLAU1002A Datasheet HTML 2Page - Toshiba Semiconductor TLAU1002A Datasheet HTML 3Page - Toshiba Semiconductor TLAU1002A Datasheet HTML 4Page - Toshiba Semiconductor TLAU1002A Datasheet HTML 5Page - Toshiba Semiconductor TLAU1002A Datasheet HTML 6Page - Toshiba Semiconductor TLAU1002A Datasheet HTML 7Page - Toshiba Semiconductor TLAU1002A Datasheet HTML 8Page - Toshiba Semiconductor TLAU1002A Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
TL(RU,SU,OU,AU,YU,GU,PGU)1002A(T02)
2006-06-13
1
TOSHIBA LED Lamps
TLRU1002A(T02), TLSU1002A(T02), TLOU1002A(T02),
TLAU1002A(T02),TLYU1002A(T02), TLGU1002A(T02),
TLPGU1002A(T02)
Panel Circuit Indicator
• Surface-mount devices
• 2.0 (L) × 1.25 (W) × 1.1 (H) mm
• InGaAℓP LEDs
• It can be manufactured high-luminosity of equipment or reduce
of electric power consumption by change in the high-luminosity
LED from general-luminosity one.
• Colors: red, orange, amber, yellow, green, pure green
• Pb-free reflow soldering is possible
• Applications:
Backlighting source for battery-powered equipment
Pilot light for compact equipment
Low-power electronic equipment, etc.
• Standard embossed tape packing: T02 (3000/reel)
8-mm tape reel
Color and Material
Unit: mm
JEDEC
JEITA
TOSHIBA
4-1D1
Weight: 0.002 g (typ.)
Product Name
Color
Material
TLRU1002A
Red
TLSU1002A
Red
TLOU1002A
Orange
TLAU1002A
Amber
TLYU1002A
Yellow
TLGU1002A
Green
TLPGU1002A
Pure Green
InGaAℓP


Número de pieza similar - TLAU1002A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TLAU1002A TOSHIBA-TLAU1002A Datasheet
582Kb / 19P
   LED LAMP PANEL CIRCUIT INDICATOR
logo
Marktech Corporate
TLAU1002A MARKTECH-TLAU1002A Datasheet
414Kb / 17P
   TOSHIBA LED Lamps
logo
Toshiba Semiconductor
TLAU1002A TOSHIBA-TLAU1002A Datasheet
270Kb / 17P
   Panel Circuit Indicator
TLAU1002A TOSHIBA-TLAU1002A Datasheet
270Kb / 17P
   TLOU1002AT02
More results

Descripción similar - TLAU1002A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TLGC160 TOSHIBA-TLGC160 Datasheet
182Kb / 4P
   PANEL CIRCUIT INDICATOR
TLGD262 TOSHIBA-TLGD262 Datasheet
184Kb / 4P
   PANEL CIRCUIT INDICATOR
TLRM1108 TOSHIBA-TLRM1108 Datasheet
328Kb / 15P
   Panel Circuit Indicator
TLOE17T TOSHIBA-TLOE17T Datasheet
180Kb / 8P
   Panel Circuit Indicator
TLRH180P TOSHIBA-TLRH180P Datasheet
143Kb / 4P
   Panel Circuit Indicator
S4F42Q1 TOSHIBA-S4F42Q1 Datasheet
313Kb / 8P
   PANEL CIRCUIT INDICATOR
TLRMK37TPK53MT1 TOSHIBA-TLRMK37TPK53MT1 Datasheet
372Kb / 7P
   Panel Circuit Indicator
TLWJ1100 TOSHIBA-TLWJ1100 Datasheet
278Kb / 9P
   Panel Circuit Indicator
TLFGE19CP TOSHIBA-TLFGE19CP Datasheet
205Kb / 3P
   Panel Circuit Indicator
TLRH1032 TOSHIBA-TLRH1032 Datasheet
302Kb / 17P
   Panel Circuit Indicator
TLRH1106 TOSHIBA-TLRH1106 Datasheet
327Kb / 14P
   Panel Circuit Indicator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com