Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AM26LV31CNSRE4 Datasheet(PDF) 5 Page - Texas Instruments |
|
AM26LV31CNSRE4 Datasheet(HTML) 5 Page - Texas Instruments |
5 / 14 page www.ti.com PARAMETER MEASUREMENT INFORMATION RL/2 VOC RL/2 VOD2 G G A Y Z TEST CIRCUIT Generator (see Note B) 50 Ω VCC RL = 100 Ω CL = 15 pF (see Note A) VOD G G A Y Z VO VO Z Output, VO Input tPLH tPHL VCC 0 V 50% 50% PROPAGATION DELAY TIMES Y A Output, VO tr tf VOH 90% 90% RISE AND FALL TIMES 10% 10% VOL NOTES: A. CL includes probe and jig capacitance. B. The input pulse is supplied by a generator having the following characteristics: PRR = 32 MHz, ZO ≈ 50 Ω, 50% duty cycle, tr and tf ≤ 2 ns. 10% 10% 90% 90% Y Z tf tr VOL VOH AM26LV31C, AM26LV31I LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE DRIVERS SLLS201G – MAY 1995 – REVISED MAY 2005 Figure 1. Differential and Common-Mode Output Voltages Figure 2. Test Circuit and Voltage Waveforms, tPHL and tPLH 5 |
Número de pieza similar - AM26LV31CNSRE4 |
|
Descripción similar - AM26LV31CNSRE4 |