Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TLC5943 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TLC5943
Descripción Electrónicos  16-Channel, 16-Bit PWM LED Driver with 7-Bit Global Brightness Control
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TLC5943 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLC5943 Datasheet HTML 4Page - Texas Instruments TLC5943 Datasheet HTML 5Page - Texas Instruments TLC5943 Datasheet HTML 6Page - Texas Instruments TLC5943 Datasheet HTML 7Page - Texas Instruments TLC5943 Datasheet HTML 8Page - Texas Instruments TLC5943 Datasheet HTML 9Page - Texas Instruments TLC5943 Datasheet HTML 10Page - Texas Instruments TLC5943 Datasheet HTML 11Page - Texas Instruments TLC5943 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
www.ti.com
TLC5943
SBVS101 – DECEMBER 2007
TERMINAL FUNCTIONS
TERMINAL
NAME
PWP
RHB
I/O
DESCRIPTION
SIN
5
2
I
Serial data input for grayscale and brightness control data. Schmitt buffer input.
Serial data shift clock for GS shift register and BC shift register. Schmitt buffer input. The shift
register is selected by BCSEL. Data present on the SIN pin are shifted into the shift register
SCLK
4
1
I
selected by BCSEL with the rising edge of the SCLK pin. Data in the selected shift register are
shifted to the MSB side by 1-bit synchronizing to the rising edge of SCLK. The MSB data of the
selected register appears on SOUT.
Data in the Grayscale and Brightness shift register are moved to the respective first data latch
XLAT
3
32
I
with a low-to-high transition of this pin.
Shift register and data latch select. Schmitt buffer input. When BCSEL is low, Grayscale shift
BCSEL
6
3
I
register and first data latch are selected. When BCSEL is high, Brightness Control shift register
and first data latch are selected. BCSEL should not be changed while SCLK is high.
Reference clock for Grayscale PWM control. Schmitt buffer input. If BLANK is low, then each
GSCLK
25
24
I
rising edge of GSCLK increments the grayscale counter for PWM control.
Blank (all constant current outputs off). Schmitt buffer input. When BLANK is high, all constant
current outputs (OUT0 through OUT15) are forced off, the Grayscale counter is reset to '0', and
BLANK
2
31
I
the Grayscale PWM timing controller is initialized. When BLANK is low, all constant current
outputs are controlled by the Grayscale PWM timing controller.
Constant current value setting. OUT0 through OUT15 sink constant current is set to desired
IREF
27
26
I/O
value by connecting an external resistor between IREF and GND.
Serial data output. This output is connected to Grayscale/Status Information shift register or
SOUT
24
23
O
Brightness Control shift register. The connected register is selected by BCSEL.
XERR
23
22
O
Error output. Open-drain output. XERR goes low when LOD or TEF is detected.
OUT0
7
4
O
Constant current output.
OUT1
8
5
O
Constant current output
OUT2
9
6
O
Constant current output
OUT3
10
7
O
Constant current output
OUT4
11
8
O
Constant current output
OUT5
12
9
O
Constant current output
OUT6
13
10
O
Constant current output
OUT7
14
11
O
Constant current output
OUT8
15
14
O
Constant current output
OUT9
16
15
O
Constant current output
OUT10
17
16
O
Constant current output
OUT11
18
17
O
Constant current output
OUT12
19
18
O
Constant current output
OUT13
20
19
O
Constant current output
OUT14
21
20
O
Constant current output
OUT15
22
21
O
Constant current output
VCC
28
27
Power-supply voltage
GND
1
30
Power ground
XTEST
26
25
I
Factory test pin. XTEST must be connected to VCC or GND.
12, 13,
NC
No internal connection
28, 29
8
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): TLC5943


Número de pieza similar - TLC5943

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TLC5943 TI1-TLC5943 Datasheet
1Mb / 40P
[Old version datasheet]   16-Channel, 16-Bit PWM LED Driver with 7-Bit Global Brightness Control
TLC5943PWP TI1-TLC5943PWP Datasheet
1Mb / 40P
[Old version datasheet]   16-Channel, 16-Bit PWM LED Driver with 7-Bit Global Brightness Control
TLC5943PWP TI1-TLC5943PWP Datasheet
1Mb / 40P
[Old version datasheet]   16-Channel, 16-Bit PWM LED Driver with 7-Bit Global Brightness Control
TLC5943PWPG4 TI1-TLC5943PWPG4 Datasheet
1Mb / 40P
[Old version datasheet]   16-Channel, 16-Bit PWM LED Driver with 7-Bit Global Brightness Control
TLC5943PWPG4 TI1-TLC5943PWPG4 Datasheet
1Mb / 40P
[Old version datasheet]   16-Channel, 16-Bit PWM LED Driver with 7-Bit Global Brightness Control
More results

Descripción similar - TLC5943

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TLC5943 TI1-TLC5943_17 Datasheet
1Mb / 40P
[Old version datasheet]   16-Channel, 16-Bit PWM LED Driver with 7-Bit Global Brightness Control
TLC5943 TI1-TLC5943_16 Datasheet
1Mb / 40P
[Old version datasheet]   16-Channel, 16-Bit PWM LED Driver with 7-Bit Global Brightness Control
TLC59482 TI1-TLC59482 Datasheet
1Mb / 34P
[Old version datasheet]   16-Channel, 16-Bit, PWM LED Driver with 6-Bit Global Brightness Control
TLC5929 TI1-TLC5929 Datasheet
651Kb / 36P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with 7-Bit Global Brightness Control, Power-Save Mode
TLC5951-DIE TI1-TLC5951-DIE Datasheet
185Kb / 5P
[Old version datasheet]   24-CHANNEL, 12-BIT PWM LED DRIVER WITH 7-BIT DOT CORRECTION AND 3-GROUP, 8-BIT GLOBAL BRIGHTNESS CONTROL
TLC5951 TI1-TLC5951 Datasheet
1Mb / 46P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver with 7-Bit Dot Correction and 3-Group, 8-Bit Global Brightness Control
TLC5951 TI1-TLC5951_17 Datasheet
1Mb / 50P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver With 7-Bit Dot Correction and 3-Group, 8-Bit Global Brightness Control
logo
Integrated Silicon Solu...
IS31FL3726 ISSI-IS31FL3726 Datasheet
436Kb / 13P
   16-BIT COLOR LED DRIVER WITH PWM CONTROL
IS31FL3726-QFLS2 ISSI-IS31FL3726-QFLS2 Datasheet
436Kb / 14P
   16-BIT COLOR LED DRIVER WITH PWM CONTROL
logo
Texas Instruments
TLC5942 TI-TLC5942 Datasheet
1Mb / 33P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 7-Bit Dot Correction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com