Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TLBD1060 Datasheet(PDF) 8 Page - Toshiba Semiconductor

No. de pieza TLBD1060
Descripción Electrónicos  Panel Circuit Indicator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLBD1060 Datasheet(HTML) 8 Page - Toshiba Semiconductor

  TLBD1060 Datasheet HTML 1Page - Toshiba Semiconductor TLBD1060 Datasheet HTML 2Page - Toshiba Semiconductor TLBD1060 Datasheet HTML 3Page - Toshiba Semiconductor TLBD1060 Datasheet HTML 4Page - Toshiba Semiconductor TLBD1060 Datasheet HTML 5Page - Toshiba Semiconductor TLBD1060 Datasheet HTML 6Page - Toshiba Semiconductor TLBD1060 Datasheet HTML 7Page - Toshiba Semiconductor TLBD1060 Datasheet HTML 8Page - Toshiba Semiconductor TLBD1060 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
TL(BD,EGD)1060(T18)
2007-10-01
8
5. Packing display
(1) Packing quantity
Reel
3,000 pcs
Carton
15,000 pcs
(2) Packing form: Each reel is sealed in an aluminum pack with silica gel.
6. Label format
(1) Example: TLBD1060 (T18)
P/N:
TOSHIBA
TYPE
TLBD1060
ADDC
(T18)
Q’TY
3,000 pcs
Lot Number
Key code for TSB
32C
3000
(RANK SYMBOL)
Use under 5-30degC/60%RH within 168h
SEAL DATE:
[[G]]/RoHS COMPATIBLE
DIFFUSED IN *****
*Y3804xxxxxxxxxxxxxxxxx*
ASSEMBLED IN *****
(2) Label location
Tape feel direction
Label position
Label position
• Reel
• Carton
• The aluminum package in which the reel is supplied also has the label attached to
center of one side.


Número de pieza similar - TLBD1060

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Marktech Corporate
TLBD1050 MARKTECH-TLBD1050 Datasheet
210Kb / 8P
   TOSHIBA LED Lamp
TLBD1052 MARKTECH-TLBD1052 Datasheet
303Kb / 11P
   TOSHIBA LED Lamp
More results

Descripción similar - TLBD1060

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TLGC160 TOSHIBA-TLGC160 Datasheet
182Kb / 4P
   PANEL CIRCUIT INDICATOR
TLGD262 TOSHIBA-TLGD262 Datasheet
184Kb / 4P
   PANEL CIRCUIT INDICATOR
TLRM1108 TOSHIBA-TLRM1108 Datasheet
328Kb / 15P
   Panel Circuit Indicator
TLOE17T TOSHIBA-TLOE17T Datasheet
180Kb / 8P
   Panel Circuit Indicator
TLRH180P TOSHIBA-TLRH180P Datasheet
143Kb / 4P
   Panel Circuit Indicator
S4F42Q1 TOSHIBA-S4F42Q1 Datasheet
313Kb / 8P
   PANEL CIRCUIT INDICATOR
TLRMK37TPK53MT1 TOSHIBA-TLRMK37TPK53MT1 Datasheet
372Kb / 7P
   Panel Circuit Indicator
TLWJ1100 TOSHIBA-TLWJ1100 Datasheet
278Kb / 9P
   Panel Circuit Indicator
TLFGE19CP TOSHIBA-TLFGE19CP Datasheet
205Kb / 3P
   Panel Circuit Indicator
TLRH1032 TOSHIBA-TLRH1032 Datasheet
302Kb / 17P
   Panel Circuit Indicator
TLRH1106 TOSHIBA-TLRH1106 Datasheet
327Kb / 14P
   Panel Circuit Indicator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com