Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TLBD1100B Datasheet(PDF) 1 Page - Toshiba Semiconductor

No. de pieza TLBD1100B
Descripción Electrónicos  Panel Circuit Indicator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLBD1100B Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLBD1100B Datasheet HTML 1Page - Toshiba Semiconductor TLBD1100B Datasheet HTML 2Page - Toshiba Semiconductor TLBD1100B Datasheet HTML 3Page - Toshiba Semiconductor TLBD1100B Datasheet HTML 4Page - Toshiba Semiconductor TLBD1100B Datasheet HTML 5Page - Toshiba Semiconductor TLBD1100B Datasheet HTML 6Page - Toshiba Semiconductor TLBD1100B Datasheet HTML 7Page - Toshiba Semiconductor TLBD1100B Datasheet HTML 8Page - Toshiba Semiconductor TLBD1100B Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TL(BD,EGD)1100B(T11)
2007-10-01
1
TOSHIBA LED Lamps
TLBD1100B(T11), TLEGD1100B(T11)
Panel Circuit Indicator
• Surface-mount devices
• 3.2 (L) × 2.8 (W) × 1.9 (H) mm
• Flat-top type
• InGaN LEDs
• High luminous intensity
• Low drive current, high-intensity light emission
• Colors:
Blue
λd=470nm(typ)
Green
λd=528nm(typ)
• Pb free reflow soldering is possible
• Applications: automotive use, message signboards, backlighting
etc.
• Standard embossed tape packing: T11 (2000/reel)
8-mm tape reel
Color and Material
Absolute Maximum Ratings (Ta = 25°C)
Product Name
Forward Current
IF (mA)
Please see Note 1
Reverse Voltage
VR (V)
Power Dissipation
PD (mW)
Operation
Temperature
Topr (°C)
Storage
Temperature
Tstg (°C)
TLBD1100B
TLEGD1100B
30
4
120
−40~100
−40~100
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note 1: Forward current derating
Unit: mm
JEDEC
JEITA
TOSHIBA
4-3R1
Weight: 0.035 g (typ.)
Product Name
Color
Material
TLBD1100B
Blue
TLEGD1100B
Green
InGaN
Ambient temperature Ta (°C)
IF – Ta
0
40
30
0
80
60
20
100
20
10
40


Número de pieza similar - TLBD1100B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Marktech Corporate
TLBD1050 MARKTECH-TLBD1050 Datasheet
210Kb / 8P
   TOSHIBA LED Lamp
TLBD1052 MARKTECH-TLBD1052 Datasheet
303Kb / 11P
   TOSHIBA LED Lamp
logo
Toshiba Semiconductor
TLBD1060 TOSHIBA-TLBD1060 Datasheet
233Kb / 9P
   Panel Circuit Indicator
More results

Descripción similar - TLBD1100B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TLGC160 TOSHIBA-TLGC160 Datasheet
182Kb / 4P
   PANEL CIRCUIT INDICATOR
TLGD262 TOSHIBA-TLGD262 Datasheet
184Kb / 4P
   PANEL CIRCUIT INDICATOR
TLRM1108 TOSHIBA-TLRM1108 Datasheet
328Kb / 15P
   Panel Circuit Indicator
TLOE17T TOSHIBA-TLOE17T Datasheet
180Kb / 8P
   Panel Circuit Indicator
TLRH180P TOSHIBA-TLRH180P Datasheet
143Kb / 4P
   Panel Circuit Indicator
S4F42Q1 TOSHIBA-S4F42Q1 Datasheet
313Kb / 8P
   PANEL CIRCUIT INDICATOR
TLRMK37TPK53MT1 TOSHIBA-TLRMK37TPK53MT1 Datasheet
372Kb / 7P
   Panel Circuit Indicator
TLWJ1100 TOSHIBA-TLWJ1100 Datasheet
278Kb / 9P
   Panel Circuit Indicator
TLFGE19CP TOSHIBA-TLFGE19CP Datasheet
205Kb / 3P
   Panel Circuit Indicator
TLRH1032 TOSHIBA-TLRH1032 Datasheet
302Kb / 17P
   Panel Circuit Indicator
TLRH1106 TOSHIBA-TLRH1106 Datasheet
327Kb / 14P
   Panel Circuit Indicator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com