Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TLP113 Datasheet(PDF) 6 Page - Toshiba Semiconductor

No. de pieza TLP113
Descripción Electrónicos  Photo−IC Isolated Line Receiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP113 Datasheet(HTML) 6 Page - Toshiba Semiconductor

  TLP113_07 Datasheet HTML 1Page - Toshiba Semiconductor TLP113_07 Datasheet HTML 2Page - Toshiba Semiconductor TLP113_07 Datasheet HTML 3Page - Toshiba Semiconductor TLP113_07 Datasheet HTML 4Page - Toshiba Semiconductor TLP113_07 Datasheet HTML 5Page - Toshiba Semiconductor TLP113_07 Datasheet HTML 6Page - Toshiba Semiconductor TLP113_07 Datasheet HTML 7Page - Toshiba Semiconductor TLP113_07 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
TLP113
2007-10-01
6
ΔVF / ΔTa − IF
Forward current IF (mA)
−4.0
0.1
−2.4
−3.2
−1.6
0.3
1
5
10
−0.8
30
3
0.5
0
−25°C
25
−70°C
IOH − Ta
Ambient temperature Ta (°C)
10
3
0.5
0.3
80
60
40
20
0
−20
0.1
1
5
VF = 1.0V
VCC = 5.5V
VO = 5.5V
0.05
VO L − Ta
Ambient temperature Ta (°C)
0
20
40
60
80
0.30
0.35
0.40
0.50
12.8mA
9.6mA
6.4mA
IOL = 16mA
IF = 10mA
VCC = 5.5V
−20
0.45
IF − VF
Forward voltage VF (V)
100
1
10
1.2
1.4
1.6
1.8
1
0.1
0.01
2.0
Ta = 70°C
25°C
0°C
VO − IF
Forward current IF (mA)
8
2
6
4
0
2
6
8
0
10
4
RL = 350Ω
1kΩ
4kΩ
10
VCC = 5V
Ta = 25°C
Forward current IF (mA)
6
10
4
8
2
0
8
6
4
2
0
VO − IF
Ta = 0°C
10
VCC = 5V
RL = 350Ω
RL = 4kΩ
Ta = 70°C


Número de pieza similar - TLP113_07

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TLP113TPRF TOSHIBA-TLP113TPRF Datasheet
204Kb / 8P
   Isolated Line Receiver Simplex / Multiplex Data Transmission
More results

Descripción similar - TLP113_07

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TLP115 TOSHIBA-TLP115_07 Datasheet
203Kb / 8P
   Photo−IC High Speed, Long Distance Isolated Line Receiver
TLP115A TOSHIBA-TLP115A_07 Datasheet
208Kb / 8P
   Photo-IC High Speed, Long Distance Isolated Line Receiver
TPS830F TOSHIBA-TPS830F Datasheet
222Kb / 6P
   Si Monolithic Photo−IC
TLP112 TOSHIBA-TLP112_07 Datasheet
189Kb / 7P
   Photo−IC Digital Logic Isolation
TLP251F TOSHIBA-TLP251F_07 Datasheet
153Kb / 3P
   GaA?밃s Ired & Photo−IC
TLP759F TOSHIBA-TLP759F_07 Datasheet
150Kb / 2P
   GaA?밃s Ired Photo−IC
TLP112A TOSHIBA-TLP112A_07 Datasheet
188Kb / 7P
   Photo−IC Digital Logic Isolation
TLP114A TOSHIBA-TLP114A_07 Datasheet
184Kb / 7P
   Photo−IC Digital Logic Isolation.
TLP2631 TOSHIBA-TLP2631_07 Datasheet
202Kb / 8P
   Isolated Line Receiver
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7601 AVAGO-HCPL-7601 Datasheet
184Kb / 13P
   Isolated line receiver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com