Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TLP168J Datasheet(PDF) 4 Page - Toshiba Semiconductor

No. de pieza TLP168J
Descripción Electrónicos  Photocoupler GaA?밃s IRed & Photo-Triac
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP168J Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TLP168J Datasheet HTML 1Page - Toshiba Semiconductor TLP168J Datasheet HTML 2Page - Toshiba Semiconductor TLP168J Datasheet HTML 3Page - Toshiba Semiconductor TLP168J Datasheet HTML 4Page - Toshiba Semiconductor TLP168J Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TLP168J
2007-10-01
4
Normalized IFT – Ta
Ambient temperature Ta (°C)
3
0.1
−40
0.3
0.5
1.2
−20
0
40
60
80
100
1
2
20
VT = 6V
3
−40
2
1.2
1
0.5
0.3
0.1
−20
0
20
40
60
80
100
Ambient temperature Ta (°C)
Normalized IH – Ta
Normalized IDRM – Ta
Ambient temperature Ta (°C)
0
20
40
60
80
100
10
3
10
2
10
1
10
0
VDRM = Rated
1.4
0.2
−40
−20
0
40
80
20
60
100
Normalized VDRM – Ta
Ambient temperature Ta (°C)
1.2
1.0
0.8
0.6
0.4
Ambient temperature Ta (°C)
Normalized VIH – Ta
3
0.1
−40
2
1.2
1
0.5
−20
0
20
40
60
80
100
0.3
IF = Rated IFT
Normalized IIH – Ta
Ambient temperature Ta (°C)
3
0.1
−40
IF = Rated IFT
VT = Rated VDRM
−20
0
20
40
60
80
100
2
1.2
1
0.5
0.3


Número de pieza similar - TLP168J

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TLP168J TOSHIBA-TLP168J Datasheet
169Kb / 5P
   TOSHIBA Photocoupler GaALAs IRed & Photo-Triac
TLP168J TOSHIBA-TLP168J_14 Datasheet
184Kb / 6P
   TOSHIBA Photocoupler GaA-As IRed & Photo-Triac
More results

Descripción similar - TLP168J

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TLP108 TOSHIBA-TLP108 Datasheet
271Kb / 6P
   PHOTOCOUPLER GaA?밃s IRED & PHOTO-IC
TLP2451 TOSHIBA-TLP2451 Datasheet
283Kb / 11P
   Photocoupler GaA?밃s IRED Photo IC
TLP2116 TOSHIBA-TLP2116 Datasheet
220Kb / 6P
   PHOTOCOUPLER GaA?밃s Ired & PHOTO-IC
TLP2095 TOSHIBA-TLP2095 Datasheet
360Kb / 11P
   PHOTOCOUPLER GaA?밃s IRED & PHOTO-IC
TLP2098 TOSHIBA-TLP2098 Datasheet
360Kb / 11P
   PHOTOCOUPLER GaA?밃s IRED & PHOTO-IC
TLP105 TOSHIBA-TLP105 Datasheet
270Kb / 6P
   PHOTOCOUPLER GaA?밃s IRED & PHOTO-IC
TLP2418 TOSHIBA-TLP2418 Datasheet
267Kb / 11P
   PHOTOCOUPLER GaA?밃s Ired & PHOTO-IC
TLP2105 TOSHIBA-TLP2105 Datasheet
304Kb / 11P
   PHOTOCOUPLER GaA?밃s Ired & PHOTO-IC
TLP2166A TOSHIBA-TLP2166A Datasheet
289Kb / 11P
   PHOTOCOUPLER GaA?밃s Ired & PHOTO-IC
TLP109 TOSHIBA-TLP109 Datasheet
283Kb / 8P
   Photocoupler GaA?밃s Ired & Photo−IC
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com