Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TLP180 Datasheet(PDF) 7 Page - Toshiba Semiconductor

No. de pieza TLP180
Descripción Electrónicos  Photocoupler GaAs Ired & Photo−Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP180 Datasheet(HTML) 7 Page - Toshiba Semiconductor

  TLP180_07 Datasheet HTML 1Page - Toshiba Semiconductor TLP180_07 Datasheet HTML 2Page - Toshiba Semiconductor TLP180_07 Datasheet HTML 3Page - Toshiba Semiconductor TLP180_07 Datasheet HTML 4Page - Toshiba Semiconductor TLP180_07 Datasheet HTML 5Page - Toshiba Semiconductor TLP180_07 Datasheet HTML 6Page - Toshiba Semiconductor TLP180_07 Datasheet HTML 7Page - Toshiba Semiconductor TLP180_07 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
TLP180
2007-10-01
7
VCE(sat) – Ta
Ambient temperature Ta (°C)
0.24
0
−40
0.20
0.12
0.08
0.04
−20
0
40
80
100
20
60
0.16
IF = 5mA, IC = 1mA
IF = 1mA, IC = 0.2mA
IF = 1mA
IC = 0.2mA
IC – Ta
100
1
−20
100
0
20
40
80
30
5
60
0.1
0.3
0.5
3
10
50
VCE = 5V
1mA
0.5mA
5mA
10mA
IF = 25mA
Ambient temperature Ta (°C)
Switching Time – RL
Load resistance RL (kΩ)
1
10
30
50
100
300
500
1000
3
5
30
50
5
3
1
Ta = 25°C
IF = 16mA
VCC = 5V
tOFF
ts
tON
100
10
Switching Time – Ta
0
160
−20
20
40
60
80
Ambient temperature Ta (°C)
30
10
1
0.5
0.1
100
0.3
3
5
50
tOFF
ts
tON
IF = 16mA
VCC = 5V
RL = 1.9kΩ


Número de pieza similar - TLP180_07

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TLP180GB-TPLFT TOSHIBA-TLP180GB-TPLFT Datasheet
188Kb / 8P
   Telephone Use Equipment Programmable Controllers AC / DC?묲nput Module Telecommunication
More results

Descripción similar - TLP180_07

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TLP181 TOSHIBA-TLP181_07 Datasheet
173Kb / 9P
   Photocoupler GaAs Ired & Photo−Transistor
TLP176G TOSHIBA-TLP176G_07 Datasheet
189Kb / 7P
   Photocoupler GaAs Ired & Photo−MOSFET
TLP166J TOSHIBA-TLP166J Datasheet
136Kb / 4P
   Photocoupler GaAs Ired Photo−Triac
TLP747GF TOSHIBA-TLP747GF Datasheet
105Kb / 2P
   TOSHIBA Photocoupler GaAs Ired & Photo−Thyristor
TLP280 TOSHIBA-TLP280_07 Datasheet
220Kb / 9P
   GaAs Ired & Photo−Transistor
TLP320 TOSHIBA-TLP320_07 Datasheet
231Kb / 7P
   GaAs Ired & Photo−Transistor
TLP330 TOSHIBA-TLP330_07 Datasheet
175Kb / 6P
   GaAs Ired & Photo−Transistor
TLP331 TOSHIBA-TLP331_07 Datasheet
193Kb / 8P
   GaAs Ired & Photo−Transistor
TLP421F TOSHIBA-TLP421F_07 Datasheet
145Kb / 3P
   GaAs IRed & Photo−Transistor
TLP523 TOSHIBA-TLP523_07 Datasheet
262Kb / 7P
   GaAs Ired & Photo−Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com