Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74AC125SC Datasheet(PDF) 5 Page - Fairchild Semiconductor

No. de pieza 74AC125SC
Descripción Electrónicos  Quad Buffer with 3-STATE Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74AC125SC Datasheet(HTML) 5 Page - Fairchild Semiconductor

  74AC125SC Datasheet HTML 1Page - Fairchild Semiconductor 74AC125SC Datasheet HTML 2Page - Fairchild Semiconductor 74AC125SC Datasheet HTML 3Page - Fairchild Semiconductor 74AC125SC Datasheet HTML 4Page - Fairchild Semiconductor 74AC125SC Datasheet HTML 5Page - Fairchild Semiconductor 74AC125SC Datasheet HTML 6Page - Fairchild Semiconductor 74AC125SC Datasheet HTML 7Page - Fairchild Semiconductor 74AC125SC Datasheet HTML 8Page - Fairchild Semiconductor 74AC125SC Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
©1988 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74AC125, 74ACT125 Rev. 1.4.1
5
AC Electrical Characteristics for AC
Note:
7. Voltage range 3.3 is 3.3V ± 0.3V. Voltage range 5.0 is 5.0V ± 0.5V.
AC Electrical Characteristics for ACT
Note:
8. Voltage Range 5.0 is 5.0V ± 0.5V.
Capacitance
Symbol
Parameter
VCC (V)
(7)
TA = +25°C,
CL = 50pF
TA = –40°C to +85°C,
CL = 50pF
Units
Min.
Typ.
Max.
Min.
Max.
tPLH
Propagation Delay,
Data to Output
3.3
1.0
6.5
9.0
1.0
10.0
ns
5.0
1.0
5.5
7.0
1.0
7.5
tPHL
Propagation Delay,
Data to Output
3.3
1.0
6.5
9.0
1.0
10.0
ns
5.0
1.0
5.0
7.0
1.0
7.5
tPZH
Output Enable Time
3.3
1.0
6.0
10.5
1.0
11.0
ns
5.0
1.0
5.0
7.0
1.0
8.0
tPZL
Output Enable Time
3.3
1.0
7.5
10.0
1.0
11.0
ns
5.0
1.0
5.5
8.0
1.0
8.5
tPHZ
Output Disable Time
3.3
1.0
7.5
10.0
1.0
10.5
ns
5.0
1.0
6.5
9.0
1.0
9.5
tPLZ
Output Disable Time
3.3
1.0
7.5
10.5
1.0
11.5
ns
5.0
1.0
6.5
9.0
1.0
9.5
Symbol
Parameter
VCC (V)
(8)
TA = +25°C,
CL = 50pF
TA = –40°C to +85°C,
CL = 50pF
Units
Min.
Typ.
Max.
Min.
Max.
tPLH
Propagation Delay,
Data to Output
5.0
1.0
6.5
9.0
1.0
10.0
ns
tPHL
Propagation Delay,
Data to Output
5.0
1.0
7.0
9.0
1.0
10.0
ns
tPZH
Output Enable Time
5.0
1.0
6.0
8.5
1.0
9.5
ns
tPZL
Output Enable Time
5.0
1.0
7.0
9.5
1.0
10.5
ns
tPHZ
Output Disable Time
5.0
1.0
7.0
9.5
1.0
10.5
ns
tPLZ
Output Disable Time
5.0
1.0
7.5
10.0
1.0
10.5
ns
Symbol
Parameter
Conditions
Typ.
Units
CIN
Input Capacitance
VCC = OPEN
4.5
pF
CPD
Power Dissipation Capacitance
VCC = 5.0V
45.0
pF


Número de pieza similar - 74AC125SC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
74AC125SC FAIRCHILD-74AC125SC Datasheet
90Kb / 9P
   Quad Buffer with 3-STATE Outputs
74AC125SC FAIRCHILD-74AC125SC Datasheet
310Kb / 10P
   Quad Buffer with 3-STATE Outputs
logo
National Semiconductor ...
74AC125SCQB NSC-74AC125SCQB Datasheet
162Kb / 8P
   Quad Buffer with TRI-STATE Outputs
74AC125SCQR NSC-74AC125SCQR Datasheet
162Kb / 8P
   Quad Buffer with TRI-STATE Outputs
74AC125SCX NSC-74AC125SCX Datasheet
162Kb / 8P
   Quad Buffer with TRI-STATE Outputs
More results

Descripción similar - 74AC125SC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
74VHC125 FAIRCHILD-74VHC125_07 Datasheet
198Kb / 9P
   Quad Buffer with 3-STATE Outputs
logo
ON Semiconductor
74VHC125 ONSEMI-74VHC125 Datasheet
225Kb / 9P
   Quad Buffer with 3-STATE Outputs
December 2007 Rev. 1.4.0
logo
Fairchild Semiconductor
74ABT125CSCX FAIRCHILD-74ABT125CSCX Datasheet
284Kb / 8P
   Quad Buffer with 3-STATE Outputs
logo
ON Semiconductor
MC74AC125 ONSEMI-MC74AC125 Datasheet
92Kb / 8P
   Quad Buffer with 3-State Outputs
May, 2001 ??Rev. 5
logo
Fairchild Semiconductor
74AC125MTCX FAIRCHILD-74AC125MTCX Datasheet
310Kb / 10P
   Quad Buffer with 3-STATE Outputs
logo
Unisonic Technologies
U74ACT125 UTC-U74ACT125 Datasheet
174Kb / 6P
   QUAD BUFFER WITH 3-STATE OUTPUTS
logo
AVG Semiconductors(HITE...
DV74ACT125 AVG-DV74ACT125 Datasheet
279Kb / 4P
   Quad Buffer with 3-State Outputs
logo
Fairchild Semiconductor
74ABT125 FAIRCHILD-74ABT125 Datasheet
69Kb / 6P
   Quad Buffer with 3-STATE Outputs
logo
Unisonic Technologies
U74ACT125 UTC-U74ACT125_15 Datasheet
174Kb / 6P
   QUAD BUFFER WITH 3-STATE OUTPUTS
logo
Motorola, Inc
MC74AC126 MOTOROLA-MC74AC126 Datasheet
150Kb / 5P
   Quad Buffer With 3-State Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com