Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74ACTQ08SJ Datasheet(PDF) 1 Page - Fairchild Semiconductor

No. de pieza 74ACTQ08SJ
Descripción Electrónicos  Quiet Series??Quad 2-Input AND Gate
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACTQ08SJ Datasheet(HTML) 1 Page - Fairchild Semiconductor

  74ACTQ08SJ Datasheet HTML 1Page - Fairchild Semiconductor 74ACTQ08SJ Datasheet HTML 2Page - Fairchild Semiconductor 74ACTQ08SJ Datasheet HTML 3Page - Fairchild Semiconductor 74ACTQ08SJ Datasheet HTML 4Page - Fairchild Semiconductor 74ACTQ08SJ Datasheet HTML 5Page - Fairchild Semiconductor 74ACTQ08SJ Datasheet HTML 6Page - Fairchild Semiconductor 74ACTQ08SJ Datasheet HTML 7Page - Fairchild Semiconductor 74ACTQ08SJ Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
tm
May 2007
©1990 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74ACTQ08 Rev. 1.3
74ACTQ08
Quiet Series™ Quad 2-Input AND Gate
Features
ICC reduced by 50%
Guaranteed simultaneous switching noise level and
dynamic threshold performance
Improved latch-up immunity
Outputs source/sink 24mA
TTL-compatible inputs
General Description
The ACTQ08 contains four, 2-input AND gates and
utilizes Fairchild Quiet Series™ technology to guarantee
quiet output switching and improved dynamic threshold
performance. FACT Quiet Series™ features GTO™
output control and undershoot corrector in addition to a
split ground bus for superior ACMOS performance.
Ordering Information
Device also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering number.
Connection Diagram
Pin Description
Logic Symbol
IEEE/IEC
Order Number
Package
Number
Package Description
74ACTQ08SC
M14A
14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-120, 0.150" Narrow
Body
74ACTQ08SJ
M14D
14-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
Pin Names
Description
An, Bn
Inputs
On
Outputs
FACT™, FACT Quiet Series™, and GTO™ are trademarks of Fairchild Semiconductor Corporation.


Número de pieza similar - 74ACTQ08SJ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
74ACTQ08SJ FAIRCHILD-74ACTQ08SJ Datasheet
81Kb / 7P
   Quiet Series??Quad 2-Input AND Gate
More results

Descripción similar - 74ACTQ08SJ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
74ACTQ08 FAIRCHILD-74ACTQ08 Datasheet
81Kb / 7P
   Quiet Series??Quad 2-Input AND Gate
logo
National Semiconductor ...
54ACTQ08 NSC-54ACTQ08 Datasheet
106Kb / 5P
   Quiet Series Quad 2-Input AND Gate
logo
Fairchild Semiconductor
74ACTQ00 FAIRCHILD-74ACTQ00 Datasheet
98Kb / 7P
   Quiet Series??Quad 2-Input NAND Gate
logo
National Semiconductor ...
54ACTQ32 NSC-54ACTQ32 Datasheet
111Kb / 6P
   Quiet Series Quad 2-Input OR Gate
logo
Fairchild Semiconductor
74ACTQ32 FAIRCHILD-74ACTQ32 Datasheet
156Kb / 7P
   Quiet Series Quad 2-Input OR Gate
logo
Texas Instruments
54ACTQ32QML TI1-54ACTQ32QML_13 Datasheet
74Kb / 6P
[Old version datasheet]   Quiet Series Quad 2-Input OR Gate
54ACTQ32QML TI1-54ACTQ32QML Datasheet
542Kb / 11P
[Old version datasheet]   54ACTQ32QML Quiet Series Quad 2-Input OR Gate
logo
Motorola, Inc
MC74VQ02 MOTOROLA-MC74VQ02 Datasheet
103Kb / 7P
   LOW-VOLTAGE QUIET CMOS QUAD 2-INPUT NOR GATE
logo
Fairchild Semiconductor
74ACTQ00 FAIRCHILD-74ACTQ00_99 Datasheet
60Kb / 6P
   Quiet Series?줢uad 2-Input NAND Gate
logo
Toshiba Semiconductor
TC74VHC08F TOSHIBA-TC74VHC08F Datasheet
204Kb / 5P
   QUAD 2-INPUT AND GATE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com