Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TS78L18ACYRM Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

No. de pieza TS78L18ACYRM
Descripción Electrónicos  3-Terminal 100mA Positive Voltage Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TSC [Taiwan Semiconductor Company, Ltd]
Página de inicio  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS78L18ACYRM Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS78L18ACYRM Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS78L18ACYRM Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS78L18ACYRM Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS78L18ACYRM Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS78L18ACYRM Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS78L18ACYRM Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS78L18ACYRM Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS78L18ACYRM Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS78L18ACYRM Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
TS78L00 Series
3-Terminal 100mA Positive Voltage Regulator
1/12
Version: B07
TO-92
SOT-23
SOP-8
SOT-89
General Description
The TS78L00 Series of positive voltage Regulators are inexpensive, easy-to-use devices suitable for a multitude of
applications that require a regulated supply of up to 100mA. Like their higher power TS7800 and TS78M00 Series
cousins, these regulators feature internal current limiting and thermal shutdown making them remarkably rugged. No
external components are required with the TS78L00 devices in many applications.
These devices offer a substantial performance advantage over the traditional zener diode-resistor combination, as
output impedance and quiescent current are substantially reduced.
Features
Output Voltage Range 3.3 to 24V
Output current up to 100mA
No external components required
Internal thermal overload protection
Internal short-circuit current limiting
Output transistor safe-area compensation
Output voltage offered in 4% tolerance
Ordering Information
Part No.
Package
Packing
TS78LxxCT B0
TO-92
1Kpcs / Bulk
TS78LxxCT A3
TO-92
2Kpcs/ Ammo
TS78LxxACY RM
SOT-89
1Kpcs / 7” Reel
TS78LxxCY RM
SOT-89
1Kpcs / 7” Reel
TS78LxxCS RL
SOP-8
2.5Kpcs / 13” Reel
TS78LxxCX RF
SOT-23
3Kpcs / 7” Reel
Note: Where xx denote voltage option
Standard Application Circuit
Absolute Maximum Rating (Ta = 25oC unless otherwise noted)
Parameter
Symbol
Limit
Unit
TS78L03
30
TS78L05 ~ TS78L18
35
DC Input Voltage
TS78L24
VIN
40
V
Power Dissipation
PD
Internal Limited
W
Operating Junction Temperature
TJ
0 ~ +125
oC
Storage Temperature Range
TSTG
-65~+150
oC
A common ground is required between the input and the
output voltages. The input voltage must remain typically
2.0V above the output voltage even during the low point on
the Input ripple voltage.
XX = these two digits of the type number indicate voltage.
* = Cin is required if regulator is located an appreciable
distance from power supply filter.
** = Co is not needed for stability; however, it does improve
transient response.
Pin Definition:
1. Output
2. Ground
3. Input
Pin Definition:
1. Output
8. Input
2. Ground
7. Ground
3. Ground
6. Ground
4. N/C
5. N/C
Pin Definition:
1. Output
2. Input
3. Ground
Pin Definition:
TS78L00ACY
1. Output
2. Ground
3. Input
TS78L00CY
1. Input
2. Ground
3. Output


Número de pieza similar - TS78L18ACYRM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taiwan Semiconductor Co...
TS78L12ACYRM TSC-TS78L12ACYRM Datasheet
316Kb / 13P
   3-Terminal 100mA Positive Voltage Regulator
TS78L12CSRL TSC-TS78L12CSRL Datasheet
316Kb / 13P
   3-Terminal 100mA Positive Voltage Regulator
TS78L12CTA3 TSC-TS78L12CTA3 Datasheet
316Kb / 13P
   3-Terminal 100mA Positive Voltage Regulator
TS78L12CTB0 TSC-TS78L12CTB0 Datasheet
316Kb / 13P
   3-Terminal 100mA Positive Voltage Regulator
TS78L15ACYRM TSC-TS78L15ACYRM Datasheet
316Kb / 13P
   3-Terminal 100mA Positive Voltage Regulator
More results

Descripción similar - TS78L18ACYRM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taiwan Semiconductor Co...
TS78L06CX TSC-TS78L06CX Datasheet
283Kb / 12P
   3-Terminal 100mA Positive Voltage Regulator
logo
Exar Corporation
SP78LXX EXAR-SP78LXX Datasheet
506Kb / 11P
   100mA 3-Terminal Positive Voltage Regulator
logo
Sipex Corporation
SP78LXX SIPEX-SP78LXX Datasheet
481Kb / 11P
   100mA 3-Terminal Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS78L06CS TSC-TS78L06CS Datasheet
283Kb / 12P
   3-Terminal 100mA Positive Voltage Regulator
TS78L06ACY TSC-TS78L06ACY Datasheet
283Kb / 12P
   3-Terminal 100mA Positive Voltage Regulator
TS78L00 TSC-TS78L00_08 Datasheet
181Kb / 12P
   3-Terminal 100mA Positive Voltage Regulator
TS78L00 TSC-TS78L00_14 Datasheet
316Kb / 13P
   3-Terminal 100mA Positive Voltage Regulator
TS78L06CT TSC-TS78L06CT Datasheet
283Kb / 12P
   3-Terminal 100mA Positive Voltage Regulator
logo
AiT Semiconductor Inc.
A78L05 AITSEMI-A78L05 Datasheet
710Kb / 9P
   BIPOLAR LINEAR REGULATOR 100mA 3-TERMINAL POSITIVE VOLTAGE REGULATOR
REV3.1
logo
NTE Electronics
NTE950 NTE-NTE950 Datasheet
27Kb / 3P
   Integrated Circuit Positive 3 Terminal Voltage Regulator, 100mA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com