Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TS1086CWXXRP Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

No. de pieza TS1086CWXXRP
Descripción Electrónicos  1.5A Low Dropout Positive Voltage Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TSC [Taiwan Semiconductor Company, Ltd]
Página de inicio  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS1086CWXXRP Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS1086CWXXRP Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS1086CWXXRP Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS1086CWXXRP Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS1086CWXXRP Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS1086CWXXRP Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS1086CWXXRP Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS1086CWXXRP Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS1086CWXXRP Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS1086CWXXRP Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TS1086
1.5A Low Dropout Positive Voltage Regulator
1/9
Version: A07
TO-220
TO-263
(D
2PAK)
TO-252
(DPAK)
SOT-223
General Description
The TS1086 Series are high performance positive voltage regulators are designed for use in applications requiring
low dropout performance at full rated current, Additionally, the TS1086 Series provides excellent regulation over
variations due to changes in line, load and temperature. Outstanding features include low dropout performance at
rated current, fast transient response, internal current limiting and thermal shutdown protection of the output device.
The TS1086 Series are three terminal regulators with fixed and adjustable voltage options available in popular
packages.
Ordering Information
Part No.
Package
Packing
TS1086CZxx C0
TO-220
50pcs / Tube
TS1086CMxx RN
TO-263
800pcs / 13” Reel
TS1086CPxx RO
TO-252
2.5Kpcs / 13” Reel
TS1086CWxx RP
SOT-223
2.5Kpcs / 13” Reel
Note: Where xx denotes voltage option, available are
5.0V, 3.3V, 2.5V and 1.8V. Leave blank for
adjustable version. Contact factory for additional
voltage options.
Features
Low Dropout Performance 1.5V max.
Fill Current Rating Over Line and Temperature
Fast Transient Response
±2% Total Output Regulation Over Line, Load and
Temperature
Adjust Pin Current max 90uA Over Temperature
Line Regulation Typical 0.015%
Load Regulation Typical 0.05%
Fixed / Adjustable Output Voltage
TO-220, TO-263, TO-252 and SOT-223 Package
Block Diagram
Typical Application Circuit
Fixed Output Voltage Version
VOUT = VREF(1+R2/R1) + Iadj R2
Adjustable Output Voltage Version
Pin Definition:
1. Fixed / Adj
2. Output
3. Input
Pin 2 connect to heat sink


Número de pieza similar - TS1086CWXXRP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taiwan Semiconductor Co...
TS1086CW TSC-TS1086CW Datasheet
162Kb / 6P
   1.5A Low Dropout Positive Voltage Regulator
TS1086CW1.8 TSC-TS1086CW1.8 Datasheet
162Kb / 6P
   1.5A Low Dropout Positive Voltage Regulator
TS1086CW18 TSC-TS1086CW18 Datasheet
162Kb / 6P
   1.5A Low Dropout Positive Voltage Regulator
TS1086CW2.5 TSC-TS1086CW2.5 Datasheet
162Kb / 6P
   1.5A Low Dropout Positive Voltage Regulator
TS1086CW25 TSC-TS1086CW25 Datasheet
162Kb / 6P
   1.5A Low Dropout Positive Voltage Regulator
More results

Descripción similar - TS1086CWXXRP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taiwan Semiconductor Co...
TS1086 TSC-TS1086_08 Datasheet
168Kb / 9P
   1.5A Low Dropout Positive Voltage Regulator
TS1086 TSC-TS1086 Datasheet
162Kb / 6P
   1.5A Low Dropout Positive Voltage Regulator
logo
Analog Microelectronics
AME1086 AME-AME1086 Datasheet
103Kb / 14P
   1.5A Low Dropout Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS39151 TSC-TS39151 Datasheet
147Kb / 7P
   1.5A Ultra Low Dropout Positive Voltage Regulator
logo
Analog Intergrations Co...
AIC1086 AIC-AIC1086_15 Datasheet
238Kb / 11P
   1.5A Low Dropout Positive Regulator
logo
Silicon Standard Corp.
SS6086 SSC-SS6086 Datasheet
514Kb / 7P
   1.5A Low Dropout Positive Regulator
logo
Taiwan Semiconductor Co...
TS29150 TSC-TS29150 Datasheet
120Kb / 5P
   1.5A Ultra Low Dropout Fixed Positive Voltage Regulator
logo
List of Unclassifed Man...
TS29150 ETC1-TS29150 Datasheet
124Kb / 5P
   1.5A Ultra Low Dropout Fixed Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS39150 TSC-TS39150 Datasheet
116Kb / 5P
   1.5A Ultra Low Dropout Fixed Positive Voltage Regulator
TS1583 TSC-TS1583 Datasheet
135Kb / 7P
   1.5A Dual Input Low Dropout Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com