Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SN74ALVC245DWR Datasheet(PDF) 4 Page - Texas Instruments |
|
|
SN74ALVC245DWR Datasheet(HTML) 4 Page - Texas Instruments |
4 / 11 page SN74ALVC245 OCTAL BUS TRANSCEIVER WITH 3STATE OUTPUTS SCES271C − APRIL 1999 − REVISED SEPTEMBER 2003 4 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 electrical characteristics over recommended operating free-air temperature range (unless otherwise noted) PARAMETER TEST CONDITIONS VCC MIN TYP† MAX UNIT IOH = −100 µA 1.65 V to 3.6 V VCC−0.2 IOH = −4 mA 1.65 V 1.2 IOH = −6 mA 2.3 V 2 VOH 2.3 V 1.7 V VOH IOH = −12 mA 2.7 V 2.2 V IOH = −12 mA 3 V 2.4 IOH = −24 mA 3 V 2 IOL = 100 µA 1.65 V to 3.6 V 0.2 IOL = 4 mA 1.65 V 0.45 VOL IOL = 6 mA 2.3 V 0.4 V VOL IOL = 12 mA 2.3 V 0.7 V IOL = 12 mA 2.7 V 0.4 IOL = 24 mA 3 V 0.55 II VI = VCC or GND 3.6 V ±5 µA IOZ‡ VO = VCC or GND 3.6 V ±10 µA ICC VI = VCC or GND, IO = 0 3.6 V 10 µA ∆ICC One input at VCC − 0.6 V, Other inputs at VCC or GND 3 V to 3.6 V 750 µA Ci Control inputs VI = VCC or GND 3.3 V 4.5 pF Cio A or B ports VO = VCC or GND 3.3 V 11.5 pF † All typical values are at VCC = 3.3 V, TA = 25°C. ‡ For I/O ports, the parameter IOZ includes the input leakage current. switching characteristics over recommended operating free-air temperature range (unless otherwise noted) (see Figure 1) PARAMETER FROM (INPUT) TO (OUTPUT) VCC = 1.8 V ± 0.15 V VCC = 2.5 V ± 0.2 V VCC = 2.7 V VCC = 3.3 V ± 0.3 V UNIT PARAMETER (INPUT) (OUTPUT) MIN MAX MIN MAX MIN MAX MIN MAX UNIT tpd A or B B or A 1.5 6 1 3.5 3.6 1.3 3.4 ns ten OE A or B 3.4 8.6 2 6 6.3 1.6 5.5 ns tdis OE A or B 2.7 8 1 4.8 5.3 1.7 5.5 ns operating characteristics, TA = 25°C PARAMETER TEST CONDITIONS VCC = 1.8 V VCC = 2.5 V VCC = 3.3 V UNIT PARAMETER TEST CONDITIONS TYP TYP TYP UNIT Cpd Power dissipation capacitance Outputs enabled CL = 0, f = 10 MHz 25 27 30 pF Cpd Power dissipation capacitance per transceiver Outputs disabled CL = 0, f = 10 MHz 0 0 0 pF |
Número de pieza similar - SN74ALVC245DWR |
|
Descripción similar - SN74ALVC245DWR |