Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74LVQ125M Datasheet(PDF) 1 Page - STMicroelectronics

No. de pieza 74LVQ125M
Descripción Electrónicos  QUAD BUS BUFFERS 3-STATE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LVQ125M Datasheet(HTML) 1 Page - STMicroelectronics

  74LVQ125M Datasheet HTML 1Page - STMicroelectronics 74LVQ125M Datasheet HTML 2Page - STMicroelectronics 74LVQ125M Datasheet HTML 3Page - STMicroelectronics 74LVQ125M Datasheet HTML 4Page - STMicroelectronics 74LVQ125M Datasheet HTML 5Page - STMicroelectronics 74LVQ125M Datasheet HTML 6Page - STMicroelectronics 74LVQ125M Datasheet HTML 7Page - STMicroelectronics 74LVQ125M Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
74LVQ125
QUAD BUS BUFFERS (3-STATE)
®
February 1999
PIN CONNECTION AND IEC LOGIC SYMBOLS
s
HIGH SPEED: tPD = 5 ns (TYP.) at VCC = 3.3V
s
COMPATIBLE WITH TTL OUTPUTS
s
LOW POWER DISSIPATION:
ICC =4
µA (MAX.) at TA =25 oC
s
LOW NOISE:
VOLP = 0.3 V (TYP.) at VCC =3.3V
s
75
Ω TRANSMISSION LINE DRIVING
CAPABILITY
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH|=IOL = 12 mA (MIN)
s
PCI BUS LEVELS GUARANTEED AT 24mA
s
BALANCED PROPAGATION DELAYS:
tPLH
≅ tPHL
s
OPERATING VOLTAGE RANGE:
VCC (OPR) = 2V to 3.6V (1.2V Data Retention)
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 125
s
IMPROVED LATCH-UP IMMUNITY
DESCRIPTION
The LVQ125 is a low voltage CMOS QUAD BUS
BUFFERS fabricated with sub-micron silicon gate
and
double-layer
metal
wiring
C
2MOS
technology. It is ideal for low power and low noise
3.3V applications.
The device requires the same 3-STATE control
input G to be set high to place the output in to the
high impedance state.
It has better speed performance at 3.3V than 5V
LS-TTL family combined with the true CMOS low
power consumption.
All inputs
and
outputs are
equipped with
protection circuits against static discharge, giving
them 2KV ESD immunity and transient excess
voltage.
ORDER CODES :
74LVQ125M
74LVQ125T
M
(Micro Package)
T
(TSSOP Package)
1/8


Número de pieza similar - 74LVQ125M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
74LVQ125MTR STMICROELECTRONICS-74LVQ125MTR Datasheet
232Kb / 12P
   LOW VOLTAGE QUAD BUS BUFFERS (3-STATE)
More results

Descripción similar - 74LVQ125M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
M54HC125 STMICROELECTRONICS-M54HC125 Datasheet
256Kb / 9P
   QUAD BUS BUFFERS 3-STATE
March 2004
74ACT125 STMICROELECTRONICS-74ACT125 Datasheet
75Kb / 8P
   QUAD BUS BUFFERS 3-STATE
May 1997
74VHC125 STMICROELECTRONICS-74VHC125 Datasheet
61Kb / 8P
   QUAD BUS BUFFERS 3-STATE
June 1999
74VHC126 STMICROELECTRONICS-74VHC126 Datasheet
61Kb / 8P
   QUAD BUS BUFFERS (3-STATE)
June 1999
74ACT125MTR STMICROELECTRONICS-74ACT125MTR Datasheet
178Kb / 9P
   QUAD BUS BUFFERS (3-STATE)
July 2001
M54HCT125 STMICROELECTRONICS-M54HCT125 Datasheet
254Kb / 10P
   QUAD BUS BUFFERS 3-STATE
74AC125 STMICROELECTRONICS-74AC125 Datasheet
170Kb / 9P
   QUAD BUS BUFFERS (3-STATE)
74VHCT125A STMICROELECTRONICS-74VHCT125A Datasheet
60Kb / 8P
   QUAD BUS BUFFERS 3-STATE
August 1999
74VHCT126A STMICROELECTRONICS-74VHCT126A Datasheet
60Kb / 8P
   QUAD BUS BUFFERS 3-STATE
March 2000
74VHC125 STMICROELECTRONICS-74VHC125_04 Datasheet
239Kb / 12P
   QUAD BUS BUFFERS (3-STATE)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com