Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TL103WIDR Datasheet(PDF) 2 Page - Texas Instruments |
|
|
TL103WIDR Datasheet(HTML) 2 Page - Texas Instruments |
2 / 12 page www.ti.com Typical Application Circuit SMPS _ + OPAMP2 _ + OPAMP1 TL103W/A Current Sense AC Line Opto Isolator Battery R6 R3 R4 R5 R8 R2 R1 R7 R9 Constant Voltage Control Constant Current Control 2.5 V TL103W, TL103WA DUAL OPERATIONAL AMPLIFIERS WITH INTERNAL REFERENCE SLOS437J – APRIL 2004 – REVISED JULY 2005 ORDERING INFORMATION MAX VIO AND VREF TA TOLERANCE PACKAGE(1) ORDERABLE PART NUMBER TOP-SIDE MARKING (25 °C) QFN (DRJ) Reel of 1000 TL103WAIDRJR PREVIEW A grade Tube of 75 TL103WAID 3 mV, 0.4% SOIC (D) Z103WQ Reel of 2500 TL103WAIDR –40 °C to 105°C QFN (DRJ) Reel of 1000 TL103WIDRJR PREVIEW Standard grade Tube of 75 TL103WID 4 mV, 0.7% SOIC (D) Z103W Reel of 2500 TL103WIDR (1) Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at www.ti.com/sc/package. Figure 1. TL103W/A in a Constant-Current and Constant-Voltage Battery Charger 2 |
Número de pieza similar - TL103WIDR |
|
Descripción similar - TL103WIDR |