Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LBY87C-Q1R2-35 Datasheet(PDF) 9 Page - OSRAM GmbH

No. de pieza LBY87C-Q1R2-35
Descripción Electrónicos  Lead (Pb) Free Product - RoHS Compliant
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  OSRAM [OSRAM GmbH]
Página de inicio  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LBY87C-Q1R2-35 Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button LBY87C-Q1R2-35 Datasheet HTML 5Page - OSRAM GmbH LBY87C-Q1R2-35 Datasheet HTML 6Page - OSRAM GmbH LBY87C-Q1R2-35 Datasheet HTML 7Page - OSRAM GmbH LBY87C-Q1R2-35 Datasheet HTML 8Page - OSRAM GmbH LBY87C-Q1R2-35 Datasheet HTML 9Page - OSRAM GmbH LBY87C-Q1R2-35 Datasheet HTML 10Page - OSRAM GmbH LBY87C-Q1R2-35 Datasheet HTML 11Page - OSRAM GmbH LBY87C-Q1R2-35 Datasheet HTML 12Page - OSRAM GmbH LBY87C-Q1R2-35 Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
LB Y87C
2005-12-02
9
Maßzeichnung
8)
Seite 15
Package Outlines
8)
page 15
Gewicht / Approx. weight:
6 mg
Gurtung / Polarität und Lage
8)
Seite 15
Verpackungseinheit 3000/Rolle, ø180 mm
oder 10000/Rolle, ø330 mm
Method of Taping / Polarity and Orientation
8)
page 15
Packing unit 3000/reel, ø180 mm
or 10000/reel, ø330 mm
GPLY6058
0 ... 0.1 (0 ... 0.004)
0.7 (0.028)
0.5 (0.020)
1.0 (0.039)
1.2 (0.047)
Cathode
1.3 (0.051)
1.1 (0.043)
(0.4 (0.016))
(0.6 (0.024))
0.25 (0.010)
0.20 (0.008)
Light emitting area
typ. 1.7 × 0.7
A
C
OHAY1515
1.5 (0.059)
4 (0.157)
2 (0.079)
0.9 (0.035)
1.25 (0.049)
0.3 (0.012) max.
1.4 (0.055)


Número de pieza similar - LBY87C-Q1R2-35

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
OSRAM GmbH
LBY87S OSRAM-LBY87S Datasheet
436Kb / 16P
   Lead (Pb) Free Product - RoHS Compliant
More results

Descripción similar - LBY87C-Q1R2-35

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
OSRAM GmbH
LOV196 OSRAM-LOV196 Datasheet
572Kb / 14P
   Lead (Pb) Free Product - RoHS Compliant
LGA676 OSRAM-LGA676 Datasheet
406Kb / 15P
   Lead (Pb) Free Product - RoHS Compliant
LGP47K OSRAM-LGP47K Datasheet
452Kb / 16P
   Lead (Pb) Free Product RoHS Compliant
LSA67B OSRAM-LSA67B Datasheet
369Kb / 15P
   Lead (Pb) Free Product - RoHS Compliant
LSQ971 OSRAM-LSQ971 Datasheet
463Kb / 13P
   Lead (Pb) Free Product - RoHS Compliant
LGN971 OSRAM-LGN971 Datasheet
363Kb / 13P
   Lead (Pb) Free Product - RoHS Compliant
LHQ974 OSRAM-LHQ974 Datasheet
344Kb / 13P
   Lead (Pb) Free Product - RoHS Compliant
LWP473 OSRAM-LWP473 Datasheet
501Kb / 17P
   Lead (Pb) Free Product RoHS Compliant
LYA675 OSRAM-LYA675 Datasheet
385Kb / 15P
   Lead (Pb) Free Product - RoHS Compliant
LWA67C OSRAM-LWA67C Datasheet
446Kb / 16P
   Lead (Pb) Free Product - RoHS Compliant
BPX38 OSRAM-BPX38_99 Datasheet
421Kb / 8P
   Lead (Pb) Free Product - RoHS Compliant
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com