Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LBW5SN-GZJX-35 Datasheet(PDF) 9 Page - OSRAM GmbH

No. de pieza LBW5SN-GZJX-35
Descripción Electrónicos  Platinum DRAGON짰 Lead (Pb) Free Product - RoHS Compliant
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  OSRAM [OSRAM GmbH]
Página de inicio  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LBW5SN-GZJX-35 Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button LBW5SN-GZJX-35 Datasheet HTML 5Page - OSRAM GmbH LBW5SN-GZJX-35 Datasheet HTML 6Page - OSRAM GmbH LBW5SN-GZJX-35 Datasheet HTML 7Page - OSRAM GmbH LBW5SN-GZJX-35 Datasheet HTML 8Page - OSRAM GmbH LBW5SN-GZJX-35 Datasheet HTML 9Page - OSRAM GmbH LBW5SN-GZJX-35 Datasheet HTML 10Page - OSRAM GmbH LBW5SN-GZJX-35 Datasheet HTML 11Page - OSRAM GmbH LBW5SN-GZJX-35 Datasheet HTML 12Page - OSRAM GmbH LBW5SN-GZJX-35 Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Released
LD W5SN, LB W5SN, LT W5SN
2008-01-08
9
Durchlassstrom
2) Seite 20
Forward Current
2) page 20
I
F = f (VF); TA = 25 °C
Relativer Lichtstrom
2) 7) Seite 20
Relative Luminous Flux
2) 7) page 20
Φ
V/ΦV(700 mA) = f (IF); TA = 25 °C,
Relative Vorwärtsspannung
2) Seite 20
Relative Forward Voltage
2) page 20
ΔV
F = VF - VF(25 °C) = f (Tj); IF = 700 mA
Relative Strahlungsleistung
2) 7) Seite 20
Relative Radiant Power
2) 7) page 20
Φ
E/ΦE(700 mA) = f (IF); TA = 25 °C
3.5
2
2.0
10
1
10
3.0
2.5
10
3
mA
4.5
4.0 V
OHL02520
5
5
VF
F
I
V (700 mA)
V
I
F
10
1
10
2
10
3
mA
5
5
OHL02613
Φ
Φ
0
10
-1
10
blue
true green
2
OHL02808
Tj
-40
-0.1
-0.2
-0.3
0
0.1
-20
0
20 40
0.2
0.4
˚C
60
100
-60
V
VF
Δ
E (700 mA)
E
I
F
10
1
10
2
10
3
mA
5
5
OHL03552
Φ
Φ
0
10
-1
10
deep blue
2


Número de pieza similar - LBW5SN-GZJX-35

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
LBW5SG ETC1-LBW5SG Datasheet
200Kb / 14P
   Vorlaufige Daten Preliminary Data
logo
OSRAM GmbH
LBW5SG OSRAM-LBW5SG Datasheet
168Kb / 14P
   white SMD package, colorless clear
logo
List of Unclassifed Man...
LBW5SG-DYEZ-35 ETC1-LBW5SG-DYEZ-35 Datasheet
200Kb / 14P
   Vorlaufige Daten Preliminary Data
logo
OSRAM GmbH
LBW5SM OSRAM-LBW5SM Datasheet
680Kb / 21P
   Automotive Interior Lighting
LBW5SM-FZHX-35 OSRAM-LBW5SM-FZHX-35 Datasheet
638Kb / 21P
   Automotive Interior Lighting
More results

Descripción similar - LBW5SN-GZJX-35

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
OSRAM GmbH
Q65110A6011 OSRAM-Q65110A6011 Datasheet
290Kb / 17P
   Platinum DRAGON짰 Enhanced thin film LED Lead (Pb) Free Product - RoHS Compliant
LOV196 OSRAM-LOV196 Datasheet
572Kb / 14P
   Lead (Pb) Free Product - RoHS Compliant
LGA676 OSRAM-LGA676 Datasheet
406Kb / 15P
   Lead (Pb) Free Product - RoHS Compliant
LGP47K OSRAM-LGP47K Datasheet
452Kb / 16P
   Lead (Pb) Free Product RoHS Compliant
LSA67B OSRAM-LSA67B Datasheet
369Kb / 15P
   Lead (Pb) Free Product - RoHS Compliant
LSQ971 OSRAM-LSQ971 Datasheet
463Kb / 13P
   Lead (Pb) Free Product - RoHS Compliant
LGN971 OSRAM-LGN971 Datasheet
363Kb / 13P
   Lead (Pb) Free Product - RoHS Compliant
LHQ974 OSRAM-LHQ974 Datasheet
344Kb / 13P
   Lead (Pb) Free Product - RoHS Compliant
LWP473 OSRAM-LWP473 Datasheet
501Kb / 17P
   Lead (Pb) Free Product RoHS Compliant
LYA675 OSRAM-LYA675 Datasheet
385Kb / 15P
   Lead (Pb) Free Product - RoHS Compliant
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com