Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
UA78M05IKVURG3 Datasheet(PDF) 8 Page - Texas Instruments |
|
|
UA78M05IKVURG3 Datasheet(HTML) 8 Page - Texas Instruments |
8 / 20 page www.ti.com Electrical Characteristics Electrical Characteristics µA78M00 SERIES POSITIVE-VOLTAGE REGULATORS SLVS059P – JUNE 1976 – REVISED OCTOBER 2005 at specified virtual junction temperature, V I = 17 V, IO = 350 mA, TJ = 25°C (unless otherwise noted) µA78M10C PARAMETER TEST CONDITIONS(1) UNIT MIN TYP MAX 9.6 10 10.4 Output voltage VI = 12.5 V to 25 V, IO = 5 mA to 350 mA V TJ = 0°C to 125°C 9.5 10.5 VI = 12.5 V to 28 V 7 100 Input voltage regulation IO = 200 mA mV VI = 14 V to 28 V 2 50 IO = 100 mA, TJ = 0°C to 125°C 59 VI = 15 V to 25 V, Ripple rejection dB f = 120 Hz IO = 300 mA 55 80 IO = 5 mA to 500 mA 25 200 Output voltage regulation mV IO = 5 mA to 200 mA 10 100 Temperature coefficient IO = 5 mA, TJ = 0°C to 125°C –1 mV/ °C of output voltage Output noise voltage f = 10 Hz to 100 kHz 64 µV Dropout voltage 2 V Bias current 4.7 6 mA VI = 12.5 V to 28 V, IO = 200 mA, TJ = 0°C to 125°C 0.8 Bias current change mA IO = 5 mA to 350 mA, TJ = 0°C to 125°C 0.5 Short-circuit output VI = 35 V 245 mA current Peak output current 0.7 A (1) All characteristics are measured with a 0.33- µF capacitor across the input and a 0.1-µF capacitor across the output. Pulse-testing techniques maintain TJ as close to TA as possible. Thermal effects must be taken into account separately. at specified virtual junction temperature, V I = 19 V, IO = 350 mA, TJ = 25°C (unless otherwise noted) µA78M12C PARAMETER TEST CONDITIONS(1) UNIT MIN TYP MAX 11.5 12 12.5 Output voltage VI = 14.5 V to 27 V, IO = 5 mA to 350 mA V TJ = 0°C to 125°C 11.4 12.6 VI = 14.5 V to 30 V 8 100 Input voltage regulation IO = 200 mA mV VI = 16 V to 30 V 2 50 IO = 100 mA, TJ = 0°C to 125°C 55 VI = 15 V to 25 V, Ripple rejection dB f = 120 Hz IO = 300 mA 55 80 IO = 5 mA to 500 mA 25 240 Output voltage regulation mV IO = 5 mA to 200 mA 10 120 Temperature coefficient IO = 5 mA, TJ = 0°C to 125°C –1 mV/ °C of output voltage Output noise voltage f = 10 Hz to 100 kHz 75 µV Dropout voltage 2 V Bias current 4.8 6 mA VI = 14.5 V to 30 V, IO = 200 mA, TJ = 0°C to 125°C 0.8 Bias current change mA IO = 5 mA to 350 mA, TJ = 0°C to 125°C 0.5 Short-circuit output VI = 35 V 240 mA current Peak output current 0.7 A (1) All characteristics are measured with a 0.33- µF capacitor across the input and a 0.1-µF capacitor across the output. Pulse-testing techniques maintain TJ as close to TA as possible. Thermal effects must be taken into account separately. 8 |
Número de pieza similar - UA78M05IKVURG3 |
|
Descripción similar - UA78M05IKVURG3 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |