Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TLC071IDRG4 Datasheet(PDF) 2 Page - Texas Instruments |
|
TLC071IDRG4 Datasheet(HTML) 2 Page - Texas Instruments |
2 / 50 page TLC070, TLC071, TLC072, TLC073, TLC074, TLC075, TLC07xA FAMILY OF WIDEBANDWIDTH HIGHOUTPUT DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS SLOS219E − JUNE 1999 − REVISED SEPTEMBER 2006 2 WWW.TI.COM POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251−1443 TLC070 and TLC071 AVAILABLE OPTIONS PACKAGED DEVICES TA SMALL OUTLINE † SMALL OUTLINE † SYMBOL PLASTIC DIP TA SMALL OUTLINE (D)† SMALL OUTLINE (DGN)† SYMBOL PLASTIC DIP (P) 0 °C to 70°C TLC070CD TLC071CD TLC070CDGN TLC071CDGN xxTIACS xxTIACU TLC070CP TLC071CP −40 °C to 125°C TLC070ID TLC071ID TLC070IDGN TLC071IDGN xxTIACT xxTIACV TLC070IP TLC071IP −40 °C to 125°C TLC070AID TLC071AID — — — — TLC070AIP TLC071AIP † This package is available taped and reeled. To order this packaging option, add an R suffix to the part number (e.g., TLC070CDR). TLC072 and TLC073 AVAILABLE OPTIONS PACKAGED DEVICES TA SMALL OUTLINE MSOP PLASTIC DIP PLASTIC DIP TA OUTLINE (D)† (DGN)† SYMBOL‡ (DGQ)† SYMBOL‡ DIP (N) DIP (P) 0 °C to 70°C TLC072CD TLC073CD TLC072CDGN — xxTIADV — — TLC073CDGQ — xxTIADX — TLC073CN TLC072CP — −40 °C to 125°C TLC072ID TLC073ID TLC072IDGN — xxTIADW — — TLC073IDGQ — xxTIADY — TLC073IN TLC072IP — −40 °C to 125°C TLC072AID TLC073AID — — — — — — — — — TLC073AIN TLC072AIP — † This package is available taped and reeled. To order this packaging option, add an R suffix to the part number (e.g., TLC072CDR). ‡ xx represents the device date code. TLC074 and TLC075 AVAILABLE OPTIONS PACKAGED DEVICES TA SMALL OUTLINE (D)† PLASTIC DIP (N) TSSOP (PWP)† 0 °C to 70°C TLC074CD TLC075CD TLC074CN TLC075CN TLC074CPWP TLC075CPWP −40 °C to 125°C TLC074ID TLC075ID TLC074IN TLC075IN TLC074IPWP TLC075IPWP −40 °C to 125°C TLC074AID TLC075AID TLC074AIN TLC075AIN TLC074AIPWP TLC075AIPWP † This package is available taped and reeled. To order this packaging option, add an R suffix to the part number (e.g., TLC074CDR). |
Número de pieza similar - TLC071IDRG4 |
|
Descripción similar - TLC071IDRG4 |