Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74LVCZ161284AGRG4 Datasheet(PDF) 7 Page - Texas Instruments

No. de pieza 74LVCZ161284AGRG4
Descripción Electrónicos  19-BIT IEEE STD 1284 TRANSLATION TRANSCEIVER WITH ERROR-FREE POWER UP
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

74LVCZ161284AGRG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button 74LVCZ161284AGRG4 Datasheet HTML 3Page - Texas Instruments 74LVCZ161284AGRG4 Datasheet HTML 4Page - Texas Instruments 74LVCZ161284AGRG4 Datasheet HTML 5Page - Texas Instruments 74LVCZ161284AGRG4 Datasheet HTML 6Page - Texas Instruments 74LVCZ161284AGRG4 Datasheet HTML 7Page - Texas Instruments 74LVCZ161284AGRG4 Datasheet HTML 8Page - Texas Instruments 74LVCZ161284AGRG4 Datasheet HTML 9Page - Texas Instruments 74LVCZ161284AGRG4 Datasheet HTML 10Page - Texas Instruments 74LVCZ161284AGRG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
www.ti.com
PARAMETER MEASUREMENT INFORMATION
Output
(see Note C)
From
B or Y Output
Under Test
SLEW RATE A-TO-B OR A-TO-Y LOAD (TOTEM POLE)
VOLTAGE WAVEFORMS MEASURED AT TP1
SLEW RATE WAVEFORMS (B8−B1 AND Y13−Y9)
62
CL = 50 pF
(see Note A)
TP1
VCC CABLE
CL = 50 pF
(see Note A)
Sink Load
Source Load
62
A-TO-B LOAD OR A-TO-Y LOAD (OPEN DRAIN)
VOLTAGE WAVEFORMS MEASURED AT TP1, B SIDE
2.7 V
VOH
VOL
0 V
1.4 V
1.4 V
2 V
2 V
0.8 V
0.8 V
tr
tf
TP1
From
B or Y Output
CL = 50 pF
(see Note A)
500
VCC CABLE
NOTES: A. CL includes probe and jig capacitance.
B. When VCC CABLE is 3.3 V " 0.3 V, slew rate is measured between 0.4 V and 0.9 V for the rising edge and between 2.4 V and
1.9 V for the falling edge. When VCC CABLE is 5 V " 0.5 V, slew rate is measured between 0.4 V and 1.9 V for the rising edge and
between 95% VCC CABLE and 50% VCC CABLE for the falling edge.
C. Input rise (tr) and fall (tf) times are 3 ns. Rise and fall times (open drain) are <120 ns.
D. The outputs are measured one at a time, with one transition per measurement.
E. tPLZ and tPHZ are the same as tdis.
F. tPZL and tPZH are the same as ten.
G. tPLH and tPHL are the same as tpd.
Input
(see Note C)
0 V
2.7 V
Input
(see Note B)
Output
(see Note B)
Output
(see Note B)
tf1
95% (VCC CABLE = 5 V"0.5 V)
50% (VCC CABLE = 5 V"0.5 V)
1.9 V (VCC CABLE = 5 V"0.5 V)
0.4 V
tr1
t
slew fall
+ VCC
95% * 50%
t
f1
t
slew rise
+
1.9 V – 0.4 V
t
r1
SN74LVCZ161284A
19-BIT IEEE STD 1284 TRANSLATION TRANSCEIVER
WITH ERROR-FREE POWER UP
SCES358B – SEPTEMBER 2001 – REVISED MAY 2005
Figure 2. Load Circuits and Voltage Waveforms
7


Número de pieza similar - 74LVCZ161284AGRG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
74LVCZ161284A STMICROELECTRONICS-74LVCZ161284A Datasheet
437Kb / 12P
   LOW VOLTAGE HIGH SPEED IEEE 1284 TRANSCEIVER WITH ERROR-FREE POWER-UP
July 2005
74LVCZ161284ATTR STMICROELECTRONICS-74LVCZ161284ATTR Datasheet
437Kb / 12P
   LOW VOLTAGE HIGH SPEED IEEE 1284 TRANSCEIVER WITH ERROR-FREE POWER-UP
July 2005
More results

Descripción similar - 74LVCZ161284AGRG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74LVCE161284 TI-SN74LVCE161284_07 Datasheet
336Kb / 16P
[Old version datasheet]   19-BIT IEEE STD 1284 TRANSLATION TRANSCEIVER WITH ERROR-FREE POWER UP
SN74LVCZ161284A TI-SN74LVCZ161284A_05 Datasheet
140Kb / 11P
[Old version datasheet]   19-BIT IEEE STD 1284 TRANSLATION TRANSCEIVER WITH ERROR-FREE POWER UP
SN74LVCE161284 TI-SN74LVCE161284_08 Datasheet
365Kb / 16P
[Old version datasheet]   19-BIT IEEE STD 1284 TRANSLATION TRANSCEIVER WITH ERROR-FREE POWER UP
SN74LVCZ161284A TI-SN74LVCZ161284A Datasheet
159Kb / 10P
[Old version datasheet]   19-BIT IEEE 1284 TRANSLATION TRANSCEIVER WITH ERROR-FREE POWER UP
SN74LVCE161284 TI-SN74LVCE161284 Datasheet
238Kb / 14P
[Old version datasheet]   19 BIT IEEE 1284 TRANSLATION TRANSCEIVER WITH ERROR FREE POWER UP
logo
STMicroelectronics
74LVCZ161284A STMICROELECTRONICS-74LVCZ161284A Datasheet
437Kb / 12P
   LOW VOLTAGE HIGH SPEED IEEE 1284 TRANSCEIVER WITH ERROR-FREE POWER-UP
July 2005
logo
Fairchild Semiconductor
74ACT1284 FAIRCHILD-74ACT1284 Datasheet
226Kb / 7P
   IEEE 1284 Transceiver
74VHC161284 FAIRCHILD-74VHC161284 Datasheet
205Kb / 11P
   IEEE 1284 Transceiver
74ACT1284 FAIRCHILD-74ACT1284_00 Datasheet
265Kb / 7P
   IEEE 1284 Transceiver
AN-5010 FAIRCHILD-AN-5010 Datasheet
220Kb / 10P
   IEEE 1284 Interface Design Solutions
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com