Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74VHCU04TTR Datasheet(PDF) 3 Page - STMicroelectronics

No. de pieza 74VHCU04TTR
Descripción Electrónicos  HEX INVERTER SINGLE STAGE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74VHCU04TTR Datasheet(HTML) 3 Page - STMicroelectronics

  74VHCU04TTR Datasheet HTML 1Page - STMicroelectronics 74VHCU04TTR Datasheet HTML 2Page - STMicroelectronics 74VHCU04TTR Datasheet HTML 3Page - STMicroelectronics 74VHCU04TTR Datasheet HTML 4Page - STMicroelectronics 74VHCU04TTR Datasheet HTML 5Page - STMicroelectronics 74VHCU04TTR Datasheet HTML 6Page - STMicroelectronics 74VHCU04TTR Datasheet HTML 7Page - STMicroelectronics 74VHCU04TTR Datasheet HTML 8Page - STMicroelectronics 74VHCU04TTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
74VHCU04
3/11
Table 6: DC Specifications
Table 7: AC Electrical Characteristics (Input tr = tf = 3ns)
(*) Voltage range is 3.3V
± 0.3V
(**) Voltage range is 5.0V
± 0.5V
Table 8: Capacitive Characteristics
1) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without
load. (Refer to Test Circuit). Average operating current can be obtained by the following equation. ICC(opr) = CPD x VCC x fIN + ICC/6 (per gate)
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
VIH
High Level Input
Voltage
2.0
1.7
1.7
1.7
V
3.0 to
5.5
0.8VCC
0.8VCC
0.8VCC
VIL
Low Level Input
Voltage
2.0
0.3
V
3.0 to
5.5
0.2
VCC
0.2
VCC
0.2
VCC
VOH
High Level
Output Voltage
2.0
IO=-50 µA
1.8
2.0
1.8
1.8
V
3.0
IO=-50 µA
2.7
3.0
2.7
2.7
4.5
IO=-50 µA
4.0
4.5
4.0
4.0
3.0
IO=-4 mA
2.58
2.48
2.48
4.5
IO=-8 mA
3.94
3.8
3.8
VOL
Low Level Output
Voltage
2.0
IO=50 µA
0.0
0.2
0.2
0.2
V
3.0
IO=50 µA
0.0
0.3
0.3
0.3
4.5
IO=50 µA
0.0
0.5
0.5
0.5
3.0
IO=4 mA
0.36
0.44
0.44
4.5
IO=8 mA
0.36
0.44
0.44
II
Input Leakage
Current
0 to
5.5
VI = 5.5V or GND
± 0.1
± 1.0
± 1.0
µA
ICC
Quiescent Supply
Current
5.5
VI = VCC or GND
220
20
µA
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
CL
(pF)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
tPLH
tPHL
Propagation Delay
Time
3.3(*)
15
5.0
8.9
1.0
10.5
1.0
10.5
ns
3.3(*)
50
7.5
11.4
1.0
13.0
1.0
13.0
5.0(**)
15
3.5
5.5
1.0
6.5
1.0
6.5
ns
5.0(**)
50
5.0
7.0
1.0
8.0
1.0
8.0
Symbol
Parameter
Test Condition
Value
Unit
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
CIN
Input Capacitance
510
10
10
pF
CPD
Power Dissipation
Capacitance
(note 1)
13
pF


Número de pieza similar - 74VHCU04TTR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
74VHCU04 FAIRCHILD-74VHCU04 Datasheet
75Kb / 8P
   Hex Inverter
74VHCU04 FAIRCHILD-74VHCU04 Datasheet
291Kb / 9P
   Hex Inverter
logo
ON Semiconductor
74VHCU04 ONSEMI-74VHCU04 Datasheet
222Kb / 9P
   Hex Inverter
February 2008 Rev. 1.4.0
logo
Fairchild Semiconductor
74VHCU04M FAIRCHILD-74VHCU04M Datasheet
75Kb / 8P
   Hex Inverter
74VHCU04M FAIRCHILD-74VHCU04M Datasheet
291Kb / 9P
   Hex Inverter
More results

Descripción similar - 74VHCU04TTR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
M54HCU04 STMICROELECTRONICS-M54HCU04 Datasheet
232Kb / 8P
   HEX INVERTER SINGLE STAGE
July 2004
74LVCU04A STMICROELECTRONICS-74LVCU04A_04 Datasheet
230Kb / 11P
   LOW VOLTAGE CMOS HEX INVERTER (SINGLE STAGE) HIGH PERFORMANCE
74LVCU04A STMICROELECTRONICS-74LVCU04A Datasheet
166Kb / 8P
   LOW VOLTAGE CMOS HEX INVERTER (SINGLE STAGE) HIGH PERFORMANCE
74V1GU04 STMICROELECTRONICS-74V1GU04 Datasheet
48Kb / 7P
   SINGLE INVERTER SINGLE STAGE
74V1GU04 STMICROELECTRONICS-74V1GU04_04 Datasheet
110Kb / 9P
   SINGLE INVERTER (SINGLE STAGE)
74V2GU04 STMICROELECTRONICS-74V2GU04 Datasheet
125Kb / 7P
   TRIPLE INVERTER (SINGLE STAGE)
M74HCU04 STMICROELECTRONICS-M74HCU04 Datasheet
169Kb / 8P
   HEX INVERTER SINGLE STATE
74LCXU04 STMICROELECTRONICS-74LCXU04_06 Datasheet
221Kb / 15P
   Low voltage CMOS HEX inverter (single stage) with 5V tolerant inputs
74LVXU04 STMICROELECTRONICS-74LVXU04 Datasheet
203Kb / 11P
   LOW VOLTAGE CMOS HEX INVERTER (SINGLE STAGE) WITH 5V TOLERANT INPUTS
74LCXU04 STMICROELECTRONICS-74LCXU04 Datasheet
204Kb / 11P
   LOW VOLTAGE CMOS HEX INVERTER(SINGLE STAGE) WITH 5V TOLERANT INPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com