Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SB380 Datasheet(PDF) 1 Page - DAESAN ELECTRONIC CORP.

No. de pieza SB380
Descripción Electrónicos  CURRENT 3.0Amperes VOLTAGE 20 to 100 Volts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DAESAN [DAESAN ELECTRONIC CORP.]
Página de inicio  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

SB380 Datasheet(HTML) 1 Page - DAESAN ELECTRONIC CORP.

  SB380 Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. SB380 Datasheet HTML 2Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SB320 THRU SB3100
CURRENT 3.0Amperes
VOLTAGE 20 to 100 Volts
Maximum Ratings and Electrical Characteristics
Notes:
(1) Pulse test: 300μS pulse width, 1% duty cycle
(2) Thermal resistance from junction to lead vrtical P.C.B. mounted, 0.5"(12.7mm) lead length
with 2.5X2.5"(63.5X63.5mm) copper pads
(3) Measured 1MHz and reverse voltage of 4.0 volts
(Ratings at 25℃ ambient temperature unless otherwise specified, single phase, half wave, resistive or inductive
load. For capacitive load, derate by 20%)
Features
Mechanical Data
· Plastic Package has Underwriters Laboratory
Flammability Classification 94V-0
· Metal silicon junction, majority carrier conduction
· Guard ring for overvoltage protection
· Low power loss, high efficiency
· High current capability, Low forward voltage drop
· High surge capability
· For use in low voltage, high frequency inverters,
free wheeling, and polarity protection applications
· High temperature soldering guaranteed :
250℃/10 seconds at terminals,
0.375" (9.5mm) lead length, 5lbs. (2.3Kg) tension
· Case : JEDEC DO-201AD molded plastic body
· Terminals : Plated axial leads, solderable per
MIL-STD-750, Method 2026
· Polarity : Color band denotes cathode end
· Mounting Position : Any
· Weight : 0.041 ounce, 1.15 gram
Symbols
SB320
SB340
Units
Maximum repetitive peak reverse voltage
VRRM
20
30
40
Volts
Maximum RMS voltage
VRMS
0.55
0.58
Maximum DC blocking Voltage
VDC
Volts
Maximum average forward rectified current
0.375"(9.5mm) lead length(see Fig. 1)
I(AV)
3.0
Peak forward surge current 8.3ms single half
sine-wave superimposed on rated load
(JEDEC method)
80.0
Amps
Amps
Maximum instantaneous forward voltage
at 3.0A (Note 1)
VF
3.0
Volts
TA=25℃
20
Maximum instantaneous reverse
current at rated DC blocking
voltage (Note1)
TA=100℃
250
mA
Typical thermal resistance (Note 2)
40.0
℃/W
Operating junction temperature range
-55 to +125
IR
IFSM
JA
TJ
Volts
SB330
CJ
14
21
28
20
30
40
P
F
Typical junction capacitance (Note 3)
Storage temperature range
TSTG
-55 to +150
-55 to +150
0.85
SB350
SB380
50
60
80
SB360
35
42
56
50
60
80
SB3100
100
70
100
JL
10.0
10
160
Dimensions in inches and (millimeters)
DO-201AD
1.0(25.4)
MIN.
1.0(25.4)
MIN.
0.375(9.5)
0.285(7.2)
0.042(1.1)
0.037(0.9)
DIA.
0.210(5.3)
0.188(4.8)
DIA.


Número de pieza similar - SB380

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pan Jit International I...
SB380 PANJIT-SB380 Datasheet
54Kb / 2P
   3 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE - 20 to 100 Volts CURRENT - 3.0 Amperes)
logo
Nanjing International G...
SB380 DGNJDZ-SB380 Datasheet
248Kb / 2P
   3.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Galaxy Semi-Conductor H...
SB380 BILIN-SB380 Datasheet
120Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Tak Cheong Electronics ...
SB380 TAK_CHEONG-SB380 Datasheet
121Kb / 2P
   3.0AMP. Schottky Barrier Rectifier
logo
Shenzhen Taychipst Elec...
SB380 TAYCHIPST-SB380 Datasheet
1Mb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results

Descripción similar - SB380

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
DAESAN ELECTRONIC CORP.
SR302 DAESAN-SR302 Datasheet
306Kb / 2P
   CURRENT 3.0Amperes VOLTAGE 20 to 100 Volts
SS32 DAESAN-SS32 Datasheet
289Kb / 2P
   CURRENT 3.0Amperes VOLTAGE 20 to 100 Volts
SK32 DAESAN-SK32 Datasheet
289Kb / 2P
   CURRENT 3.0Amperes VOLTAGE 20 to 100 Volts
1N5820 DAESAN-1N5820 Datasheet
369Kb / 2P
   CURRENT 3.0Amperes VOLTAGE 20 to 40 Volts
logo
Microdiode Electronics ...
SS315SMB CHENDA-SS315SMB Datasheet
330Kb / 2P
   SCHOTTKY BARRIER RECTIFIER Reverse Voltage - 20 to 200 Volts Forward Current - 3.0Amperes
logo
DAESAN ELECTRONIC CORP.
SBP820 DAESAN-SBP820 Datasheet
381Kb / 2P
   CURRENT 8.0Amperes VOLTAGE 20 to 100 Volts
SR202 DAESAN-SR202 Datasheet
349Kb / 2P
   CURRENT 2.0Amperes VOLTAGE 20 to 100 Volts
SS22 DAESAN-SS22 Datasheet
310Kb / 2P
   CURRENT 2.0Amperes VOLTAGE 20 to 100 Volts
SB120 DAESAN-SB120 Datasheet
356Kb / 2P
   CURRENT 1.0Ampere VOLTAGE 20 to 100 Volts
SK52 DAESAN-SK52 Datasheet
320Kb / 2P
   CURRENT 5.0Amperes VOLTAGE 20 to 100 Volts
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com