Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TMP32C6416DGLZA300 Datasheet(PDF) 4 Page - Texas Instruments

No. de pieza TMP32C6416DGLZA300
Descripción Electrónicos  FIXED-POINT DIGITAL SIGNAL PROCESSORS
Download  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TMP32C6416DGLZA300 Datasheet(HTML) 4 Page - Texas Instruments

  TMP32C6416DGLZA300 Datasheet HTML 1Page - Texas Instruments TMP32C6416DGLZA300 Datasheet HTML 2Page - Texas Instruments TMP32C6416DGLZA300 Datasheet HTML 3Page - Texas Instruments TMP32C6416DGLZA300 Datasheet HTML 4Page - Texas Instruments TMP32C6416DGLZA300 Datasheet HTML 5Page - Texas Instruments TMP32C6416DGLZA300 Datasheet HTML 6Page - Texas Instruments TMP32C6416DGLZA300 Datasheet HTML 7Page - Texas Instruments TMP32C6416DGLZA300 Datasheet HTML 8Page - Texas Instruments TMP32C6416DGLZA300 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 139 page
background image
TMS320C6414, TMS320C6415, TMS320C6416
FIXEDPOINT DIGITAL SIGNAL PROCESSORS
SPRS146L − FEBRUARY 2001 − REVISED JULY 2004
4
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
PAGE(S)
NO.
ADDITIONS/CHANGES/DELETIONS
87−88
Asynchronous Memory Timing section:
Timing Requirements for Asynchronous Memory Cycles for EMIFA Module table:
Added/split silicon revisions “Rev 1.1 and earlier” and “Rev 2.0” for the MIN value of parameter #7 “th(EKO1H-ARDY), Hold
time, ARDY valid after ECLKOUTx high”
Added under the “−5E0, −6E3, −7E3” column, the MIN value of “1.3” ns for “Rev 2.0”
Timing Requirements for Asynchronous Memory Cycles for EMIFB Module table:
Added/split silicon revisions “Rev 1.1 and earlier” and “Rev 2.0” for the MIN value of parameter #7 “th(EKO1H-ARDY), Hold
time, ARDY valid after ECLKOUTx high”
Added under the “−5E0, −6E3, −7E3” column, the MIN value of “1.3” ns for “Rev 2.0”
106
HOLD/HOLDA Timing section:
Timing Requirements for the HOLD/HOLDA Cycles for EMIFA and EMIFB modules table:
Changed parameter NO. 3 from “toh(HOLDAL-HOLDL)” to “th(HOLDAL-HOLDL)”
108
Reset Timing section:
Timing Requirements for Reset table:
Changed the MIN value of parameter No. 16, tsu(boot) from “4P” to “4E or 4C” ns
Added associated footnote to identify “E” and “C”
Added parameter NO. 18, “td(PCLK−RSTH) Delay time, PCLK active to RESET high” with a MIN value of “32N” ns
Changed parameter NO. 18 description from “td(PCLK−RSTH) Delay time, PCLK active to RESET high” to “tsu(PCLK-RSTH),
Setup time, PCLK active before RESET high”
Added associated footnote to identify “N” and restraints
Switching Characteristics Over Recommended Operating Conditions During Reset table:
Moved parameter NO. 18, “td(PCLK−RSTH) Delay time, PCLK active to RESET high” to the Timing Requirements for Reset
table
Updated footnote symbols
111
Host-Port Interface (HPI) Timing section:
Switching Characteristics Over Recommended Operating Conditions During Host-Port Interface Cycles table:
Added “mode, 2nd half-word” to parameter NO. 16 “td(HSTBL-HDV), Delay time, HSTROBE low to HD valid (HPI16 only)”
118
Peripheral Component Interconnect (PCI) Timing [C6415 AND C6416 ONLY] section:
Switching Characteristics Over Recommended Operating Conditions for Serial EEPROM Interface table:
Changed parameter NO. 6 description from “tosu(DOV-CLKH), Output setup time, XSP_DO valid after XSP_CLK high” to
“tosu(DOV-CLKH), Output setup time, XSP_DO valid before XSP_CLK high”
120−121
Multichannel Buffered Serial Port (McBSP) Timing section:
Switching Characteristics Over Recommended Operating Conditions for McBSP table:
Changed the MIN value of parameter #12 “tdis(CKXH-DXHZ), Disable time, DX high impedance following last data bit from
CLKX high, CLKX ext” from “−2.1” to “2.0” ns
Changed the MIN value of parameter #13 “td(CKXH-DXV), Delay time, CLKX high to DX valid, CLKX ext” from “−2.1 + D1” to
“2.0 + D1” ns
Changed the MIN value of parameter #14 “td(FXH-DXV), Delay time, FSX high to DX valid, FSX int” from “−2.3” to
“−2.3 + D1h” ns
Changed the MAX value of parameter #14 “td(FXH-DXV), Delay time, FSX high to DX valid, FSX int” from “5.6” to
“5.6 + D2h” ns
Changed the MIN value of parameter #14 “td(FXH-DXV), Delay time, FSX high to DX valid, FSX ext” from “1.9” to
“1.9 + D1h” ns
Changed the MAX value of parameter #14 “td(FXH-DXV), Delay time, FSX high to DX valid, FSX ext” from “9” to “9 + D2h” ns
Added associated footnote
Figure 51, McBSP Timing:
Added footnote for clarity


Número de pieza similar - TMP32C6416DGLZA300

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TMP32C6411AGLZ TI-TMP32C6411AGLZ Datasheet
1Mb / 119P
[Old version datasheet]   FIXED POINT DIGITAL SIGNAL PROCESSOR
TMP32C6411AZLZ TI-TMP32C6411AZLZ Datasheet
1Mb / 119P
[Old version datasheet]   FIXED POINT DIGITAL SIGNAL PROCESSOR
TMP32C6411GLZ TI-TMP32C6411GLZ Datasheet
1Mb / 119P
[Old version datasheet]   FIXED POINT DIGITAL SIGNAL PROCESSOR
TMP32C6411ZLZ TI-TMP32C6411ZLZ Datasheet
1Mb / 119P
[Old version datasheet]   FIXED POINT DIGITAL SIGNAL PROCESSOR
More results

Descripción similar - TMP32C6416DGLZA300

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TMS320VC5407 TI-TMS320VC5407 Datasheet
1Mb / 110P
[Old version datasheet]   Fixed-Point Digital Signal Processors
TMS320C6211B TI-TMS320C6211B Datasheet
1Mb / 83P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
SM320C6414-EP TI1-SM320C6414-EP Datasheet
1,019Kb / 93P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
SMJ320C6414 TI1-SMJ320C6414_16 Datasheet
1Mb / 134P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6202 TI-TMS320C6202 Datasheet
1Mb / 86P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6202 TI1-TMS320C6202_16 Datasheet
2Mb / 110P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C54X TI1-TMS320C54X_16 Datasheet
1Mb / 118P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320VC5510 TI1-TMS320VC5510_17 Datasheet
1Mb / 90P
[Old version datasheet]   Fixed-Point Digital Signal Processors
SM320C6414-EP TI1-SM320C6414-EP_16 Datasheet
1,010Kb / 93P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6416TBGLZA8 TI-TMS320C6416TBGLZA8 Datasheet
2Mb / 148P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com