Nombre de pieza
         Descripción
FCZ254-07DL

 PITCH CONNECTOR ( 1 Page)


YEONHO
100% 
Zoom Out Zoom In
   
 1 page
background image
Material
Material
Material
Material
I/NO
I/NO
I/NO
I/NO DESCRIPTION
DESCRIPTION
DESCRIPTION
DESCRIPTION
MATERIAL
MATERIAL
MATERIAL
MATERIAL
1
HOUSING
P.B.T, UL94V-0
2
ACTUATOR P.B.T, UL94V-0
3
TERMINAL
Phosphor Bronze, Tin-plated
Specification
Specification
Specification
Specification
ITEM
ITEM
ITEM
ITEM
SPEC
SPEC
SPEC
SPEC
Voltage Rating
AC/DC 250V
Current Rating
AC/DC 1A
Operating Temperature
-25
~+85
Contact Resistance
30m
MAX
Withstanding Voltage
AC1000V/1min
Insulation Resistance
1000M
MIN
Applicable Wire
-
Applicable P.C.B
1.2 ~ 1.6mm
Applicable FPC/FFC
0.125±0.03mm
Solder Height
-
Crimp Tensile Strength
-
UL FILE NO
E108706
Available Pin
Available Pin
Available Pin
Available Pin
PARTS
PARTS
PARTS
PARTS NO.
NO.
NO.
NO.
AAAA
BBBB
CCCC
DDDD
FCZ254-07DL
27.80 20.58 15.24 0.7(1.2)
FCZ254-08DL
30.34 23.12 17.78 0.7(1.2)
FCZ254-09DL
32.88 25.66 20.32 0.7(1.2)
FCZ254-10DL
35.42 28.20 22.86 0.7(1.2)
FCZ254-11DL
37.96 30.74 25.40 0.7(1.2)
FCZ254-12DL
40.50 33.28 27.94 0.7(1.2)
FCZ254-13DL
43.04 35.82 30.48 0.7(1.2)
FCZ254-14DL
45.58 38.36 33.02 1.2(0.7)
FCZ254-16DL
50.66 43.44 38.10 0.7(1.2)
FCZ254-17DL
53.20 45.98 40.64 0.7(1.2)
Yeonho Electronics
Yeonho Electronics
Yeonho Electronics
Yeonho Electronics
http://www.yeonho.com
http://www.yeonho.com
http://www.yeonho.com
http://www.yeonho.com
52
52
52
52
PCB
PCB
PCB
PCB LAYOUT
LAYOUT
LAYOUT
LAYOUT (FCZ254
(FCZ254
(FCZ254
(FCZ254-NNRDL)
-NNRDL)
-NNRDL)
-NNRDL)
PCB ASS‘Y
PCB ASS‘Y
PCB ASS‘Y
PCB ASS‘Y (FCZ254
(FCZ254
(FCZ254
(FCZ254-NNRDL)
-NNRDL)
-NNRDL)
-NNRDL)
1 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
177983-0RECEPTACLE ASSEMBLY SH TYPE O.5 BOSS LENGTH FOR FH 0.8MM PITCH B-T-B CONNECTOR 1 2 List of Unclassifed Manufacturers
FX8C-60P-SV0.6mm Pitch Stacking Height 3mm to 16mm Connector 1 2 3 4 5 MoreHirose Electric
FCZ254-08S_06PITCH CONNECTOR 1 YEONHO ELECTRONICS
YAW3963.96mm PITCH CONNECTOR 1 YEONHO ELECTRONICS
0813-1X1T-57-FINTEGRATED CONNECTOR MODULES 1 2 3 Bel Fuse Inc.
0833-2X4R-59-FINTEGRATED CONNECTOR MODULES 1 2 3 4 5 Bel Fuse Inc.
GP2A200LCS0FDetecting Distance : 2 to 22mm OPIC Output Refl ective Photointerrupter with Connector 1 2 3 4 5 MoreSharp Electrionic Components
MKT-MF06AMOLDED SOT-23 .115x .063x .040 in 6LD .0375 in PITCH 1 National Semiconductor
PC3Q65High Sensitivity Type Half Pitch Photocoupler 1 2 3 4 Sharp Electrionic Components

Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl