Nombre de pieza
         Descripción
FCZ254-13B

 2.54mm PITCH CONNECTOR ( 1 Page)


YEONHO
100% 
Zoom Out Zoom In
   
 1 page
background image
1
1
1
1
Yeonho
Yeonho
Yeonho
Yeonho Electronics
Electronics
Electronics
Electronics
http://
http://
http://
http://www.yeonho.com
www.yeonho.com
www.yeonho.com
www.yeonho.com
2.54mm
2.54mm
2.54mm
2.54mm
(0.100'') PITCH CONNECTOR
(0.100'') PITCH CONNECTOR
(0.100'') PITCH CONNECTOR
(0.100'') PITCH CONNECTOR
FCZ254-NNB
FPC/FFC
Connectors
Housing
PBT, UL94V-0
ACTUATOR
2
Phosphor Bronze, Tin-plated
TERMINAL
3
PBT, UL94V-0
HOUSING
1
MATERIAL
MATERIAL
MATERIAL
MATERIAL
DESCRIPTION
DESCRIPTION
DESCRIPTION
DESCRIPTION
I/NO
I/NO
I/NO
I/NO
Material
Material
Material
Material
PCB LAYOUT
PCB LAYOUT
PCB LAYOUT
PCB LAYOUT
PCB ASS
PCB ASS
PCB ASS
PCB ASS
‘‘‘‘Y
Y
Y
Y
30.48
34.94
44.04
FCZ254-13B
40.64
45.10
54.20
FCZ254-17B
C
C
C
C
B
B
B
B
A
A
A
A
PARTS NO.
PARTS NO.
PARTS NO.
PARTS NO.
Available Pin
Available Pin
Available Pin
Available Pin
E108706
UL FILE NO
-
Crimp Tensile Strength
-
Solder Height
0.08mm
Applicable FPC/FFC
1.2 ~ 1.6mm
Applicable P.C.B
-
Applicable Wire
1000MΩ MIN
Insulation Resistance
AC500V/1min
Withstanding Voltage
30mΩ MAX
Contact Resistance
-25℃~+85℃
Operating Temperature
AC/DC 1A
Current Rating
AC/DC 250V
Voltage Rating
SPEC
SPEC
SPEC
SPEC
ITEM
ITEM
ITEM
ITEM
Specification
Specification
Specification
Specification
1 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
FCZ254-08R_062.54mm PITCH CONNECTOR 1 YEONHO ELECTRONICS
FCZ254-07DLPITCH CONNECTOR 1 YEONHO ELECTRONICS
177983-0RECEPTACLE ASSEMBLY SH TYPE O.5 BOSS LENGTH FOR FH 0.8MM PITCH B-T-B CONNECTOR 1 2 List of Unclassifed Manufacturers
FX8C-60P-SV0.6mm Pitch Stacking Height 3mm to 16mm Connector 1 2 3 4 5 MoreHirose Electric
FCZ254-08S_06PITCH CONNECTOR 1 YEONHO ELECTRONICS
YAW3963.96mm PITCH CONNECTOR 1 YEONHO ELECTRONICS
0813-1X1T-23-FINTEGRATED CONNECTOR MODULES 1 2 3 Bel Fuse Inc.
0833-2X4R-55-FINTEGRATED CONNECTOR MODULES 1 2 3 4 5 Bel Fuse Inc.
0873-2X8R-66-FINTEGRATED CONNECTOR MODULES 1 2 3 4 5 Bel Fuse Inc.
GP2A28AJ000FFlat detecting portion Detecting Distance : 1 to 9mm OPIC Output Refl ective Photointerrupter with Connector 1 2 3 4 5 MoreSharp Electrionic Components

Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl