|
| 12508BR-04_06 |
|
|||
|
YEONHO |
|
|
1 page
Material Material Material Material I/NO I/NO I/NO I/NO DESCRIPTION DESCRIPTION DESCRIPTION DESCRIPTION MATERIAL MATERIAL MATERIAL MATERIAL 1 HOUSING PPS, UL94V-0 2 TERMINAL Phosphor Bronze, Tin-plated Available Pin Available Pin Available Pin Available Pin PARTS PARTS PARTS PARTS NO. NO. NO. NO. AAAA BBBB CCCC 12508BR-04 7.50 6.35 3.75 12508BR-05 8.75 7.60 5.00 12508BR-06 10.00 8.85 6.25 12508BR-07 11.25 10.10 7.50 12508BR-08 12.50 11.35 8.75 12508BR-09 13.75 12.60 10.00 12508BR-10 15.00 13.85 11.25 12508BR-11 16.25 15.10 12.50 12508BR-12 17.50 16.35 13.75 12508BR-13 18.75 17.60 15.00 12508BR-14 20.00 18.85 16.25 12508BR-15 21.25 20.10 17.50 12508BR-16 22.50 21.35 18.75 12508BR-17 23.75 22.60 20.00 12508BR-18 25.00 23.85 21.25 12508BR-19 26.25 25.10 22.50 12508BR-20 27.50 26.35 2375 12508BR-21 28.75 27.60 25.00 12508BR-22 30.00 28.85 26.25 12508BR-23 31.25 30.10 27.50 12508BR-24 32.50 31.35 28.75 12508BR-25 33.75 32.60 30.00 12508BR-26 35.00 33.85 31.25 12508BR-27 36.25 35.10 32.50 12508BR-28 37.50 36.35 33.75 12508BR-29 38.75 37.60 35.00 12508BR-30 40.00 38.85 36.25 Specification Specification Specification Specification ITEM ITEM ITEM ITEM SPEC SPEC SPEC SPEC Voltage Rating AC/DC 250V Current Rating AC/DC 1A Operating Temperature -25 ℃~+85℃ Contact Resistance 30m Ω MAX Withstanding Voltage AC250V/1min Insulation Resistance 500M Ω MIN Applicable Wire - Applicable P.C.B 0.8 ~ 1.6mm Applicable FPC/FFC 0.3±0.03mm Solder Height 0.15mm Crimp Tensile Strength - UL FILE NO - Yeonho Electronics Yeonho Electronics Yeonho Electronics Yeonho Electronics http://www.yeonho.com http://www.yeonho.com http://www.yeonho.com http://www.yeonho.com 38 38 38 38 PCB PCB PCB PCB LAYOUT (12508BR-NN) LAYOUT (12508BR-NN) LAYOUT (12508BR-NN) LAYOUT (12508BR-NN) PCB ASS‘Y PCB ASS‘Y PCB ASS‘Y PCB ASS‘Y (12508BR-NN) (12508BR-NN) (12508BR-NN) (12508BR-NN) |
|
Número de Pieza relacionado |
| Número de Pieza | Descripción de Componentes | Html View | Fabricante |
| 12520HS-10 | 1.25mm PITCH CONNECTOR | 1 | YEONHO ELECTRONICS |
| 12517HS-06_07 | 1.25mm PITCH CONNECTOR | 1 | YEONHO ELECTRONICS |
| 12516HS-04_06 | 1.25mm PITCH CONNECTOR | 1 | YEONHO ELECTRONICS |
| 12508HR-04_06 | 1.25mm PITCH CONNECTOR | 1 | YEONHO ELECTRONICS |
| FX8C-60P-SV | 0.6mm Pitch Stacking Height 3mm to 16mm Connector | 1 2 3 4 5 More | Hirose Electric |
| FCZ254-08S_06 | PITCH CONNECTOR | 1 | YEONHO ELECTRONICS |
| YAW396 | 3.96mm PITCH CONNECTOR | 1 | YEONHO ELECTRONICS |
| FCZ254-07DL | PITCH CONNECTOR | 1 | YEONHO ELECTRONICS |
| FCZ254-08R_06 | 2.54mm PITCH CONNECTOR | 1 | YEONHO ELECTRONICS |
| 177983-0 | RECEPTACLE ASSEMBLY SH TYPE O.5 BOSS LENGTH FOR FH 0.8MM PITCH B-T-B CONNECTOR | 1 2 | List of Unclassifed Manufacturers |
Enlace URL |
Patrocinador de Alldatasheet |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Favorito | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved© Alldatasheet.com 2003 - 2012 |
| Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com | Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl |