Nombre de pieza
         Descripción
10025HR-04

 1.00mm P1TCH CONNECTOR ( 1 Page)


YEONHO
100% 
Zoom Out Zoom In
   
 1 page
background image
Available Pin
Available Pin
Available Pin
Available Pin
PARTS
PARTS
PARTS
PARTS NO.
NO.
NO.
NO.
AAAA
BBBB
CCCC
10025HR-04
7.7
5.0
3.0
10025HR-05
8.7
6.0
4.0
10025HR-06
9.7
7.0
5.0
10025HR-07
10.7
8.0
6.0
10025HR-08
11.7
9.0
7.0
10025HR-09
12.7
10.0
8.0
10025HR-10
13.7
11.0
9.0
10025HR-11
14.7
12.0
10.0
10025HR-12
15.7
13.0
11.0
10025HR-13
16.7
14.0
12.0
10025HR-14
17.7
15.0
13.0
10025HR-15
18.7
16.0
14.0
10025HR-16
19.7
17.0
15.0
10025HR-17
20.7
18.0
16.0
10025HR-18
21.7
19.0
17.0
10025HR-19
22.7
20.0
18.0
10025HR-20
23.7
21.0
19.0
10025HR-21
24.7
22.0
20.0
10025HR-22
25.7
23.0
21.0
10025HR-23
26.7
24.0
22.0
10025HR-24
27.7
25.0
23.0
10025HR-25
28.7
26.0
24.0
Specification
Specification
Specification
Specification
ITEM
ITEM
ITEM
ITEM
SPEC
SPEC
SPEC
SPEC
Voltage Rating
AC/DC 50V
Current Rating
AC/DC 1A
Operating Temperature
-25
~+85
Contact Resistance
30m
MAX
Withstanding Voltage
AC500V/1min
Insulation Resistance
100M
MIN
Applicable Wire
-
Applicable P.C.B
0.8 ~ 1.6mm
Applicable FPC/FFC
0.30±0.03mm
Solder Height
0.15mm
Crimp Tensile Strength
-
UL FILE NO
-
Material
Material
Material
Material
I/NO
I/NO
I/NO
I/NO DESCRIPTION
DESCRIPTION
DESCRIPTION
DESCRIPTION
MATERIAL
MATERIAL
MATERIAL
MATERIAL
1
HOUSING
PA6T, UL94V-0
2
TERMINAL
Phosphor Bronze, Tin/Au-plated
3
HOOK
Brass, Tin/Au-plated
Yeonho Electronics
Yeonho Electronics
Yeonho Electronics
Yeonho Electronics
http://www.yeonho.com
http://www.yeonho.com
http://www.yeonho.com
http://www.yeonho.com
34
34
34
34
SECTION A - A''
SECTION A - A''
SECTION A - A''
SECTION A - A''
PCB
PCB
PCB
PCB LAYOUT
LAYOUT
LAYOUT
LAYOUT (10025HR-NN)
(10025HR-NN)
(10025HR-NN)
(10025HR-NN)
PCB ASS‘Y
PCB ASS‘Y
PCB ASS‘Y
PCB ASS‘Y (10025HR-NN)
(10025HR-NN)
(10025HR-NN)
(10025HR-NN)
1 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
FCZ100E-04RS-K_071.00mm PITCH CONNECTOR 1 YEONHO ELECTRONICS
FCZ100C-04RS-K_071.00mm PITCH CONNECTOR 1 YEONHO ELECTRONICS
10027HR-041.00mm P3TCH CONNECTOR 1 YEONHO ELECTRONICS
E81M0-VCYF83-LCONNECTOR PRODUCTS 1 2 3 4 5 MorePulse A Technitrol Company
0833-2X1T-33-FINTEGRATED CONNECTOR MODULES 1 2 3 4 Bel Fuse Inc.
0864-2X6R-55-FINTEGRATED CONNECTOR MODULES 1 2 3 4 5 Bel Fuse Inc.
GP1S74PJ000FGap : 5mm Slit : 0.5mm Phototransistor Output Snap-in fi xing Transmissive Photointerrupter with Connector 1 2 3 4 5 MoreSharp Electrionic Components
FCZ254-08S_06PITCH CONNECTOR 1 YEONHO ELECTRONICS
YAW3963.96mm PITCH CONNECTOR 1 YEONHO ELECTRONICS
0833-2X4R-54-FINTEGRATED CONNECTOR MODULES 1 2 3 4 5 Bel Fuse Inc.

Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl