Nombre de pieza
         Descripción
10022HS-04_07

 1.00mm P1TCH CONNECTOR ( 1 Page)


YEONHO
100% 
Zoom Out Zoom In
   
 1 page
background image
Available Pin
Available Pin
Available Pin
Available Pin
PARTS
PARTS
PARTS
PARTS NO.
NO.
NO.
NO.
AAAA
BBBB
CCCC
10022HS-04
7.0
5.0
3.0
10022HS-05
8.0
6.0
4.0
10022HS-06
9.0
7.0
5.0
10022HS-07
10.0
8.0
6.0
10022HS-08
11.0
9.0
7.0
10022HS-09
12.0
10.0
8.0
10022HS-10
13.0
11.0
9.0
10022HS-11
14.0
12.0
10.0
10022HS-12
15.0
13.0
11.0
10022HS-13
16.0
14.0
12.0
10022HS-14
17.0
15.0
13.0
10022HS-15
18.0
16.0
14.0
10022HS-16
19.0
17.0
15.0
10022HS-17
20.0
18.0
16.0
10022HS-18
21.0
19.0
17.0
10022HS-19
22.0
20.0
18.0
10022HS-20
23.0
21.0
19.0
10022HS-21
24.0
22.0
20.0
10022HS-22
25.0
23.0
21.0
10022HS-23
26.0
24.0
22.0
10022HS-24
27.0
25.0
23.0
10022HS-25
28.0
26.0
24.0
10022HS-26
29.0
27.0
25.0
10022HS-27
30.0
28.0
26.0
10022HS-28
31.0
29.0
27.0
10022HS-29
32.0
30.0
28.0
10022HS-30
33.0
31.0
29.0
10022HS-35
38.0
36.0
34.0
Specification
Specification
Specification
Specification
ITEM
ITEM
ITEM
ITEM
SPEC
SPEC
SPEC
SPEC
Voltage Rating
AC/DC 50V
Current Rating
AC/DC 0.5A
Operating Temperature
-25
~+85
Contact Resistance
30m
MAX
Withstanding Voltage
AC500V/1min
Insulation Resistance
100M
MIN
Applicable Wire
-
Applicable P.C.B
0.8 ~ 1.6mm
Applicable FPC/FFC
0.30±0.03mm
Solder Height
0.15mm
Crimp Tensile Strength
-
UL FILE NO
-
Yeonho Electronics
Yeonho Electronics
Yeonho Electronics
Yeonho Electronics
http://www.yeonho.com
http://www.yeonho.com
http://www.yeonho.com
http://www.yeonho.com 31
31
31
31
PCB
PCB
PCB
PCB LAYOUT
LAYOUT
LAYOUT
LAYOUT
PCB ASS‘Y
PCB ASS‘Y
PCB ASS‘Y
PCB ASS‘Y
Material
Material
Material
Material
I/NO
I/NO
I/NO
I/NO DESCRIPTION
DESCRIPTION
DESCRIPTION
DESCRIPTION
MATERIAL
MATERIAL
MATERIAL
MATERIAL
1
HOUSING
PPS, UL94V-0
2
TERMINAL
Phosphor Bronze, Tin-plated
1 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
10025HR-041.00mm P1TCH CONNECTOR 1 YEONHO ELECTRONICS
FCZ100E-04RS-K_071.00mm PITCH CONNECTOR 1 YEONHO ELECTRONICS
FCZ100C-04RS-K_071.00mm PITCH CONNECTOR 1 YEONHO ELECTRONICS
10027HR-041.00mm P3TCH CONNECTOR 1 YEONHO ELECTRONICS
10024HS-03_061.00mm P3TCH CONNECTOR 1 YEONHO ELECTRONICS
FCN-260microSD/TF Card Connector 1 2 3 Fujitsu Component Limited.
0826-1X4T-43-FINTEGRATED CONNECTOR MODULES 1 2 3 4 Bel Fuse Inc.
0863-2X6R-54-FINTEGRATED CONNECTOR MODULES 1 2 3 4 5 Bel Fuse Inc.
GP1A073LCSGap : 5mm Slit : 0.5mm OPIC Output Snap-in type Transmissive Photointerrupter with Connector 1 2 3 4 5 MoreSharp Electrionic Components
EPJ4007-F2Gigabit Filter Port Jack Space saving RJ-45 Connector 1 PCA ELECTRONICS INC.

Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl