Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CDCH12D58 Datasheet(PDF) 2 Page - Sumida Corporation

No. de pieza CDCH12D58
Descripción Electrónicos  POWER INDUCTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SUMIDA [Sumida Corporation]
Página de inicio  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDCH12D58 Datasheet(HTML) 2 Page - Sumida Corporation

  CDCH12D58 Datasheet HTML 1Page - Sumida Corporation CDCH12D58 Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Type: CDCH12D58/A
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2
POWER INDUCTORS <SMD Type: CDCH**/A Series>
Specification
Part Name
Stamp
Inductance
Within]
100kHz/1V
D.C.R.(mΩ)
Max.(Typ.)
(at 20℃)
Rated current
(A)(at 125℃)
1
CDCH12D58/ANP-1ØØK□
100K
10μH±10%
28(22)
3.3
CDCH12D58/ANP-12ØK□
120K
12μH±10%
32(26)
3.0
CDCH12D58/ANP-15ØK□
150K
15μH±10%
37(29)
2.8
CDCH12D58/ANP-18ØK□
180K
18μH±10%
50(40)
2.4
CDCH12D58/ANP-22ØK□
220K
22μH±10%
65(52)
2.0
CDCH12D58/ANP-27ØK□
270K
27μH±10%
72(58)
1.9
CDCH12D58/ANP-33ØK□
330K
33μH±10%
84(67)
1.8
CDCH12D58/ANP-39ØK□
390K
39μH±10%
96(76)
1.6
CDCH12D58/ANP-47ØK□
470K
47μH±10%
118(95)
1.5
CDCH12D58/ANP-56ØK□
560K
56μH±10%
141(113)
1.4
CDCH12D58/ANP-68ØK□
680K
68μH±10%
163(131)
1.3
CDCH12D58/ANP-82ØK□
820K
82μH±10%
210(168)
1.1
CDCH12D58/ANP-1Ø1K□
101K
100μH±10%
242(193)
1.0
CDCH12D58/ANP-121K□
121K
120μH±10%
276(220)
0.95
CDCH12D58/ANP-151K□
151K
150μH±10%
390(312)
0.81
CDCH12D58/ANP-181K□
181K
180μH±10%
480(384)
0.71
CDCH12D58/ANP-221K□
221K
220μH±10%
561(449)
0.66
CDCH12D58/ANP-271K□
271K
270μH±10%
812(650)
0.55
CDCH12D58/ANP-331K□
331K
330μH±10%
903(723)
0.51
CDCH12D58/ANP-391K□
391K
390μH±10%
1111(889)
0.45
Description of part name
1. Rated current: The DC current at which the inductance decreases to 90 % of it’s initial
value or when △t=30℃, whichever is lower (Ta=125℃).
D C H 1 2 D 5 8 / A N P - 1Ø Ø K □
Box
Carrier Tape


Número de pieza similar - CDCH12D58

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sumida Corporation
CDCH12D78 SUMIDA-CDCH12D78 Datasheet
212Kb / 2P
   POWER INDUCTORS
CDCH12D78/ANP-100K SUMIDA-CDCH12D78/ANP-100K Datasheet
212Kb / 2P
   POWER INDUCTORS
CDCH12D78/ANP-101K SUMIDA-CDCH12D78/ANP-101K Datasheet
212Kb / 2P
   POWER INDUCTORS
CDCH12D78/ANP-120K SUMIDA-CDCH12D78/ANP-120K Datasheet
212Kb / 2P
   POWER INDUCTORS
CDCH12D78/ANP-121K SUMIDA-CDCH12D78/ANP-121K Datasheet
212Kb / 2P
   POWER INDUCTORS
More results

Descripción similar - CDCH12D58

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
Sumida Corporation
CMD89 SUMIDA-CMD89 Datasheet
235Kb / 1P
   POWER INDUCTORS
CDH53 SUMIDA-CDH53 Datasheet
172Kb / 2P
   POWER INDUCTORS
CDRH3D14 SUMIDA-CDRH3D14 Datasheet
161Kb / 3P
   POWER INDUCTORS
CDRH2D11 SUMIDA-CDRH2D11_1 Datasheet
207Kb / 2P
   Power Inductors
CDRH5D14 SUMIDA-CDRH5D14 Datasheet
183Kb / 3P
   Power Inductors
CDRH4D22 SUMIDA-CDRH4D22_06 Datasheet
149Kb / 3P
   POWER INDUCTORS
CDRH6D12 SUMIDA-CDRH6D12_06 Datasheet
164Kb / 2P
   POWER INDUCTORS
CDRH125 SUMIDA-CDRH125_06 Datasheet
163Kb / 3P
   POWER INDUCTORS
CDRH125B SUMIDA-CDRH125B Datasheet
169Kb / 1P
   POWER INDUCTORS
logo
XFMRS Inc.
XFHCLTH XFMRS-XFHCLTH Datasheet
66Kb / 1P
   POWER INDUCTORS
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com