Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CDPH28D14FNP-6R8MC Datasheet(PDF) 1 Page - Sumida Corporation

No. de pieza CDPH28D14FNP-6R8MC
Descripción Electrónicos  Power Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SUMIDA [Sumida Corporation]
Página de inicio  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDPH28D14FNP-6R8MC Datasheet(HTML) 1 Page - Sumida Corporation

  CDPH28D14FNP-6R8MC Datasheet HTML 1Page - Sumida Corporation CDPH28D14FNP-6R8MC Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Type: CDPH28D14F
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/2
Power Inductors <SMD Type: CDPH Series>
Product Description
3.2×3.0mm Max.(L×W),1.5mm Max. Height.
Inductance range: 0.56~12μH.
Rated current range:0.58~2.69A.
Custom design is available.
Feature
Magnetically shielded construction.
Ideally used as DC-DC Converter inductors in Mobile phone,PDA,MP3/MP4,DSC/DVC etc.
RoHS Compliance.
Dimensions (mm)
* Dimensions Without Tolerance Are Approx.
Land Pattern (mm)
CONNECTION (BOTTOM VIEW)
3.0 Max.
1.0
1.5 Max.
1.2


Número de pieza similar - CDPH28D14FNP-6R8MC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sumida Corporation
CDPH28D11 SUMIDA-CDPH28D11 Datasheet
139Kb / 2P
   Power Inductors
CDPH28D11F SUMIDA-CDPH28D11F Datasheet
132Kb / 2P
   Power Inductors
CDPH28D11FNP-100M SUMIDA-CDPH28D11FNP-100M Datasheet
132Kb / 2P
   Power Inductors
CDPH28D11FNP-100MC SUMIDA-CDPH28D11FNP-100MC Datasheet
179Kb / 4P
   Ferrite core construction.
CDPH28D11FNP-100MC SUMIDA-CDPH28D11FNP-100MC Datasheet
179Kb / 3P
   SMD Power Inductor
More results

Descripción similar - CDPH28D14FNP-6R8MC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
Sumida Corporation
CMD89 SUMIDA-CMD89 Datasheet
235Kb / 1P
   POWER INDUCTORS
CDH53 SUMIDA-CDH53 Datasheet
172Kb / 2P
   POWER INDUCTORS
CDRH3D14 SUMIDA-CDRH3D14 Datasheet
161Kb / 3P
   POWER INDUCTORS
CDRH2D11 SUMIDA-CDRH2D11_1 Datasheet
207Kb / 2P
   Power Inductors
CDRH5D14 SUMIDA-CDRH5D14 Datasheet
183Kb / 3P
   Power Inductors
CDRH4D22 SUMIDA-CDRH4D22_06 Datasheet
149Kb / 3P
   POWER INDUCTORS
CDRH6D12 SUMIDA-CDRH6D12_06 Datasheet
164Kb / 2P
   POWER INDUCTORS
CDRH125 SUMIDA-CDRH125_06 Datasheet
163Kb / 3P
   POWER INDUCTORS
CDRH125B SUMIDA-CDRH125B Datasheet
169Kb / 1P
   POWER INDUCTORS
logo
XFMRS Inc.
XFHCLTH XFMRS-XFHCLTH Datasheet
66Kb / 1P
   POWER INDUCTORS
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com