Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FAN50FC3MPX Datasheet(PDF) 9 Page - Fairchild Semiconductor

No. de pieza FAN50FC3MPX
Descripción Electrónicos  8-Bit Programmable, 2- to 3-Phase FastvCore??Buck Controller
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN50FC3MPX Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button FAN50FC3MPX Datasheet HTML 5Page - Fairchild Semiconductor FAN50FC3MPX Datasheet HTML 6Page - Fairchild Semiconductor FAN50FC3MPX Datasheet HTML 7Page - Fairchild Semiconductor FAN50FC3MPX Datasheet HTML 8Page - Fairchild Semiconductor FAN50FC3MPX Datasheet HTML 9Page - Fairchild Semiconductor FAN50FC3MPX Datasheet HTML 10Page - Fairchild Semiconductor FAN50FC3MPX Datasheet HTML 11Page - Fairchild Semiconductor FAN50FC3MPX Datasheet HTML 12Page - Fairchild Semiconductor FAN50FC3MPX Datasheet HTML 13Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN50FC3 Rev. 1.0.0
9 of 21
Test Diagrams
8
8 Bit
Code
12 V
1.25 V
20k
100nF
1k
250k
10nF
10nF
SW1
SW2
SW3
VID0
VID1
VID2
VID7
VID6
VID5
VID4
VID3
VCC
EN
VIDSEL
CSCOMP
CSSUM
SS
CSREF
FB
COMP
DELAY
ILIMIT
GND
FBRTN
V
CSCOMP
CSREF
CSSUM
VCC
GND
CSA
12 V
39k
100nF
1k
1 V
+
-
+
-
23
13
12
11
14
Figure 3. Closed-Loop Output Voltage Accuracy
Figure 4. Current-Sense Amplifier VOS
COMP
CSCOMP
FB
VCC
CSREF
12 V
10k
23
5
4
13
11
V
+
-
GND
V
+
-
14
V
dV
Rt as a function of Oscillator Frequency
10
100
1000
0
1000
2000
3000
4000
5000
Oscillator Frequency (kHz)
Figure 5. Droop Voltage Accuracy
Figure 6. RT Required to Set Oscillator Frequency


Número de pieza similar - FAN50FC3MPX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN5009 FAIRCHILD-FAN5009 Datasheet
167Kb / 13P
   Dual Bootstrapped 12V MOSFET Driver
FAN5009M FAIRCHILD-FAN5009M Datasheet
167Kb / 13P
   Dual Bootstrapped 12V MOSFET Driver
FAN5009MPX FAIRCHILD-FAN5009MPX Datasheet
167Kb / 13P
   Dual Bootstrapped 12V MOSFET Driver
FAN5009MX FAIRCHILD-FAN5009MX Datasheet
167Kb / 13P
   Dual Bootstrapped 12V MOSFET Driver
FAN5018B FAIRCHILD-FAN5018B Datasheet
509Kb / 30P
   6-Bit VID Controller 2-4 Phase VR10.X Controller
More results

Descripción similar - FAN50FC3MPX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
ADP3193A ONSEMI-ADP3193A Datasheet
577Kb / 29P
   8-Bit, Programmable, 2- to 3-Phase, Synchronous Buck Controller
February 2008 ??Rev. 1
logo
Analog Devices
ADP3193A AD-ADP3193A Datasheet
1,007Kb / 32P
   8-Bit, Programmable, 2- to 3-Phase, Synchronous Buck Controller
REV. 0
logo
Fairchild Semiconductor
FAN5033 FAIRCHILD-FAN5033 Datasheet
873Kb / 39P
   8-Bit Programmable, 2- to 3-Phase, Synchronous Buck Controller
logo
ON Semiconductor
ADP3293 ONSEMI-ADP3293 Datasheet
456Kb / 30P
   8-Bit, Programmable 2- to 3-Phase Synchronous Buck Controller
July, 2009 ??Rev. 3
logo
Fairchild Semiconductor
FAN5031 FAIRCHILD-FAN5031 Datasheet
424Kb / 3P
   8-Bit Programmable, 2 to 4 Phase, Synchronous Buck Controller
logo
Analog Devices
ADP3189 AD-ADP3189 Datasheet
1Mb / 36P
   8-Bit Programmable 2- to 5-Phase Synchronous Buck Controller
REV. 0
logo
Fairchild Semiconductor
FAN5029 FAIRCHILD-FAN5029 Datasheet
443Kb / 3P
   8-Bit Programmable 2- to 5-Phase Synchronous Buck Controller
logo
Analog Devices
ADP3198 AD-ADP3198 Datasheet
1Mb / 32P
   8-Bit Programmable 2- to 4-Phase Synchronous Buck Controller
REV. A
logo
Fairchild Semiconductor
FAN5029 FAIRCHILD-FAN5029_07 Datasheet
139Kb / 3P
   8-Bit Programmable 2- to 5-Phase Synchronous Buck Controller
logo
Analog Devices
ADP3192A AD-ADP3192A Datasheet
1Mb / 32P
   8-Bit Programmable 2- to 4-Phase Synchronous Buck Controller
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com