Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

L6563A Datasheet(PDF) 10 Page - STMicroelectronics

No. de pieza L6563A
Descripción Electrónicos  Advanced transition-mode PFC controller
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6563A Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L6563A Datasheet HTML 6Page - STMicroelectronics L6563A Datasheet HTML 7Page - STMicroelectronics L6563A Datasheet HTML 8Page - STMicroelectronics L6563A Datasheet HTML 9Page - STMicroelectronics L6563A Datasheet HTML 10Page - STMicroelectronics L6563A Datasheet HTML 11Page - STMicroelectronics L6563A Datasheet HTML 12Page - STMicroelectronics L6563A Datasheet HTML 13Page - STMicroelectronics L6563A Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
Electrical characteristics
L6563 - L6563A
10/39
(1), (2) Parameters tracking each other
(3) The multiplier output is given by:
(4) Parameters guaranteed by design, functionality tested in production.
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Run function
IRUN
Input bias current
VRUN = 0 to 3 V
-1
µA
VDIS
Disable threshold
Voltage falling (2)
0.5
0.52
0.54
V
VEN
Enable threshold
Voltage rising (2)
0.56
0.6
0.64
V
Start timer
tSTART
Start timer period
75
150
300
µs
Gate driver
VOHdrop
Dropout voltage
IGDsource = 20 mA
22.6
V
IGDsource = 200 mA
2.5
3
V
VOLdrop
IGDsink = 200 mA
12
V
tf
Current fall time
30
70
ns
tr
Current rise time
40
80
ns
VOclamp
Output clamp voltage
IGDsource = 5mA; Vcc = 20V
10
12
15
V
UVLO saturation
Vcc=0 to VccOn, Isink=10mA
1.1
V
Table 5. Electrical characteristics (continued)
( -25°C < TJ < +125°C, VCC = 12V, Co = 1nF between pin GD and GND, CFF =1µF between pin VFF
and GND; unless otherwise specified)
V
CS
K
M
V
MULT
V
COMP
2.5
()
V
VFF
2
-------------------------------------------------------------
=


Número de pieza similar - L6563A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
L6563A STMICROELECTRONICS-L6563A Datasheet
765Kb / 37P
   ADVANCED TRANSITION-MODE PFC CONTROLLER
L6563ATR STMICROELECTRONICS-L6563ATR Datasheet
765Kb / 37P
   ADVANCED TRANSITION-MODE PFC CONTROLLER
More results

Descripción similar - L6563A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
DAP005 STMICROELECTRONICS-DAP005 Datasheet
530Kb / 39P
   Advanced transition-mode PFC controller
February 2007
L6563 STMICROELECTRONICS-L6563 Datasheet
765Kb / 37P
   ADVANCED TRANSITION-MODE PFC CONTROLLER
L6562AT STMICROELECTRONICS-L6562AT Datasheet
492Kb / 25P
   Transition-mode PFC controller
L6562A_0708 STMICROELECTRONICS-L6562A_0708 Datasheet
547Kb / 26P
   Transition-mode PFC controller
logo
Texas Instruments
UCC28050 TI-UCC28050 Datasheet
692Kb / 30P
[Old version datasheet]   TRANSITION MODE PFC CONTROLLER
UCC28050 TI-UCC28050_15 Datasheet
1Mb / 31P
[Old version datasheet]   TRANSITION MODE PFC CONTROLLER
logo
ADTech
ADT6011 ADTECH-ADT6011 Datasheet
264Kb / 5P
   Transition Mode PFC controller
logo
STMicroelectronics
L6562 STMICROELECTRONICS-L6562 Datasheet
249Kb / 16P
   TRANSITION-MODE PFC CONTROLLER
logo
Texas Instruments
UCC28050 TI1-UCC28050_13 Datasheet
1Mb / 32P
[Old version datasheet]   TRANSITION MODE PFC CONTROLLER
logo
Diodes Incorporated
AL6562A DIODES-AL6562A Datasheet
693Kb / 16P
   Transition Mode PFC LED Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com