Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BTA26-XXXBW Datasheet(PDF) 8 Page - STMicroelectronics

No. de pieza BTA26-XXXBW
Descripción Electrónicos  25A TRIACS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BTA26-XXXBW Datasheet(HTML) 8 Page - STMicroelectronics

Back Button BTA26-XXXBW Datasheet HTML 4Page - STMicroelectronics BTA26-XXXBW Datasheet HTML 5Page - STMicroelectronics BTA26-XXXBW Datasheet HTML 6Page - STMicroelectronics BTA26-XXXBW Datasheet HTML 7Page - STMicroelectronics BTA26-XXXBW Datasheet HTML 8Page - STMicroelectronics BTA26-XXXBW Datasheet HTML 9Page - STMicroelectronics BTA26-XXXBW Datasheet HTML 10Page - STMicroelectronics BTA26-XXXBW Datasheet HTML 11Page - STMicroelectronics BTA26-XXXBW Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Package information
BTA24, BTB24, BTA25, BTA26 and T25 series
8/12
Table 8.
RD91 Package dimensions
REF.
DIMENSIONS
Millimeters
Inches
Min.
Max.
Min.
Max.
A
40.00
1.575
A1
29.90
30.30
1.177
1.193
A2
22.00
0.867
B
27.00
1.063
B1
13.50
16.50
0.531
0.650
B2
24.00
0.945
C
14.00
0.551
C1
3.50
0.138
C2
1.95
3.00
0.077
0.118
E3
0.70
0.90
0.027
0.035
F
4.00
4.50
0.157
0.177
I
11.20
13.60
0.441
0.535
L1
3.10
3.50
0.122
0.138
L2
1.70
1.90
0.067
0.075
N1
33°
43°
33°
43°
N2
28°
38°
28°
38°
A
E3
N2
N1
B
F
I
A1
B1
L1
A2
L2
B2
C
C2
C1


Número de pieza similar - BTA26-XXXBW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sirectifier Semiconduct...
BTA26-1000 SIRECTIFIER-BTA26-1000 Datasheet
373Kb / 4P
   Discrete Triacs
BTA26-1200 SIRECTIFIER-BTA26-1200 Datasheet
373Kb / 4P
   Discrete Triacs
BTA26-400 SIRECTIFIER-BTA26-400 Datasheet
373Kb / 4P
   Discrete Triacs
logo
STMicroelectronics
BTA26-400BRG STMICROELECTRONICS-BTA26-400BRG Datasheet
135Kb / 12P
   25 A standard and Snubberless triacs
logo
Sirectifier Semiconduct...
BTA26-600 SIRECTIFIER-BTA26-600 Datasheet
373Kb / 4P
   Discrete Triacs
More results

Descripción similar - BTA26-XXXBW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tiger Electronic Co.,Lt...
BTA24-600B TGS-BTA24-600B Datasheet
128Kb / 1P
   25A TRIACS
BTA26-600BW TGS-BTA26-600BW Datasheet
67Kb / 1P
   25A TRIACS
BTA24-600C TGS-BTA24-600C Datasheet
285Kb / 1P
   25A TRIACS
logo
Unisonic Technologies
BTB24A UTC-BTB24A_15 Datasheet
165Kb / 3P
   25A TRIACS
BTB24 UTC-BTB24 Datasheet
171Kb / 3P
   25A TRIACS
logo
Tiger Electronic Co.,Lt...
BTA24-600BW TGS-BTA24-600BW Datasheet
59Kb / 1P
   25A TRIACS
BTA24-800BW TGS-BTA24-800BW Datasheet
59Kb / 1P
   25A TRIACS
TPDV1225-E TGS-TPDV1225-E Datasheet
202Kb / 1P
   25A TRIACS
logo
Kersemi Electronic Co.,...
T2550H-600T KERSEMI-T2550H-600T Datasheet
498Kb / 5P
   25A TRIACS
logo
Tiger Electronic Co.,Lt...
BTA24-600BF TGS-BTA24-600BF Datasheet
61Kb / 1P
   25A TRIACS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com