Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CD74HCT161EE4 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No. de pieza CD74HCT161EE4
Descripción Electrónicos  High-Speed CMOS Logic Presettable Counters
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

CD74HCT161EE4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button CD74HCT161EE4 Datasheet HTML 4Page - Texas Instruments CD74HCT161EE4 Datasheet HTML 5Page - Texas Instruments CD74HCT161EE4 Datasheet HTML 6Page - Texas Instruments CD74HCT161EE4 Datasheet HTML 7Page - Texas Instruments CD74HCT161EE4 Datasheet HTML 8Page - Texas Instruments CD74HCT161EE4 Datasheet HTML 9Page - Texas Instruments CD74HCT161EE4 Datasheet HTML 10Page - Texas Instruments CD74HCT161EE4 Datasheet HTML 11Page - Texas Instruments CD74HCT161EE4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
8
MR to Qn (161)
tPHL
CL = 50pF
2
-
-
210
-
265
-
315
ns
4.5
-
-
42
-
53
-
63
ns
CL = 15pF
5
-
18
-
-
-
-
-
ns
CL = 50pF
6
-
-
36
-
45
-
54
ns
MR to TC (161)
tPHL
CL = 50pF
2
-
-
210
-
265
-
315
ns
4.5
-
-
42
-
53
-
63
ns
CL = 50pF
6
-
-
36
-
45
-
54
ns
Output Transition Time
tTHL, tTLH
CL = 50pF
2
-
-
75
-
95
-
110
ns
4.5
-
-
15
-
19
-
22
ns
6
-
-
13
-
16
-
19
ns
Power Dissipation Capacitance
(Notes 7, 8)
CPD
-5
-
60
-
-
-
-
-
pF
Input Capacitance
CIN
CL = 50pF
-
10
-
10
-
10
-
10
pF
HCT TYPES
Propagation Delay
CP to TC
tPHL, tPLH
CL = 50pF
4.5
-
-
42
-
53
-
63
ns
CL = 15pF
5
-
18
-
-
-
-
-
ns
CP to Qn
tPHL, tPLH
CL = 50pF
4.5
-
-
39
-
49
-
59
ns
CL = 15pF
5
-
16
-
-
-
-
-
ns
TE to TC
tPHL, tPLH
CL = 50pF
4.5
-
-
32
-
40
-
48
ns
CL = 15pF
5
-
13
-
-
-
-
-
ns
MR to Qn (161)
tPHL
CL = 50pF
4.5
-
-
50
-
63
-
75
ns
CL = 15pF
5
-
21
-
-
-
-
-
ns
MR to TC (161)
tPHL
CL = 50pF
4.5
-
-
50
-
63
-
75
ns
Output Transition Time
tTHL, tTLH
CL = 50pF
4.5
-
-
15
-
19
-
22
ns
Power Dissipation Capacitance
(Notes 7, 8)
CPD
-5
-
63
-
-
-
-
-
pF
Input Capacitance
CIN
CL = 50pF
-
10
-
10
-
10
-
10
pF
NOTES:
7. CPD is used to determine the dynamic power consumption, per package.
8. PD =CPD VCC
2 f
i + ∑(CL VCC
2 f
O) where fi = Input Frequency, fO = Output Frequency, CL = Output Load Capacitance, VCC = Supply
Voltage.
Switching Specifications CL = 50pF, Input tr, tf = 6ns (Continued)
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC (V)
25oC
-40oC TO
85oC
-55oC TO
125oC
UNITS
MIN
TYP
MAX
MIN
MAX
MIN
MAX
CD54/74HC161, CD54/74HCT161, CD54/74HC163, CD54/74HCT163


Número de pieza similar - CD74HCT161EE4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CD74HCT161E TI-CD74HCT161E Datasheet
65Kb / 10P
[Old version datasheet]   High Speed CMOS Logic Presettable Counters
CD74HCT161E TI-CD74HCT161E Datasheet
285Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic Presettable Counters
More results

Descripción similar - CD74HCT161EE4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CD74HC161 TI-CD74HC161 Datasheet
65Kb / 10P
[Old version datasheet]   High Speed CMOS Logic Presettable Counters
CD54HCT161 TI-CD54HCT161 Datasheet
285Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic Presettable Counters
logo
IK Semicon Co., Ltd
IN74AC163 IKSEMICON-IN74AC163 Datasheet
313Kb / 9P
   Presettable Counters High-Speed Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74AC163 KODENSHI-KK74AC163 Datasheet
419Kb / 9P
   Presettable Counters High-Speed Silicon-Gate CMOS
KK74ACT163 KODENSHI-KK74ACT163 Datasheet
344Kb / 8P
   Presettable Counters High-Speed Silicon-Gate CMOS
logo
Texas Instruments
CD54HC192 TI-CD54HC192 Datasheet
355Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic Presettable Synchronous 4-Bit Up/Down Counters
logo
IK Semicon Co., Ltd
IN74ACT163 IKSEMICON-IN74ACT163 Datasheet
330Kb / 8P
   Presettable Counters High-Speed Silicon-Gate CMOS
logo
Texas Instruments
CD74HC192 TI-CD74HC192 Datasheet
67Kb / 11P
[Old version datasheet]   High Speed CMOS Logic Presettable Synchronous 4-Bit Up/Down Counters
CD54HC192 TI-CD54HC192_07 Datasheet
512Kb / 20P
[Old version datasheet]   High-Speed CMOS Logic Presettable Synchronous 4-Bit Up/Down Counters
CD54HC192 TI-CD54HC192_08 Datasheet
374Kb / 18P
[Old version datasheet]   High-Speed CMOS Logic Presettable Synchronous 4-Bit Up/Down Counters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com