Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TDC1016J5CX Datasheet(PDF) 5 Page - Fairchild Semiconductor |
|
TDC1016J5CX Datasheet(HTML) 5 Page - Fairchild Semiconductor |
5 / 12 page PRODUCT SPECIFICATION TDC1016 5 Operating Conditions Note: 1. VIH/NDIS = 2.2 Min. DC Electrical Characteristics Note: 1. Return current from VEE flows through AGND. Symbol Parameter Temperature Range Unit Standard Extended Min. Nom. Max. Min. Nom. Max. VCC Positive Supply Voltage TTL Mode 4.75 5.0 5.25 4.50 5.0 5.50 V ECL Mode -0.25 0.0 0.25 -0.25 0.0 0.25 V VEE Negative Supply Voltage -4.5 -5.0 -5.5 -4.5 -5.0 -5.5 V VAGND Analog Ground Voltage (Measured to DGND) -0.1 0.0 0.1 -0.1 0.0 0.1 V tPWL CLK Pulse Width, LOW 15 20 ns tPWH CLK Pulse Width, HIGH 15 20 ns tS Input Register Set-up Time TTL Mode 20 22 ns ECL Mode 25 27 ns tH Input Register Hold Time 2 2 ns VIL Logic 0 TTL Mode DGND 0.8 DGND 0.8 V ECL Mode -1.67 -1.67 V VIH Logic 1 TTL Mode 2.0 VCC 2.01 VCC V ECL Mode -1.0 -1.0 V VREF Reference Voltage -0.8 -1.0 -1.2 -0.8 -1.0 1.2 V CCOMP Compensation Capacitor 1.0 1.0 mF TA Ambient Temperature 0 70 °C TC Case Temperature -55 125 °C Symbol Parameter Test Conditions Temperature Range Unit Standard Extended Min. Max. Min. Max. ICC Power Supply Current TTL Mode, VCC = Max, VEE = Max 20 20 mA IEE Power Supply Current TTL Mode, VCC = Max, VEE = Max 1 -130 -150 mA IREF Reference Input Current VEE = Max, VREF = -10V 10 10 mA IIL Logic 0 Input Current TTL Mode, VCC = Max, VEE = Max -1.0 -1.0 mA ECL Mode, VCC = 0.0, VEE = Max -300 -300 mA IIH Logic 1 Input Current TTL Mode, VCC = Max, VEE = Max 75 75 mA ECL Mode, VCC = 0.0, VEE = Max 350 350 mA COUT Output Capacitance AOUT to AGND (Figure 2) 10 10 pF CIN Digital Input Capacitance Any Digital Input to DGND 35 35 pF ROUT Output Resistance AOUT to AGND (Figure 2) 70 95 70 95 W |
Número de pieza similar - TDC1016J5CX |
|
Descripción similar - TDC1016J5CX |