Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74AHC123APW Datasheet(PDF) 1 Page - NXP Semiconductors

No. de pieza 74AHC123APW
Descripción Electrónicos  Dual retriggerable monostable multivibrator with reset
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AHC123APW Datasheet(HTML) 1 Page - NXP Semiconductors

  74AHC123APW Datasheet HTML 1Page - NXP Semiconductors 74AHC123APW Datasheet HTML 2Page - NXP Semiconductors 74AHC123APW Datasheet HTML 3Page - NXP Semiconductors 74AHC123APW Datasheet HTML 4Page - NXP Semiconductors 74AHC123APW Datasheet HTML 5Page - NXP Semiconductors 74AHC123APW Datasheet HTML 6Page - NXP Semiconductors 74AHC123APW Datasheet HTML 7Page - NXP Semiconductors 74AHC123APW Datasheet HTML 8Page - NXP Semiconductors 74AHC123APW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
1.
General description
The 74AHC123A; 74AHCT123A are high-speed Si-gate CMOS devices and are pin
compatible with Low power Schottky TTL (LSTTL). They are specified in compliance with
JEDEC standard no. 7A.
The 74AHC123A; 74AHCT123A are dual retriggerable monostable multivibrators with
output pulse width control by three methods. The basic pulse time is programmed by
selection of an external resistor (REXT) and capacitor (CEXT). The external resistor and
capacitor are normally connected as shown in Figure 11.
Once triggered, the basic output pulse width may be extended by retriggering the gated
active LOW-going edge input (nA) or the active HIGH-going edge input (nB). By repeating
this process, the output pulse period (nQ = HIGH, nQ = LOW) can be made as long as
desired. Alternatively an output delay can be terminated at any time by a LOW-going edge
on input nRD, which also inhibits the triggering.
An internal connection from nRD to the input gate makes it possible to trigger the circuit by
a positive-going signal at input nRD as shown in Table 3. Figure 8 and Figure 9 illustrate
pulse control by retriggering and early reset. The basic output pulse width is essentially
determined by the value of the external timing components REXT and CEXT. When
CEXT ≥ 10 nF, the typical output pulse width is defined as: tW =REXT × CEXT where
tW = pulse width in ns; REXT = external resistor in kΩ; CEXT = external capacitor in pF.
Schmitt-trigger action at all inputs makes the circuit highly tolerant to slower input rise and
fall times. The 74AHC123A; 74AHCT123A is identical to the 74AHC423; 74AHCT423 but
can be triggered via the reset input.
2.
Features
s All inputs have a Schmitt-trigger action
s Inputs accept voltages higher than VCC
s DC triggered from active HIGH or active LOW inputs
s Retriggerable for very long pulses up to 100 % duty factor
s Direct reset terminates output pulse
s For 74AHC123A only: operates with CMOS input levels
s For 74AHCT123A only: operates with TTL input levels
s ESD protection:
x HBM JESD22-A114E exceeds 2000 V
x MM JESD22-A115-A exceeds 200 V
x CDM JESD22-C101C exceeds 1000 V
s Multiple package options
s Specified from
−40 °C to +85 °C and from −40 °C to +125 °C
74AHC123A; 74AHCT123A
Dual retriggerable monostable multivibrator with reset
Rev. 02 — 18 January 2008
Product data sheet


Número de pieza similar - 74AHC123APW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74AHC123APW PHILIPS-74AHC123APW Datasheet
111Kb / 24P
   Dual retriggerable monostable multivibrator with reset
2000 Mar 15
logo
Nexperia B.V. All right...
74AHC123APW NEXPERIA-74AHC123APW Datasheet
302Kb / 19P
   Dual retriggerable monostable multivibrator with reset
Rev. 5 - 17 June 2020
logo
NXP Semiconductors
74AHC123APW-Q100 NXP-74AHC123APW-Q100 Datasheet
326Kb / 22P
   Dual retriggerable monostable multivibrator with reset
Rev. 1-23 May 2013
logo
Nexperia B.V. All right...
74AHC123APW-Q100 NEXPERIA-74AHC123APW-Q100 Datasheet
303Kb / 20P
   Dual retriggerable monostable multivibrator with reset
Rev. 2 - 17 June 2020
More results

Descripción similar - 74AHC123APW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74LV123 NXP-74LV123 Datasheet
134Kb / 23P
   Dual retriggerable monostable multivibrator with reset
Rev. 05-8 November 2007
74AHC123A PHILIPS-74AHC123A Datasheet
111Kb / 24P
   Dual retriggerable monostable multivibrator with reset
2000 Mar 15
74HC_HCT123 PHILIPS-74HC_HCT123_15 Datasheet
267Kb / 25P
   Dual retriggerable monostable multivibrator with reset
Rev. 9-19 January 2015
logo
Nexperia B.V. All right...
74LV123 NEXPERIA-74LV123 Datasheet
310Kb / 19P
   Dual retriggerable monostable multivibrator with reset
Rev. 9 - 13 September 2021
74AHC123A-Q100 NEXPERIA-74AHC123A-Q100 Datasheet
303Kb / 20P
   Dual retriggerable monostable multivibrator with reset
Rev. 2 - 17 June 2020
logo
NXP Semiconductors
74AHC123A-Q100 NXP-74AHC123A-Q100 Datasheet
326Kb / 22P
   Dual retriggerable monostable multivibrator with reset
Rev. 1-23 May 2013
74LV423 PHILIPS-74LV423 Datasheet
156Kb / 16P
   Dual retriggerable monostable multivibrator with reset
1997 Feb 04
74AHC_AHCT123A PHILIPS-74AHC_AHCT123A_15 Datasheet
315Kb / 22P
   Dual retriggerable monostable multivibrator with reset
Rev. 4-8 November 2011
logo
Nexperia B.V. All right...
74AHCT123A NEXPERIA-74AHCT123A Datasheet
302Kb / 19P
   Dual retriggerable monostable multivibrator with reset
Rev. 5 - 17 June 2020
logo
NXP Semiconductors
74LV123 PHILIPS-74LV123 Datasheet
145Kb / 16P
   Dual retriggerable monostable multivibrator with reset
1998 Apr 20
74HC423D.653 NXP-74HC423D.653 Datasheet
295Kb / 24P
   Dual retriggerable monostable multivibrator with reset
Rev. 6-19 December 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com