Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74AUP2G17GW Datasheet(PDF) 10 Page - NXP Semiconductors

No. de pieza 74AUP2G17GW
Descripción Electrónicos  Low-power dual Schmitt trigger
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP2G17GW Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 74AUP2G17GW Datasheet HTML 6Page - NXP Semiconductors 74AUP2G17GW Datasheet HTML 7Page - NXP Semiconductors 74AUP2G17GW Datasheet HTML 8Page - NXP Semiconductors 74AUP2G17GW Datasheet HTML 9Page - NXP Semiconductors 74AUP2G17GW Datasheet HTML 10Page - NXP Semiconductors 74AUP2G17GW Datasheet HTML 11Page - NXP Semiconductors 74AUP2G17GW Datasheet HTML 12Page - NXP Semiconductors 74AUP2G17GW Datasheet HTML 13Page - NXP Semiconductors 74AUP2G17GW Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
74AUP2G17_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 10 January 2008
10 of 18
NXP Semiconductors
74AUP2G17
Low-power dual Schmitt trigger
14. Waveforms transfer characteristics
VH
hysteresis voltage
(VT+ − VT−); see Figure 9,
Figure 10, Figure 11 and
Figure 12
VCC = 0.8 V
0.07
-
0.50
0.07
0.50
0.50
V
VCC = 1.1 V
0.08
-
0.46
0.08
0.46
0.46
V
VCC = 1.4 V
0.18
-
0.56
0.18
0.56
0.56
V
VCC = 1.65 V
0.27
-
0.66
0.27
0.66
0.66
V
VCC = 2.3 V
0.53
-
0.92
0.53
0.92
0.92
V
VCC = 3.0 V
0.79
-
1.31
0.79
1.31
1.31
V
Table 11.
Transfer characteristics …continued
Voltages are referenced to GND (ground=0V; for test circuit see Figure 8.
Symbol Parameter
Conditions
25
°C
−40 °C to +125 °C
Unit
Min
Typ
Max
Min
Max
(85
°C)
Max
(125
°C)
VT+ and VT− limits at 70 % and 20 %.
Fig 9.
Transfer characteristic
Fig 10. Definition of VT+, VT− and VH
mnb154
VO
VH
VI
VT+
VT−
mnb155
VO
VI
VH
VT+
VT−


Número de pieza similar - 74AUP2G17GW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74AUP2G17GW NXP-74AUP2G17GW Datasheet
104Kb / 18P
   Low-power dual Schmitt trigger
Rev. 03-6 July 2009
logo
Nexperia B.V. All right...
74AUP2G17GW NEXPERIA-74AUP2G17GW Datasheet
266Kb / 17P
   Low-power dual Schmitt trigger
Rev. 9 - 31 January 2022
More results

Descripción similar - 74AUP2G17GW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74AUP2G17 NXP-74AUP2G17_09 Datasheet
104Kb / 18P
   Low-power dual Schmitt trigger
Rev. 03-6 July 2009
logo
Nexperia B.V. All right...
74AXP2G17 NEXPERIA-74AXP2G17 Datasheet
829Kb / 16P
   Low-power dual Schmitt trigger
74AUP2G17 NEXPERIA-74AUP2G17 Datasheet
266Kb / 17P
   Low-power dual Schmitt trigger
Rev. 9 - 31 January 2022
logo
NXP Semiconductors
74AUP2G17 PHILIPS-74AUP2G17_15 Datasheet
214Kb / 21P
   Low-power dual Schmitt trigger
Rev. 6-4 December 2012
74AUP2G14 PHILIPS-74AUP2G14_15 Datasheet
217Kb / 21P
   Low-power dual Schmitt trigger inverter
Rev. 5-4 December 2012
logo
Nexperia B.V. All right...
74AXP2G14 NEXPERIA-74AXP2G14 Datasheet
842Kb / 17P
   Low-power dual Schmitt trigger inverter
logo
Texas Instruments
SN74AUP2G14 TI1-SN74AUP2G14 Datasheet
918Kb / 23P
[Old version datasheet]   LOW-POWER DUAL SCHMITT-TRIGGER INVERTER
SN74AUP2G17 TI1-SN74AUP2G17 Datasheet
909Kb / 21P
[Old version datasheet]   LOW-POWER DUAL SCHMITT-TRIGGER BUFFER
logo
NXP Semiconductors
74AXP2G14 PHILIPS-74AXP2G14_15 Datasheet
181Kb / 16P
   Low-power dual Schmitt trigger inverter
Rev. 1-9 October 2014
logo
Texas Instruments
SN74AUP2G17 TI1-SN74AUP2G17_15 Datasheet
1Mb / 21P
[Old version datasheet]   LOW-POWER DUAL SCHMITT-TRIGGER BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com