Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDA9899HN Datasheet(PDF) 5 Page - NXP Semiconductors

No. de pieza TDA9899HN
Descripción Electrónicos  Multistandard hybrid IF processing including car mobile
Download  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA9899HN Datasheet(HTML) 5 Page - NXP Semiconductors

  TDA9899HN Datasheet HTML 1Page - NXP Semiconductors TDA9899HN Datasheet HTML 2Page - NXP Semiconductors TDA9899HN Datasheet HTML 3Page - NXP Semiconductors TDA9899HN Datasheet HTML 4Page - NXP Semiconductors TDA9899HN Datasheet HTML 5Page - NXP Semiconductors TDA9899HN Datasheet HTML 6Page - NXP Semiconductors TDA9899HN Datasheet HTML 7Page - NXP Semiconductors TDA9899HN Datasheet HTML 8Page - NXP Semiconductors TDA9899HN Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 103 page
background image
TDA9899_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 15 January 2008
5 of 103
NXP Semiconductors
TDA9899
Multistandard hybrid IF processing including car mobile
f−3dB(AF)
AF cut-off frequency
W3[2] = 0; W3[4] = 0;
without de-emphasis;
FM window
width = 237.5 kHz
80
100
-
kHz
(S/N)w(AF)
AF weighted signal-to-noise ratio
“ITU-R BS.468-4”
FM: 27 kHz FM deviation;
50
µs de-emphasis; vision
carrier unmodulated;
FM PLL only
48
56
-
dB
AM: BP off
44
50
-
dB
PSRR
power supply ripple rejection
fripple = 70 Hz; see Figure 9
14
20
-
dB
Vo(RMS)
RMS output voltage
IF intercarrier single-ended
to GND; SC1 on; SC2 off
90
140
180
mV
IF intercarrier single-ended
to GND; L standard;
without modulation; BP on;
W7[5] = 0
45
70
90
mV
FM sound part
Vi(FM)(RMS)
RMS FM input voltage
gain controlled operation;
W1[1:0] = 10 or
W1[1:0] = 11 or
W1[1:0] = 01; see Figure 14
2
-
300
mV
∆I
AFC/∆fRIF
change of AFC current with RIF
frequency
AFC radio mode
[6] 0.85
1.05
1.25
µA/kHz
αAM
AM suppression
referenced to 27 kHz
FM deviation;
50
µs de-emphasis;
AM: f = 1 kHz; m = 54 %
35
46
-
dB
Digital TV signal processing
Digital direct IF
Vo(dif)(p-p)
peak-to-peak differential output
voltage
between pin OUT2A and
pin OUT2B
[7]
W4[7] = 0
-
1.0
1.1
V
W4[7] = 1
-
0.50
0.55
V
GIF(max)
maximum IF gain
output peak-to-peak level to
input RMS level ratio
[8] -83
-
dB
GIF(cr)
control range IF gain
[8] 60
66
-
dB
PSRR
power supply ripple rejection
residual spurious at nominal
differential output voltage
dependent on power supply
ripple
[8]
fripple =70Hz
-
60
-
dB
fripple = 20 kHz
-
60
-
dB
Digital low IF
Vo(dif)(p-p)
peak-to-peak differential output
voltage
between pin OUT1A and
pin OUT1B; W4[7] = 0
[7] -2
-V
Table 1.
Quick reference data …continued
VP =5V; Tamb =25 °C.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit


Número de pieza similar - TDA9899HN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA9897 NXP-TDA9897 Datasheet
510Kb / 103P
   Multistandard hybrid IF processing
Rev. 03-11 January 2008
TDA9897 NXP-TDA9897 Datasheet
543Kb / 103P
   Multistandard hybrid IF processing
Rev. 04-25 May 2009
TDA9897HL NXP-TDA9897HL Datasheet
510Kb / 103P
   Multistandard hybrid IF processing
Rev. 03-11 January 2008
TDA9897HL/V3 NXP-TDA9897HL/V3 Datasheet
543Kb / 103P
   Multistandard hybrid IF processing
Rev. 04-25 May 2009
TDA9897HN NXP-TDA9897HN Datasheet
510Kb / 103P
   Multistandard hybrid IF processing
Rev. 03-11 January 2008
More results

Descripción similar - TDA9899HN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA9897 NXP-TDA9897 Datasheet
510Kb / 103P
   Multistandard hybrid IF processing
Rev. 03-11 January 2008
TDA9897 NXP-TDA9897_09 Datasheet
543Kb / 103P
   Multistandard hybrid IF processing
Rev. 04-25 May 2009
TDA9819 PHILIPS-TDA9819 Datasheet
267Kb / 40P
   Multistandard vision and sound-IF PLL with DVB-IF processing
1998 Jul 14
logo
TEMIC Semiconductors
TDA4471 TEMIC-TDA4471 Datasheet
289Kb / 16P
   Multistandard Video-IF and Quasi Parallel Sound Processing
TDA4470-M TEMIC-TDA4470-M Datasheet
189Kb / 16P
   Multistandard Video-IF and Quasi Parallel Sound Processing
TDA4474 TEMIC-TDA4474 Datasheet
156Kb / 17P
   Multistandard Video-IF and Quasi Parallel Sound Processing
logo
Siemens Semiconductor G...
TDA6160-2X SIEMENS-TDA6160-2X Datasheet
361Kb / 17P
   Multistandard Sound IF
TDA6160-2S SIEMENS-TDA6160-2S Datasheet
254Kb / 17P
   Multistandard Sound IF
logo
STMicroelectronics
TDA4443 STMICROELECTRONICS-TDA4443 Datasheet
150Kb / 7P
   MULTISTANDARD VIDEO IF AMPLIFIER
logo
NXP Semiconductors
TDA9884 NXP-TDA9884_06 Datasheet
301Kb / 58P
   I2C-bus controlled multistandard alignment-free IF-PLL for mobile reception
Rev. 02-12 May 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com