Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74HC4017D Datasheet(PDF) 5 Page - NXP Semiconductors

No. de pieza 74HC4017D
Descripción Electrónicos  Johnson decade counter with 10 decoded outputs
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC4017D Datasheet(HTML) 5 Page - NXP Semiconductors

  74HC4017D Datasheet HTML 1Page - NXP Semiconductors 74HC4017D Datasheet HTML 2Page - NXP Semiconductors 74HC4017D Datasheet HTML 3Page - NXP Semiconductors 74HC4017D Datasheet HTML 4Page - NXP Semiconductors 74HC4017D Datasheet HTML 5Page - NXP Semiconductors 74HC4017D Datasheet HTML 6Page - NXP Semiconductors 74HC4017D Datasheet HTML 7Page - NXP Semiconductors 74HC4017D Datasheet HTML 8Page - NXP Semiconductors 74HC4017D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
74HC_HCT4017_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 8 January 2008
5 of 23
NXP Semiconductors
74HC4017; 74HCT4017
Johnson decade counter with 10 decoded outputs
5.
Pinning information
5.1 Pinning
5.2 Pin description
Fig 6.
Pin configuration DIP16, SO16 and (T)SSOP16
Fig 7.
Pin configuration DHVQFN16
74HC4017
74HCT4017
Q5
VCC
Q1
MR
Q0
CP0
Q2
CP1
Q6
Q5-9
Q7
Q9
Q3
Q4
GND
Q8
001aah238
1
2
3
4
5
6
7
8
10
9
12
11
14
13
16
15
001aah241
74HC4017
74HCT4017
Q3
Q4
Q7
Q9
Q6
Q5-9
Q2
CP1
Q0
CP0
Q1
MR
Transparent top view
7
10
6
11
5
12
4
13
3
14
2
15
terminal 1
index area
GND(1)
Table 2.
Pin description
Symbol
Pin
Description
Q[0:9]
3, 2, 4, 7, 10, 1, 5, 6, 9, 11 decoded output
GND
8
ground (0 V)
Q5-9
12
carry output (active LOW)
CP1
13
clock input (HIGH-to-LOW edge-triggered)
CP0
14
clock input (LOW-to-HIGH edge-triggered)
MR
15
master reset input (active HIGH)
VCC
16
supply voltage


Número de pieza similar - 74HC4017D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74HC4017D PHILIPS-74HC4017D Datasheet
86Kb / 12P
   Johnson decade counter with 10 decoded outputs
December 1990
logo
Nexperia B.V. All right...
74HC4017D NEXPERIA-74HC4017D Datasheet
310Kb / 20P
   Johnson decade counter with 10 decoded outputs
Rev. 7 - 10 May 2021
74HC4017D-Q100 NEXPERIA-74HC4017D-Q100 Datasheet
757Kb / 22P
   Johnson decade counter with 10 decoded outputs
More results

Descripción similar - 74HC4017D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nexperia B.V. All right...
74HC4017-Q100 NEXPERIA-74HC4017-Q100 Datasheet
757Kb / 22P
   Johnson decade counter with 10 decoded outputs
logo
NXP Semiconductors
74HC4017 PHILIPS-74HC4017 Datasheet
86Kb / 12P
   Johnson decade counter with 10 decoded outputs
December 1990
logo
Nexperia B.V. All right...
74HCT4017 NEXPERIA-74HCT4017 Datasheet
310Kb / 20P
   Johnson decade counter with 10 decoded outputs
Rev. 7 - 10 May 2021
logo
STMicroelectronics
HCF4017B STMICROELECTRONICS-HCF4017B Datasheet
377Kb / 11P
   DECADE COUNTER WITH 10 DECODED OUTPUTS
logo
National Semiconductor ...
MM54HC4017 NSC-MM54HC4017 Datasheet
126Kb / 6P
   Decade Counter/Divider with 10 Decoded Outputs
logo
Micro Electronics
MMC4017 MICRO-ELECTRONICS-MMC4017 Datasheet
160Kb / 6P
   COUNTER/ DIVIDERS : 4017 DECADE COUNTER WITH 10 DECODED OUTPUTS
logo
Fairchild Semiconductor
CD4017BC FAIRCHILD-CD4017BC Datasheet
77Kb / 7P
   Decade Counter/Divider with 10 Decoded Outputs . Divide-by-8 Counter/Divider with 8 Decoded Outputs
CD4017BC FAIRCHILD-CD4017BC_04 Datasheet
79Kb / 7P
   Decade Counter/Divider with 10 Decoded Outputs Divide-by-8 Counter/Divider with 8 Decoded Outputs
logo
National Semiconductor ...
CD4017BM NSC-CD4017BM Datasheet
165Kb / 8P
   Decade Counter/Divider with 10 Decoded Outputs, Divide-by-8 Counter/Divider with 8 Decoded Outputs
logo
Fairchild Semiconductor
CD4017BC FAIRCHILD-CD4017BC_V01 Datasheet
81Kb / 7P
   Decade Counter/Divider with 10 Decoded Outputs • Divide-by-8 Counter/Divider with 8 Decoded Outputs
Revised January 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com