Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BTA2008-800E Datasheet(PDF) 7 Page - NXP Semiconductors

No. de pieza BTA2008-800E
Descripción Electrónicos  0.8 A Three-quadrant triacs high commutation
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

BTA2008-800E Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button BTA2008-800E Datasheet HTML 3Page - NXP Semiconductors BTA2008-800E Datasheet HTML 4Page - NXP Semiconductors BTA2008-800E Datasheet HTML 5Page - NXP Semiconductors BTA2008-800E Datasheet HTML 6Page - NXP Semiconductors BTA2008-800E Datasheet HTML 7Page - NXP Semiconductors BTA2008-800E Datasheet HTML 8Page - NXP Semiconductors BTA2008-800E Datasheet HTML 9Page - NXP Semiconductors BTA2008-800E Datasheet HTML 10Page - NXP Semiconductors BTA2008-800E Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
BTA2008_SER_D_E_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 18 January 2008
7 of 12
NXP Semiconductors
BTA2008 series D and E
0.8 A Three-quadrant triacs high commutation
7.
Dynamic characteristics
Table 6.
Dynamic characteristics
Symbol Parameter
Conditions
BTA2008-600D
BTA2008-800D
BTA2008-600E
BTA2008-800E
Unit
Min
Typ
Max
Min
Typ
Max
dVD/dt
rate of rise of off-state
voltage
VDM = 0.67 × VDRM(max);
Tj = 125 °C; exponential
waveform; gate open circuit
200
-
-
600
-
-
V/
µs
dIcom/dt rate of change of
commutating current
VDM = 400 V; Tj = 125 °C;
IT(RMS) = 0.8 A;
dV/dt = 10 V/
µs; gate open
circuit
0.5
-
-
1.6
-
-
A/ms
tgt
gate-controlled turn-on time ITM = 1 A; VD =VDRM(max);
IG = 0.1 A; dIG/dt = 5 A/µs
-2
-
-
2
-
µs
(1) T2
− G−
(2) T2+ G
(3) T2+ G+
Fig 7.
Normalized gate trigger voltage as a function
of junction temperature
Fig 8.
Normalized gate trigger current as a function
of junction temperature
Tj (°C)
−50
150
100
050
001aab101
0.8
1.2
1.6
0.4
VGT
VGT(25°C)
Tj (°C)
−50
150
100
050
001aac669
1
2
3
0
(1)
(2)
(3)
IGT
IGT(25°C)


Número de pieza similar - BTA2008-800E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
WeEn Semiconductors
BTA2008-800E WEEN-BTA2008-800E Datasheet
272Kb / 13P
   3Q Hi-Com Triac
More results

Descripción similar - BTA2008-800E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BTA212B PHILIPS-BTA212B Datasheet
49Kb / 6P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
BTA216X PHILIPS-BTA216X Datasheet
49Kb / 5P
   Three quadrant triacs high commutation
October 1999 Rev 1.000
BTA212XB PHILIPS-BTA212XB Datasheet
54Kb / 6P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
logo
WeEn Semiconductors
BTA212B WEEN-BTA212B Datasheet
923Kb / 8P
   Three quadrant triacs high commutation
logo
NXP Semiconductors
BTA312 NXP-BTA312_1 Datasheet
89Kb / 12P
   12 A Three-quadrant triacs high commutation
Rev. 01-16 April 2007
BTA312X-600D NXP-BTA312X-600D Datasheet
94Kb / 12P
   12 A Three-quadrant triacs high commutation
Rev. 01-16 April 2007
BTA316-600D NXP-BTA316-600D Datasheet
92Kb / 12P
   16 A Three-quadrant triacs high commutation
Rev. 01-18 April 2007
BTA208X-1000C0 NXP-BTA208X-1000C0 Datasheet
196Kb / 12P
   High commutation three-quadrant triacs
Rev. 01-3 September 2009
BTA208B PHILIPS-BTA208B Datasheet
22Kb / 4P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
BTA212 PHILIPS-BTA212 Datasheet
45Kb / 4P
   Three quadrant triacs high commutation
October 1997 Rev 1.000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com