Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BUK7610-55AL Datasheet(PDF) 8 Page - NXP Semiconductors

No. de pieza BUK7610-55AL
Descripción Electrónicos  N-channel TrenchMOS standard level FET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK7610-55AL Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button BUK7610-55AL Datasheet HTML 4Page - NXP Semiconductors BUK7610-55AL Datasheet HTML 5Page - NXP Semiconductors BUK7610-55AL Datasheet HTML 6Page - NXP Semiconductors BUK7610-55AL Datasheet HTML 7Page - NXP Semiconductors BUK7610-55AL Datasheet HTML 8Page - NXP Semiconductors BUK7610-55AL Datasheet HTML 9Page - NXP Semiconductors BUK7610-55AL Datasheet HTML 10Page - NXP Semiconductors BUK7610-55AL Datasheet HTML 11Page - NXP Semiconductors BUK7610-55AL Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
BUK7610-55AL_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 9 January 2008
8 of 13
NXP Semiconductors
BUK7610-55AL
N-channel TrenchMOS standard level FET
Fig 10. Gate-source threshold voltage as a function of
junction temperature
Fig 11. Sub-threshold drain current as a function of
gate-source voltage
Fig 12. Drain-source on-state resistance as a function
of gate-source voltage; typical values
Fig 13. Normalized drain-source on-state resistance
factor as a function of junction temperature
Tj (°C)
−60
180
120
060
03aa32
2
3
1
4
5
VGS(th)
(V)
0
max
typ
min
03aa35
VGS (V)
06
4
2
10−4
10−5
10−2
10−3
10−1
ID
(A)
10−6
min
typ
max
I
D =1 mA; VDS = VGS
T
j =25 °C; VDS = VGS
003aaa730
6
10
14
18
5
101520
VGS (V)
RDSon
(m
Ω)
03ne89
0
0.5
1
1.5
2
-60
0
60
120
180
Tj (
°C)
a
T
j =25 °C; ID =25 A
a =
R
DSon
R
DSon(25°C)


Número de pieza similar - BUK7610-55AL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BUK7610-55AL PHILIPS-BUK7610-55AL Datasheet
107Kb / 14P
   N-channel TrenchMOS standard level FET
Rev. 01-31 March 2005
BUK7610-55AL NXP-BUK7610-55AL Datasheet
203Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02-9 January 2008
logo
Inchange Semiconductor ...
BUK7610-55AL ISC-BUK7610-55AL Datasheet
305Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Nexperia B.V. All right...
BUK7610-55AL NEXPERIA-BUK7610-55AL Datasheet
740Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02 - 9 January 2008
logo
NXP Semiconductors
BUK7610-55AL PHILIPS-BUK7610-55AL_15 Datasheet
203Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02-9 January 2008
More results

Descripción similar - BUK7610-55AL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BUK7675-55A PHILIPS-BUK7675-55A_15 Datasheet
272Kb / 12P
   N-channel TrenchMOS standard level FETN-channel TrenchMOS standard level FET
25 August 2014
PHP34NQ11T PHILIPS-PHP34NQ11T Datasheet
91Kb / 12P
   N-channel TrenchMOS??standard level FET
Rev. 01-17 May 2004
BUK7C06-40AITE PHILIPS-BUK7C06-40AITE Datasheet
109Kb / 14P
   N-channel TrenchMOS standard level FET
Rev. 04-23 June 2005
PH20100S NXP-PH20100S Datasheet
183Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 03-2 February 2009
PHB29N08T NXP-PHB29N08T Datasheet
189Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 03-13 October 2009
PHB47NQ10T NXP-PHB47NQ10T Datasheet
205Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02-25 February 2010
PHB119NQ06T NXP-PHB119NQ06T Datasheet
191Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02-15 April 2010
PHD20N06T NXP-PHD20N06T Datasheet
379Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 02-1 December 2009
PMZ350XN NXP-PMZ350XN Datasheet
91Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 01-21 February 2008
PHP23NQ11T NXP-PHP23NQ11T Datasheet
220Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02-25 February 2010
PHP3055E NXP-PHP3055E Datasheet
248Kb / 14P
   N-channel TrenchMOS standard level FET
Rev. 07-26 February 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com