Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74LVC4245AD Datasheet(PDF) 5 Page - NXP Semiconductors

No. de pieza 74LVC4245AD
Descripción Electrónicos  Octal dual supply translating transceiver; 3-state
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC4245AD Datasheet(HTML) 5 Page - NXP Semiconductors

  74LVC4245AD Datasheet HTML 1Page - NXP Semiconductors 74LVC4245AD Datasheet HTML 2Page - NXP Semiconductors 74LVC4245AD Datasheet HTML 3Page - NXP Semiconductors 74LVC4245AD Datasheet HTML 4Page - NXP Semiconductors 74LVC4245AD Datasheet HTML 5Page - NXP Semiconductors 74LVC4245AD Datasheet HTML 6Page - NXP Semiconductors 74LVC4245AD Datasheet HTML 7Page - NXP Semiconductors 74LVC4245AD Datasheet HTML 8Page - NXP Semiconductors 74LVC4245AD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
74LVC4245A_6
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 06 — 18 January 2008
5 of 17
NXP Semiconductors
74LVC4245A
Octal dual supply translating transceiver; 3-state
9.
Static characteristics
∆t/∆V
input transition rise and fall rate
VCCB = 2.7 V to 3.0 V
-
-
20
ns/V
VCCB = 3.0 V to 3.6 V
-
-
10
ns/V
VCCA = 3.0 V to 4.5 V
-
-
20
ns/V
VCCA = 4.5 V to 5.5 V
-
-
10
ns/V
Table 5.
Recommended operating conditions …continued
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 6.
Static characteristics
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit
Tamb = −40 °C to +85 °C
VIH
HIGH-level input voltage
VCCB = 2.7 V to 3.6 V
2.0
-
-
V
VCCA = 4.5 V to 5.5 V
2.0
-
-
V
VIL
LOW-level input voltage
VCCB = 2.7 V to 3.6 V
-
-
0.8
V
VCCA = 4.5 V to 5.5 V
-
-
0.8
V
VOH
HIGH-level output voltage VI =VIH or VIL
VCCB = 2.7 V to 3.6 V; IO = −100 µAVCCB − 0.2
VCCB
-V
VCCB = 2.7 V; IO = −12 mA
VCCB − 0.5
-
-
V
VCCB = 3.0 V; IO = −24 mA
VCCB − 0.8
-
-
V
VCCA = 4.5 V to 5.5 V; IO = −100 µAVCCA − 0.2
VCCA
-V
VCCA = 4.5 V; IO = −12 mA
VCCA − 0.5
-
-
V
VCCA = 4.5 V; IO = −24 mA
VCCA − 0.8
-
-
V
VOL
LOW-level output voltage
VI =VIH or VIL
VCCB = 2.7 V to 3.6 V; IO = 100 µA
-
-
0.20
V
VCCB = 2.7 V; IO = 12 mA
-
-
0.40
V
VCCB = 3.0 V; IO = 24 mA
-
-
0.55
V
VCCA = 4.5 V to 5.5 V; IO = 100 µA
-
-
0.20
V
VCCA = 4.5 V; IO = 12 mA
-
-
0.40
V
VCCA = 4.5 V; IO = 24 mA
-
-
0.55
V
II
input leakage current
VI = 5.5 V or GND
-
±0.1
±5
µA
IOZ
OFF-state output current
VI =VIH or VIL
[2]
VCCB = 3.6 V; VO = VCCB or GND
-
±0.1
±5
µA
VCCA = 5.5 V; VO = VCCA or GND
-
±0.1
±5
µA
ICC
supply current
IO =0 A
VCCB = 3.6 V;
other inputs at VCCB or GND
-
0.1
10
µA
VCCA = 5.5 V;
other inputs at VCCA or GND
-
0.1
10
µA


Número de pieza similar - 74LVC4245AD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74LVC4245AD PHILIPS-74LVC4245AD Datasheet
90Kb / 16P
   Octal dual supply translating transceiver; 3-state
1999 Jun 15
logo
Nexperia B.V. All right...
74LVC4245AD NEXPERIA-74LVC4245AD Datasheet
280Kb / 15P
   Octal dual supply translating transceiver; 3-state
Rev. 13 - 27 August 2021
74LVC4245AD-Q100 NEXPERIA-74LVC4245AD-Q100 Datasheet
830Kb / 17P
   Octal dual supply translating transceiver; 3-state
logo
NXP Semiconductors
74LVC4245ADB PHILIPS-74LVC4245ADB Datasheet
90Kb / 16P
   Octal dual supply translating transceiver; 3-state
1999 Jun 15
74LVC4245ADH PHILIPS-74LVC4245ADH Datasheet
90Kb / 16P
   Octal dual supply translating transceiver; 3-state
1999 Jun 15
More results

Descripción similar - 74LVC4245AD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nexperia B.V. All right...
74LVC4245A-Q100 NEXPERIA-74LVC4245A-Q100 Datasheet
830Kb / 17P
   Octal dual supply translating transceiver; 3-state
logo
NXP Semiconductors
74LVC4245A PHILIPS-74LVC4245A Datasheet
90Kb / 16P
   Octal dual supply translating transceiver; 3-state
1999 Jun 15
logo
Nexperia B.V. All right...
74LVC4245A NEXPERIA-74LVC4245A Datasheet
280Kb / 15P
   Octal dual supply translating transceiver; 3-state
Rev. 13 - 27 August 2021
logo
NXP Semiconductors
74AVCH1T45 NXP-74AVCH1T45_09 Datasheet
124Kb / 22P
   Dual supply translating transceiver; 3-state
Rev. 02-5 May 2009
74LVC2T45 PHILIPS-74LVC2T45_1 Datasheet
1Mb / 36P
   Dual supply translating transceiver; 3-state
Rev. 4-20 August 2010
74LVC1T45 NXP-74LVC1T45 Datasheet
884Kb / 30P
   Dual supply translating transceiver; 3-state
Rev. 02-19 January 2010
74LVC2T45 NXP-74LVC2T45 Datasheet
907Kb / 32P
   Dual supply translating transceiver; 3-state
Rev. 03-19 January 2010
logo
Nexperia B.V. All right...
74LVC2T45 NEXPERIA-74LVC2T45 Datasheet
418Kb / 33P
   Dual supply translating transceiver; 3-state
Rev. 12 - 1 March 2023
74LVC1T45 NEXPERIA-74LVC1T45 Datasheet
386Kb / 30P
   Dual supply translating transceiver; 3-state
Rev. 9 - 10 February 2022
logo
NXP Semiconductors
74AVC1T45 NXP-74AVC1T45 Datasheet
119Kb / 21P
   Dual supply translating transceiver; 3-state
Rev. 02-5 May 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com