Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
S-1000C28-I4T1G Datasheet(PDF) 4 Page - Seiko Instruments Inc |
|
S-1000C28-I4T1G Datasheet(HTML) 4 Page - Seiko Instruments Inc |
4 / 38 page ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR S-1000 Series Rev.2.3_00 4 Seiko Instruments Inc. 2. Product name list 2. 1 Nch open-drain output products Table 1 Detection voltage range SC-82AB SOT-23-5 SNT-4A 1.5 V ± 1.0% S-1000N15-N4T1G S-1000N15-M5T1G S-1000N15-I4T1G 1.6 V ± 1.0% S-1000N16-N4T1G S-1000N16-M5T1G S-1000N16-I4T1G 1.7 V ± 1.0% S-1000N17-N4T1G S-1000N17-M5T1G S-1000N17-I4T1G 1.8 V ± 1.0% S-1000N18-N4T1G S-1000N18-M5T1G S-1000N18-I4T1G 1.9 V ± 1.0% S-1000N19-N4T1G S-1000N19-M5T1G S-1000N19-I4T1G 2.0 V ± 1.0% S-1000N20-N4T1G S-1000N20-M5T1G S-1000N20-I4T1G 2.1 V ± 1.0% S-1000N21-N4T1G S-1000N21-M5T1G S-1000N21-I4T1G 2.2 V ± 1.0% S-1000N22-N4T1G S-1000N22-M5T1G S-1000N22-I4T1G 2.3 V ± 1.0% S-1000N23-N4T1G S-1000N23-M5T1G S-1000N23-I4T1G 2.4 V ± 1.0% S-1000N24-N4T1G S-1000N24-M5T1G S-1000N24-I4T1G 2.5 V ± 1.0% S-1000N25-N4T1G S-1000N25-M5T1G S-1000N25-I4T1G 2.6 V ± 1.0% S-1000N26-N4T1G S-1000N26-M5T1G S-1000N26-I4T1G 2.7 V ± 1.0% S-1000N27-N4T1G S-1000N27-M5T1G S-1000N27-I4T1G 2.8 V ± 1.0% S-1000N28-N4T1G S-1000N28-M5T1G S-1000N28-I4T1G 2.9 V ± 1.0% S-1000N29-N4T1G S-1000N29-M5T1G S-1000N29-I4T1G 3.0 V ± 1.0% S-1000N30-N4T1G S-1000N30-M5T1G S-1000N30-I4T1G 3.1 V ± 1.0% S-1000N31-N4T1G S-1000N31-M5T1G S-1000N31-I4T1G 3.2 V ± 1.0% S-1000N32-N4T1G S-1000N32-M5T1G S-1000N32-I4T1G 3.3 V ± 1.0% S-1000N33-N4T1G S-1000N33-M5T1G S-1000N33-I4T1G 3.4 V ± 1.0% S-1000N34-N4T1G S-1000N34-M5T1G S-1000N34-I4T1G 3.5 V ± 1.0% S-1000N35-N4T1G S-1000N35-M5T1G S-1000N35-I4T1G 3.6 V ± 1.0% S-1000N36-N4T1G S-1000N36-M5T1G S-1000N36-I4T1G 3.7 V ± 1.0% S-1000N37-N4T1G S-1000N37-M5T1G S-1000N37-I4T1G 3.8 V ± 1.0% S-1000N38-N4T1G S-1000N38-M5T1G S-1000N38-I4T1G 3.9 V ± 1.0% S-1000N39-N4T1G S-1000N39-M5T1G S-1000N39-I4T1G 4.0 V ± 1.0% S-1000N40-N4T1G S-1000N40-M5T1G S-1000N40-I4T1G 4.1 V ± 1.0% S-1000N41-N4T1G S-1000N41-M5T1G S-1000N41-I4T1G 4.2 V ± 1.0% S-1000N42-N4T1G S-1000N42-M5T1G S-1000N42-I4T1G 4.3 V ± 1.0% S-1000N43-N4T1G S-1000N43-M5T1G S-1000N43-I4T1G 4.4 V ± 1.0% S-1000N44-N4T1G S-1000N44-M5T1G S-1000N44-I4T1G 4.5 V ± 1.0% S-1000N45-N4T1G S-1000N45-M5T1G S-1000N45-I4T1G 4.6 V ± 1.0% S-1000N46-N4T1G S-1000N46-M5T1G S-1000N46-I4T1G |
Número de pieza similar - S-1000C28-I4T1G |
|
Descripción similar - S-1000C28-I4T1G |