Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRLU4343PBF Datasheet(PDF) 7 Page - International Rectifier

No. de pieza IRLU4343PBF
Descripción Electrónicos  DIGITAL AUDIO MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

IRLU4343PBF Datasheet(HTML) 7 Page - International Rectifier

Back Button IRLU4343PBF Datasheet HTML 3Page - International Rectifier IRLU4343PBF Datasheet HTML 4Page - International Rectifier IRLU4343PBF Datasheet HTML 5Page - International Rectifier IRLU4343PBF Datasheet HTML 6Page - International Rectifier IRLU4343PBF Datasheet HTML 7Page - International Rectifier IRLU4343PBF Datasheet HTML 8Page - International Rectifier IRLU4343PBF Datasheet HTML 9Page - International Rectifier IRLU4343PBF Datasheet HTML 10Page - International Rectifier IRLU4343PBF Datasheet HTML 11Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
www.irf.com
7
IRLR/U4343PbF & IRLU4343-701PbF
D-Pak (TO-252AA) Part Marking Information
D-Pak (TO-252AA) Package Outline
Dimensions are shown in millimeters (inches)
12
IN T HE AS S EMBLY LINE "A"
AS S EMB LED ON WW 16, 1999
EXAMPLE:
WIT H AS S EMBLY
T HIS IS AN IRF R120
LOT CODE 1234
YEAR 9 = 1999
DAT E CODE
WEEK 16
PART NUMBER
LOGO
INT ERNAT IONAL
RECT IF IER
ASSEMBLY
LOT CODE
916A
IRF U120
34
YEAR 9 = 1999
DAT E CODE
OR
P = DES IGNAT ES LEAD-F REE
PRODUCT (OPT IONAL)
Note: "P" in as s embly line pos ition
indicates "Lead-F ree"
12
34
WEEK 16
A = ASSEMBLY SITE CODE
PART NUMBER
IRF U120
LINE A
LOGO
LOT CODE
AS S EMBLY
INT ERNAT IONAL
RE CT IF IER


Número de pieza similar - IRLU4343PBF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRLU4343 IRF-IRLU4343 Datasheet
255Kb / 10P
   DIGITAL AUDIO MOSFET
IRLU4343-701 IRF-IRLU4343-701 Datasheet
255Kb / 10P
   DIGITAL AUDIO MOSFET
More results

Descripción similar - IRLU4343PBF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRFSL5620PBF IRF-IRFSL5620PBF Datasheet
338Kb / 9P
   DIGITAL AUDIO MOSFET
IRFSL5615PBF IRF-IRFSL5615PBF Datasheet
351Kb / 9P
   DIGITAL AUDIO MOSFET
IRF6785MTRPBF IRF-IRF6785MTRPBF Datasheet
604Kb / 9P
   DIGITAL AUDIO MOSFET
IRLIB4343 IRF-IRLIB4343 Datasheet
239Kb / 7P
   DIGITAL AUDIO MOSFET
IRLIB9343PBF IRF-IRLIB9343PBF Datasheet
208Kb / 7P
   DIGITAL AUDIO MOSFET
IRLR9343PBF IRF-IRLR9343PBF Datasheet
299Kb / 10P
   DIGITAL AUDIO MOSFET
IRFI4019H-117P IRF-IRFI4019H-117P Datasheet
286Kb / 7P
   DIGITAL AUDIO MOSFET
IRFS5620PBF IRF-IRFS5620PBF Datasheet
338Kb / 9P
   DIGITAL AUDIO MOSFET
IRFB5620PBF IRF-IRFB5620PBF Datasheet
274Kb / 7P
   DIGITAL AUDIO MOSFET
IRLIB9343 IRF-IRLIB9343 Datasheet
190Kb / 7P
   DIGITAL AUDIO MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com