Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

GS5T24-5D15 Datasheet(PDF) 1 Page - STMicroelectronics

No. de pieza GS5T24-5D15
Descripción Electrónicos  5W TRIPLE OUTPUT DC-DC CONVERTER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GS5T24-5D15 Datasheet(HTML) 1 Page - STMicroelectronics

  GS5T24-5D15 Datasheet HTML 1Page - STMicroelectronics GS5T24-5D15 Datasheet HTML 2Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GS5T24-5D15
5W TRIPLE OUTPUT DC-DC CONVERTER
June 1994
1/2
Type
Vi
Vo
Io
GS5T24-5D15
17,5 to 30
+5 V
200 mA
+ 15 V
125 mA
- 15 V
– 125 mA
DESCRIPTION
The GS5T24-5D15 is a 5W DC-DC converter de-
signed to provide three isolated outputs: 5V/200mA
and a dual
±15V/±125mA.
The module operates from a 24V input source and
offers 2500VDC isolation voltage. A high level
TTL/CMOS compatible input will enable the unit; a
low input will inhibit it.
ELECTRICAL CHARACTERISTICS (Tamb.=25
° C unless otherwise specified)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
Vi
Input Voltage
Vo1 =5V
Io1 = 0 to 200mA
Vo2 = 15V
Io2 = 0 to 125mA
Vo3 = – 15V
Io3 = 0 to – 125mA
17.5
24.0
30.0
V
Iir
Input Reflected Current
Vi = 17.5 to 30V
Full Load on All Outputs
75
mApp
Vo1
Output Voltage 1
Vi = 17.5 to 30V Io1 = 0 to 200mA
4.75
5.00
5.25
V
Vo2
Output Voltage 2
Vi = 17.5 to 30V Io2 = 0 to 125mA
14.25
15.00
15.75
V
Vo3
Output Voltage 3
Vi = 17.5 to 30V Io3 = 0 to – 125mA
– 14.25 – 15.00 – 15.75
V
Vor1
Output Ripple Voltage 1
Vi = 24V
Full Load on All Outputs
30
mVpp
Vor2
Output Ripple Voltage 2
Vi = 24V
Full Load on All Outputs
90
mVpp
Vor3
Output Ripple Voltage 3
Vi = 24V
Full Load on All Outputs
90
mVpp
Io1
Output Current 1
Vi = 17.5 to 30V
Vo1 =5V
0
200
mA
Io2
Output Current 2
Vi = 17.5 to 30V Io3 = 0 to 125mA
Vo2 = 15V
0
125
mA
Io3
Output Current 3
Vi = 17.5 to 30V Io2 = 0 to – 125mA
Vo3 = – 15V
0
125
mA
Vis
Isolation Voltage
2500
VDC
fs
Switching Frequency
120
kHz
η
Efficiency
Vi = 24V
Full Load on All Outputs
65
70
%
Top
Operating Ambient
Temperature Range
Still air
0
+40
°C
Top
Operating Ambient
Temperature Range
Forced ventilation, air speed = 100 LFM
0
+60
°C
Tstg
Storage Temperature
Range
– 20
+85
°C


Número de pieza similar - GS5T24-5D15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
GS5T48-12 STMICROELECTRONICS-GS5T48-12 Datasheet
47Kb / 3P
   5 W DC-DC CONVERTER
GS5T48-15 STMICROELECTRONICS-GS5T48-15 Datasheet
49Kb / 3P
   5 W DC-DC CONVERTER
GS5T48-5 STMICROELECTRONICS-GS5T48-5 Datasheet
43Kb / 2P
   5 W DC-DC CONVERTER
More results

Descripción similar - GS5T24-5D15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mean Well Enterprises C...
PSD-05-SPEC MEANWELL-PSD-05-SPEC Datasheet
287Kb / 2P
   5W Single Output DC-DC Converter
PSD-05 MEANWELL-PSD-05_09 Datasheet
289Kb / 2P
   5W Single Output DC-DC Converter
SCW05-SPEC MEANWELL-SCW05-SPEC Datasheet
160Kb / 1P
   5W DC-DC Regulated Single Output Converter
SLW05 MEANWELL-SLW05 Datasheet
185Kb / 1P
   5W DC-DC Regulated Single Output Converter
SCW05 MEANWELL-SCW05_11 Datasheet
162Kb / 1P
   5W DC-DC Regulated Single Output Converter
SPB05 MEANWELL-SPB05 Datasheet
61Kb / 1P
   5W DC-DC Regulated Single Output Converter
DLW05 MEANWELL-DLW05 Datasheet
187Kb / 1P
   5W DC-DC Regulated Dual Output Converter
DCW05 MEANWELL-DCW05 Datasheet
191Kb / 1P
   5W DC-DC Regulated Dual Output Converter
logo
Wall Industries,Inc.
RA4805UW5 WALL-RA4805UW5 Datasheet
388Kb / 10P
   5W DC-DC Converter
logo
MORNSUN Science& Techno...
JY240816D-30W MORNSUN-JY240816D-30W Datasheet
225Kb / 2P
   UNREGULATED,TRIPLE OUTPUT DC-DC CONVERTER
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com